Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSF01S30SC Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # DSF01S30SC
Description  High-Speed Switching Application
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

DSF01S30SC Datasheet(HTML) 3 Page - Toshiba Semiconductor

  DSF01S30SC Datasheet HTML 1Page - Toshiba Semiconductor DSF01S30SC Datasheet HTML 2Page - Toshiba Semiconductor DSF01S30SC Datasheet HTML 3Page - Toshiba Semiconductor DSF01S30SC Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DSF01S30SC
2009-12-03
3
IR - VR
0.1
1
10
100
1000
0
5
10
15
20
25
30
Ta=75℃
50℃
25℃
IF - VF
0.001
0.01
0.1
1
10
100
0
0.1
0.2
0.3
0.4
0.5
0.6
FORWARD VOLTAGE VF (V)
REVERSE VOLTAGE VR (V)
Ta=75℃
50℃
25℃
0℃
-25℃
CT - VR
1
10
0
5
10
15
20
25
30
REVERSE VOLTAGE VR (V)
f=1MHz
Ta=25℃


Similar Part No. - DSF01S30SC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
DSF01S30SL TOSHIBA-DSF01S30SL Datasheet
155Kb / 5P
   Schottky Barrier Diode Silicon Epitaxial
More results

Similar Description - DSF01S30SC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS392 TOSHIBA-1SS392_07 Datasheet
200Kb / 3P
   High Speed Switching Application
1SS388TPH3F TOSHIBA-1SS388TPH3F Datasheet
228Kb / 3P
   High Speed Switching Application
HN2S03FU TOSHIBA-HN2S03FU Datasheet
186Kb / 3P
   High Speed Switching Application
1SS417 TOSHIBA-1SS417_04 Datasheet
139Kb / 3P
   High Speed Switching Application
logo
Guangdong Kexin Industr...
1SS367 KEXIN-1SS367 Datasheet
32Kb / 1P
   HIGH SPEED SWITCHING APPLICATION
logo
DONGGUAN YOU FENG WEI E...
1SS389 YFWDIODE-1SS389 Datasheet
317Kb / 2P
   HIGH SPEED SWITCHING APPLICATION
logo
SHIKUES Electronics
1SS388 SKTECHNOLGY-1SS388 Datasheet
562Kb / 2P
   High Speed Switching Application
logo
Shanghai Leiditech Elec...
BAS21S LEIDITECH-BAS21S Datasheet
486Kb / 3P
   High speed switching application
logo
Fairchild Semiconductor
KSC2333 FAIRCHILD-KSC2333 Datasheet
56Kb / 5P
   High Speed Switching Application
logo
Guangdong Kexin Industr...
1SS395 KEXIN-1SS395 Datasheet
43Kb / 1P
   HIGH SPEED SWITCHING APPLICATION
logo
Toshiba Semiconductor
1SS416 TOSHIBA-1SS416 Datasheet
133Kb / 3P
   High Speed Switching Application
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com