Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFC05-4 Datasheet(PDF) 4 Page - Protek Devices

Part # SFC05-4
Description  300W FLIP CHIP TVS ARRAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SFC05-4 Datasheet(HTML) 4 Page - Protek Devices

  SFC05-4_12 Datasheet HTML 1Page - Protek Devices SFC05-4_12 Datasheet HTML 2Page - Protek Devices SFC05-4_12 Datasheet HTML 3Page - Protek Devices SFC05-4_12 Datasheet HTML 4Page - Protek Devices SFC05-4_12 Datasheet HTML 5Page - Protek Devices SFC05-4_12 Datasheet HTML 6Page - Protek Devices SFC05-4_12 Datasheet HTML 7Page - Protek Devices SFC05-4_12 Datasheet HTML 8Page - Protek Devices SFC05-4_12 Datasheet HTML 9Page - Protek Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05131.R9 10/12
Page 4
SFC05-4
tyPiCal DeviCe ChaRaCteRiStiCS
FiGuRe 4
oveRShoot & ClaMPinG voltaGe
eSD test Pulse - 25 kilovolt, 1/30ns (waveshape)
-5
5
15
25
35
FiGuRe 5
tyPiCal ClaMPinG voltaGe vS Peak PulSe CuRRent
i
PP - Peak Pulse Current - amps
0
5
10
15
20
0
4
8
12


Similar Part No. - SFC05-4_12

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SFC05-4 PROTEC-SFC05-4_11 Datasheet
917Kb / 10P
   300w flip chip tvs array
More results

Similar Description - SFC05-4_12

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SFC05-4 PROTEC-SFC05-4_11 Datasheet
917Kb / 10P
   300w flip chip tvs array
SFC05-5 PROTEC-SFC05-5_12 Datasheet
934Kb / 10P
   250W FLIP CHIP TVS ARRAY
P0402FC3.3C PROTEC-P0402FC3.3C_12 Datasheet
802Kb / 9P
   250W FLIP CHIP TVS ARRAY
P0404FC3.3C PROTEC-P0404FC3.3C_11 Datasheet
534Kb / 8P
   250w flip chip tvs array
P0408FC3.3C PROTEC-P0408FC3.3C_11 Datasheet
619Kb / 9P
   250w flip chip tvs array
P0408FC3.3C PROTEC-P0408FC3.3C_12 Datasheet
621Kb / 9P
   250W FLIP CHIP TVS ARRAY
P0406FC3.3C PROTEC-P0406FC3.3C_11 Datasheet
619Kb / 9P
   250w flip chip tvs array
SFC05-5 PROTEC-SFC05-5_10 Datasheet
932Kb / 10P
   250w flip chip tvs array
P0404FC3.3C PROTEC-P0404FC3.3C_12 Datasheet
537Kb / 8P
   250W FLIP CHIP TVS ARRAY
P0406FC3.3C PROTEC-P0406FC3.3C_12 Datasheet
620Kb / 9P
   250W FLIP CHIP TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com