Electronic Components Datasheet Search |
|
Y-CONC-IE62S-FE2S-XXXX-F Datasheet(PDF) 26 Page - YAMAHA CORPORATION |
|
Y-CONC-IE62S-FE2S-XXXX-F Datasheet(HTML) 26 Page - YAMAHA CORPORATION |
26 / 42 page TECHNISCHE ÄNDERUNGEN VORBEHALTEN – MASSE IN MILLIMETER 25 Industrial Cables Conductor Resistance Insulation Resistance Dielectric Strength Capacitance Characteristic Impedance Near-end Crosstalk Flame Resistance Halogen Free Data <140 Ω x km >1G Ω x km 500V / 50Hz 50nF / km 100 +/- 15 Ω 100Mhz IEC 332-1 Yes Power <62 Ω x km for 1 min at 800Hz at 1Mhz to 100Mhz > 32dB / 100m Conductor Resistance Insulation Resistance Dielectric Strength Capacitance Characteristic Impedance Near-end Crosstalk Flame Resistance Halogen Free Data <60 Ω x km >500M Ω x km 2,000V / 50Hz 53nF / km 100 +/- 15 Ω 100Mhz UL- Style 20963 Yes for 1 min at 800Hz at 1Mhz to 100Mhz > 50dB / 100m Conductor Resistance Insulation Resistance Dielectric Strength Capacitance Characteristic Impedance Near-end Crosstalk Flame Resistance Halogen Free Data <90 Ω x km >1G Ω x km 500V / 50Hz 50nF / km 100 +/- 15 Ω 100Mhz IEC 332-1 No Power <55 Ω x km for 1 min at 800Hz at 1Mhz to 100Mhz > 32dB / 100m Conductor Resistance Insulation Resistance Dielectric Strength Capacitance Characteristic Impedance Near-end Crosstalk Flame Resistance Halogen Free Data <90 Ω x km >1G Ω x km 500V / 50Hz 50nF / km 100 +/- 15 Ω 100Mhz IEC 332-1 No for 1 min at 800Hz at 1Mhz to 100Mhz > 32dB / 100m Conductor Resistance Insulation Resistance Dielectric Strength Capacitance Characteristic Impedance Near-end Crosstalk Flame Resistance Halogen Free Data <140 Ω x km >140M Ω x km 700V / 50Hz 48nF / km 100 +/- 15 Ω 100Mhz UL- Style 20963 Yes for 1 min at 1,000Hz at 1Mhz to 100Mhz > 32dB / 100m Conductor Resistance Insulation Resistance Dielectric Strength Capacitance Characteristic Impedance Near-end Crosstalk Flame resistance Halogen Free Data <140 Ω x km >150M Ω x km 1,000V / 50Hz 48nF / km 100 +/- 15 Ω 100Mhz UL- Style 20963 Yes Power <75 Ω x km for 1 min at 1,000Hz at 1Mhz to 100Mhz > 35dB / 100m |
Similar Part No. - Y-CONC-IE62S-FE2S-XXXX-F |
|
Similar Description - Y-CONC-IE62S-FE2S-XXXX-F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |