Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT3S111 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # MT3S111
Description  VHF-UHF Low-Noise, Low-Distortion Amplifier Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MT3S111 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  MT3S111 Datasheet HTML 1Page - Toshiba Semiconductor MT3S111 Datasheet HTML 2Page - Toshiba Semiconductor MT3S111 Datasheet HTML 3Page - Toshiba Semiconductor MT3S111 Datasheet HTML 4Page - Toshiba Semiconductor MT3S111 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MT3S111
2009-03-30
1
TOSHIBA Transistor Silicon-Germanium NPN Epitaxial Planar Type
MT3S111
VHF-UHF Low-Noise, Low-Distortion Amplifier Applications
Features
• Low-Noise Figure: NF=0.9 dB (typ.) (@ f=1 GHz)
• High Gain:|S21e|
2=12 dB (typ.) (@ f=1 GHz)
Marking
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-emitter voltage
VCES
13
V
Collector-emitter voltage
VCEO
6
V
Emitter-base voltage
VEBO
0.6
V
Collector-current
IC
100
mA
Base-current
IB
10
mA
Collector power dissipation
PC
160
mW
Collector power dissipation
PC (Note 1)
700
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note 1: The device is mounted on a ceramic board (25.4 mm x 25.4 mm x 0.8 mm (t))
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant
change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the
operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Unit: mm
S-Mini
JEDEC
TO-236
JEITA
SC-59
TOSHIBA
2-3F1A
Weight: 0.012 g (typ.)
R 5
1.
Base
2.
Emitter
3.
Collector


Similar Part No. - MT3S111

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MT3S111 TOSHIBA-MT3S111 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
MT3S111P TOSHIBA-MT3S111P Datasheet
169Kb / 5P
   VHF-UHF Low-Noise, Low-Distortion Amplifier Applications
MT3S111P TOSHIBA-MT3S111P Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
MT3S111TU TOSHIBA-MT3S111TU Datasheet
162Kb / 5P
   VHF-UHF Low-Noise, Low-Distortion Amplifier Application
MT3S111TU TOSHIBA-MT3S111TU Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - MT3S111

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MT3S19TU TOSHIBA-MT3S19TU Datasheet
169Kb / 5P
   VHF-UHF Low-Noise, Low-Distortion Amplifier Applications
MT3S111P TOSHIBA-MT3S111P Datasheet
169Kb / 5P
   VHF-UHF Low-Noise, Low-Distortion Amplifier Applications
MT3S19 TOSHIBA-MT3S19 Datasheet
178Kb / 5P
   VHF-UHF Low-Noise, Low-Distortion Amplifier Applications
MT3S19R TOSHIBA-MT3S19R Datasheet
168Kb / 5P
   VHF-UHF Band Low-Noise, Low-Distortion Amplifier Applications
MT3S20TU TOSHIBA-MT3S20TU Datasheet
194Kb / 5P
   VHF-UHF Band Low-Noise, Low-Distortion Amplifier Applications
MT3S113TU TOSHIBA-MT3S113TU Datasheet
185Kb / 7P
   VHF-UHF Band Low-Noise, Low-Distortion Amplifier Applications
MT3S113 TOSHIBA-MT3S113 Datasheet
210Kb / 7P
   VHF-UHF Band Low-Noise, Low-Distortion Amplifier Applications
MT3S113P TOSHIBA-MT3S113P Datasheet
191Kb / 7P
   VHF-UHF Band Low-Noise, Low-Distortion Amplifier Applications
MT3S20P TOSHIBA-MT3S20P Datasheet
185Kb / 5P
   VHF-UHF Band Low-Noise, Low-Distortion Amplifier Applications
MT3S22P TOSHIBA-MT3S22P Datasheet
196Kb / 5P
   VHF-UHF Band Low-Noise, Low-Distortion Amplifier Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com