Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS31BL3506A Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS31BL3506A
Description  1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31BL3506A Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS31BL3506A Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS31BL3506A Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS31BL3506A Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS31BL3506A Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31BL3506A Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31BL3506A Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31BL3506A Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31BL3506A Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31BL3506A Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
IS31BL3506A
Integrated Silicon Solution, Inc. – www.issi.com
Rev. B, 07/02/2012
4
PIN CONFIGURATION
Package
Pin Configurations (Top View)
TSOT-23-6
1
2
34
5
6
FB
OUT
EN
VCC
GND
LX
DFN-8
PIN DESCRIPTION
No.
Pin
Description
TSOT-23-6
DFN-8
1
8
LX
Switch input, connect to the inductor.
2
6
GND
Ground.
3
5
FB
Feedback input pin.
4
4
EN
Device enable pin, active high.
5
3
OUT
Output voltage sense pin for over voltage
protection.
6
2
VCC
Supply voltage input pin.
-
7
NC
No connection.
-
1
PGND
Power ground. Connect independently.
-
Thermal Pad
Connect to GND.
Copyright © 2012 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any 
time without notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are 
advised to obtain the latest version of this device specification before relying on any published information and before placing orders for products. 
Integrated Silicon Solution, Inc. does not recommend the use of any of its products in life support applications where the failure or malfunction of the 
product can reasonably be expected to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not 
authorized for use in such applications unless Integrated Silicon Solution, Inc. receives written assurance to its satisfaction, that: 
a.) the risk of injury or damage has been minimized; 
b.) the user assume all such risks; and 
c.) potential liability of Integrated Silicon Solution, Inc is adequately protected under the circumstances


Similar Part No. - IS31BL3506A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31BL3506A-DLS2 ISSI-IS31BL3506A-DLS2 Datasheet
517Kb / 14P
   1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
IS31BL3506A-TTLS2-TR ISSI-IS31BL3506A-TTLS2-TR Datasheet
517Kb / 14P
   1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
More results

Similar Description - IS31BL3506A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31BL3506B-STLS2-TR ISSI-IS31BL3506B-STLS2-TR Datasheet
440Kb / 13P
   1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
IS31BL3506A-DLS2 ISSI-IS31BL3506A-DLS2 Datasheet
517Kb / 14P
   1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
IS31BL3506A-TTLS2-TR ISSI-IS31BL3506A-TTLS2-TR Datasheet
517Kb / 14P
   1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
IS31BL3506B ISSI-IS31BL3506B Datasheet
440Kb / 13P
   1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
logo
Renesas Technology Corp
ZLED7015 RENESAS-ZLED7015 Datasheet
696Kb / 23P
   1.0MHz Boost Converter with Internal 35V Switch
April 20, 2016
logo
List of Unclassifed Man...
ZLED7015 ETC2-ZLED7015 Datasheet
724Kb / 23P
   1.0MHz Boost Converter with Internal 35V Switch
logo
Integrated Silicon Solu...
IS31LT3505 ISSI-IS31LT3505 Datasheet
475Kb / 12P
   1.0MHZ BOOST CONVERTER WITH 35V INTERNAL NMOS
IS31BL3508A ISSI-IS31BL3508A Datasheet
494Kb / 13P
   1.0MHZ BOOST CONVERTER WITH 38V INTERNAL MOSFET SWITCH
logo
Integrated Device Techn...
ZLED7015 IDT-ZLED7015 Datasheet
522Kb / 22P
   1.0MHz Boost Converter
logo
Analog Microelectronics
AME5143 AME-AME5143 Datasheet
186Kb / 15P
   1.4MHz Boost Converter With 30V Internal FET Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com