Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM16LC03C Datasheet(PDF) 1 Page - Protek Devices

Part # SM16LC03C
Description  500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SM16LC03C Datasheet(HTML) 1 Page - Protek Devices

  SM16LC03C Datasheet HTML 1Page - Protek Devices SM16LC03C Datasheet HTML 2Page - Protek Devices SM16LC03C Datasheet HTML 3Page - Protek Devices SM16LC03C Datasheet HTML 4Page - Protek Devices SM16LC03C Datasheet HTML 5Page - Protek Devices SM16LC03C Datasheet HTML 6Page - Protek Devices SM16LC03C Datasheet HTML 7Page - Protek Devices SM16LC03C Datasheet HTML 8Page - Protek Devices SM16LC03C Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05051.R14 10/12
Page 1
SM16LC03 - SM16LC36C
500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
DESCRIPTION
The SM16LCxx and SM16LCxxC Series are low capacitance multi-line transient voltage suppressor arrays that provides
board level protection for standard TTL and MOS bus line applications against the damaging effects of ESD, tertiary
lightning and switching transients.
This series has a peak pulse power rating of 500 Watts for an 8/20µs waveshape. This device series meets the IEC
61000-4-2, IEC 61000-4-4 and IEC 61000-4-5 requirements.
FEATURES
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 12A, 8/20µs - Level 1(Line-
Gnd) & Level 2(Line-Line)
• 500 Watts Peak Pulse Power per Line (tp = 8/20µs)
• Unidirectional and Bidirectional Configurations
• ESD Protection > 25 kilovolts
• Available in Multiple Voltages Ranging from 3.3V to 36V
• Protects up to 8 Lines
• Low Capacitance: 15pF
• RoHS Compliant
• REACH Compliant
APPLICATIONS
• Wireless Communication Circuits
• RS-422, RS-432 & RS-485
• Low Voltage ASICs
• Ethernet Interfaces
MEChANICAL ChARACTERISTICS
• Molded JEDEC SO-16 Package
• Approximate Weight: 0.15 grams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• 16mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
PIN CONFIGURATIONS
SO-16 PACkAGE
1
2
5
4
16
3
6
7
8
9
10
11
12
13
14
15
1
2
5
4
16
3
6
7
8
9
10
11
12
13
14
15
UNIDIRECTIONAL
BIDIRECTIONAL


Similar Part No. - SM16LC03C

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SM16LC03C MICROSEMI-SM16LC03C Datasheet
104Kb / 2P
   TVSarray Series
logo
Protek Devices
SM16LC03C PROTEC-SM16LC03C Datasheet
126Kb / 5P
   LOW CAPACITANCE TVS ARRAY
SM16LC03C PROTEC-SM16LC03C Datasheet
887Kb / 9P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRY
logo
Microsemi Corporation
SM16LC03C-6 MICROSEMI-SM16LC03C-6 Datasheet
167Kb / 2P
   TVSarray Series
More results

Similar Description - SM16LC03C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PLCDA03 PROTEC-PLCDA03_12 Datasheet
886Kb / 9P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
SMDA03LC PROTEC-SMDA03LC_11 Datasheet
795Kb / 10P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
PLCDA03C-6 PROTEC-PLCDA03C-6_12 Datasheet
917Kb / 9P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
SMDA03LC PROTEC-SMDA03LC_12 Datasheet
798Kb / 10P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
PLCDA05C-6-LF PROTEC-PLCDA05C-6-LF Datasheet
917Kb / 9P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
PLCDA03C-6 PROTEC-PLCDA03C-6_11 Datasheet
914Kb / 9P
   500 WATT MULTI-LINE CAPACITANCE TVS ARRAY
PLCDA05-LF PROTEC-PLCDA05-LF Datasheet
886Kb / 9P
   500 WATT MULTI-LINE ultra LOW CAPACITANCE TVS ARRAY
USB50803C PROTEC-USB50803C Datasheet
526Kb / 6P
   500 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
USB50803 PROTEC-USB50803_12 Datasheet
529Kb / 6P
   500 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
PLCDA03 PROTEC-PLCDA03_11 Datasheet
884Kb / 9P
   500 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com