Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM1624C Datasheet(PDF) 1 Page - Protek Devices

Part # SM1624C
Description  500 WATT MULTI-LINE TVS ARRAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SM1624C Datasheet(HTML) 1 Page - Protek Devices

  SM1624C Datasheet HTML 1Page - Protek Devices SM1624C Datasheet HTML 2Page - Protek Devices SM1624C Datasheet HTML 3Page - Protek Devices SM1624C Datasheet HTML 4Page - Protek Devices SM1624C Datasheet HTML 5Page - Protek Devices SM1624C Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05147.R8 10/12
Page 1
SM1603 - SM1624C
500 WATT MULTI-LINE TVS ARRAY
DESCRIPTIoN
The SM16xx and SM16xxC Series are multi-line transient voltage suppressor arrays that provides board level protec-
tion for standard TTL and MOS bus line applications against the damaging effects of ESD, tertiary lightning and switch-
ing transients.
This series has a peak pulse power rating of 500 Watts for an 8/20µs waveshape. This device series meets the IEC
61000-4-2, IEC 61000-4-4 and IEC 61000-4-5 requirements.
FEATURES
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 12A, 8/20µs - Level 1(Line-
Gnd) & Level 2(Line-Line)
• 500 Watts Peak Pulse Power per Line (tp = 8/20µs)
• Unidirectional and Bidirectional Configurations
• ESD Protection > 25 kilovolts
• Available in Multiple Voltages Ranging from 3.3V to 24V
• Protects up to 8 Lines
• RoHS Compliant
• REACH Compliant
APPLICATIoNS
• Wireless Communication Circuits
• RS-422, RS-432 & RS-485
• Low Voltage ASICs
• Portable Electronics
MEChANICAL ChARACTERISTICS
• Molded JEDEC SO-16 Package
• Approximate Weight: 0.15 grams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• 16mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
PIN CoNFIGURATIoNS
So-16 PACkAGE
1
2
5
4
16
3
6
7
8
9
10
11
12
13
14
15
1
2
5
4
16
3
6
7
8
9
10
11
12
13
14
15
UNIDIRECTIONAL
BIDIRECTIONAL


Similar Part No. - SM1624C

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SM1624C MICROSEMI-SM1624C Datasheet
105Kb / 2P
   TVSarray Series
logo
Protek Devices
SM1624C PROTEC-SM1624C Datasheet
104Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
SM1624C PROTEC-SM1624C Datasheet
72Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
SM1624C PROTEC-SM1624C Datasheet
636Kb / 6P
   500 WATT MULTI-LINE TVS ARRAY
SM1624C-LF-T7 PROTEC-SM1624C-LF-T7 Datasheet
72Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
More results

Similar Description - SM1624C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
TSMDA05CM PROTEC-TSMDA05CM_11 Datasheet
500Kb / 6P
   500 WATT MULTI-LINE TVS ARRAY
SMDA05-LF PROTEC-SMDA05-LF Datasheet
512Kb / 6P
   500 WATT MULTI-LINE TVS ARRAY
SMDA05CM PROTEC-SMDA05CM_12 Datasheet
512Kb / 6P
   500 WATT MULTI-LINE TVS ARRAY
SMDA05CN-5 PROTEC-SMDA05CN-5_11 Datasheet
507Kb / 6P
   500 WATT MULTI-LINE TVS ARRAY
SMDA05CN-5 PROTEC-SMDA05CN-5_12 Datasheet
509Kb / 6P
   500 WATT MULTI-LINE TVS ARRAY
SMDA36C-LF PROTEC-SMDA36C-LF Datasheet
697Kb / 6P
   500 WATT MULTI-LINE TVS ARRAY
SMDA15C-LF-T7 PROTEC-SMDA15C-LF-T7 Datasheet
512Kb / 6P
   500 WATT MULTI-LINE TVS ARRAY
SM1603 PROTEC-SM1603 Datasheet
636Kb / 6P
   500 WATT MULTI-LINE TVS ARRAY
SMDA05CM PROTEC-SMDA05CM_11 Datasheet
511Kb / 6P
   500 WATT MULTI-LINE TVS ARRAY
SMDA03 PROTEC-SMDA03_12 Datasheet
512Kb / 6P
   500 WATT MULTI-LINE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com