Electronic Components Datasheet Search |
|
SM16LC36 Datasheet(PDF) 1 Page - Protek Devices |
|
SM16LC36 Datasheet(HTML) 1 Page - Protek Devices |
1 / 9 page Only One Name Means ProTek’Tion™ www.protekdevices.com 05051.R14 10/12 Page 1 SM16LC03 - SM16LC36C 500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY DESCRIPTION The SM16LCxx and SM16LCxxC Series are low capacitance multi-line transient voltage suppressor arrays that provides board level protection for standard TTL and MOS bus line applications against the damaging effects of ESD, tertiary lightning and switching transients. This series has a peak pulse power rating of 500 Watts for an 8/20µs waveshape. This device series meets the IEC 61000-4-2, IEC 61000-4-4 and IEC 61000-4-5 requirements. FEATURES • Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV • Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns • Compatible with IEC 61000-4-5 (Surge): 12A, 8/20µs - Level 1(Line- Gnd) & Level 2(Line-Line) • 500 Watts Peak Pulse Power per Line (tp = 8/20µs) • Unidirectional and Bidirectional Configurations • ESD Protection > 25 kilovolts • Available in Multiple Voltages Ranging from 3.3V to 36V • Protects up to 8 Lines • Low Capacitance: 15pF • RoHS Compliant • REACH Compliant APPLICATIONS • Wireless Communication Circuits • RS-422, RS-432 & RS-485 • Low Voltage ASICs • Ethernet Interfaces MEChANICAL ChARACTERISTICS • Molded JEDEC SO-16 Package • Approximate Weight: 0.15 grams • Lead-Free Pure-Tin Plating (Annealed) • Solder Reflow Temperature: Pure-Tin - Sn, 100: 260-270°C • 16mm Tape and Reel Per EIA Standard 481 • Flammability Rating UL 94V-0 PIN CONFIGURATIONS SO-16 PACkAGE 1 2 5 4 16 3 6 7 8 9 10 11 12 13 14 15 1 2 5 4 16 3 6 7 8 9 10 11 12 13 14 15 UNIDIRECTIONAL BIDIRECTIONAL |
Similar Part No. - SM16LC36 |
|
Similar Description - SM16LC36 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |