Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS31LT3918 Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS31LT3918
Description  HIGH VOLTAGE LED LIGHTING DRIVER WITH SWITCH DIMMING
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31LT3918 Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS31LT3918 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS31LT3918 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS31LT3918 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS31LT3918 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31LT3918 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31LT3918 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31LT3918 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31LT3918 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31LT3918 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IS31LT3918
Integrated Silicon Solution, Inc. – www.issi.com
Rev. A, 09/01/2011
3
ABSOLUTE MAXIMUM RATINGS
Parameter
Range
Unit
Vin pin to GND
-0.3 – 6.0
V
DIM1,DIM2,CS, ADJ, GATE, Toff pin to GND
-0.3 - 6.0
V
Vin pin input current (Note1)
10
mA
Junction temperature
-40 – 150
Device storage temperature
-65 - 150
ESD(Human Body model)
3500
V
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(The specifications are at TA=25°C and VINDC=10V (Note 2), RIN =10K, unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Vclamp
Vin PIN clamp voltage
Supply voltage connected to
Vin via an appropriate resistor
4.3
5
5.5
V
UVLO
Undervoltage lockout
Vin rising
4.8
V
UVLO
UVLO hysteresis
400
mV
IIN
Quiescent Current
Vin=5V
300
400
uA
IIN,UV
Input current in UVLO
Vin=4V
90
120
uA
VCSTH
Current sense threshold
ADJ=5V
245
250
255
mV
TBLANK
Current sense blanking time
VCS=VCSTH+50mV
445
500
650
ns
Toff
Off time
REXT=250KΩ
9.8
10
10.2
us
VADJ
(Note 3)
PWM input voltage high threshold
2.5
V
PWM input voltage low threshold
0.25
0.5
0.75
V
Linear dimming input voltage range
0.5
2.5
V
ISOURCE
GATE source current
GATE=0
75
90
mA
ISINK
GATE sink current
GATE=5V
75
90
mA
TP
Over temperature protection threshold
150
oC
TP
Over temperature protection hysteresis
20
oC
VOCP
Over current protection CS voltage
threshold
ADJ=5V,CS rising
0.35
0.4
0.45
V
Toff_reset
Over current protection Toff delay time
500
us
TMAX
Maximum switch off time for switch
dimming
2
s
Notes:
1. Beyond the input current range, Vin pin may not clamp at 5V.
2. VIN is the input voltage. When VIN>5V, input voltage connected to Vin pin should via a appropriate resistor.
3. When VADJ>2.5V, Iout is 100% output current. When VADJ<0.5V, Iout is shutdown. When 0.5V ≤VADJ≤2.5V, Iout is linear dimming.


Similar Part No. - IS31LT3918

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31LT3918-GRLS2 ISSI-IS31LT3918-GRLS2 Datasheet
270Kb / 11P
   HIGH VOLTAGE LED LIGHTING DRIVER WITH SWITCH DIMMING
More results

Similar Description - IS31LT3918

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31LT3918-GRLS2 ISSI-IS31LT3918-GRLS2 Datasheet
270Kb / 11P
   HIGH VOLTAGE LED LIGHTING DRIVER WITH SWITCH DIMMING
logo
AiT Semiconductor Inc.
A8180 AITSEMI-A8180 Datasheet
794Kb / 19P
   LED LIGHTING DRIVER HIGH BRIGHTNESS LED DRIVER WITH INTERNAL SWITCH
REV3.0 - APR 2010
logo
Integrated Device Techn...
ZLED7030 IDT-ZLED7030 Datasheet
615Kb / 22P
   High Current 40V LED Driver with Switch Dimming
logo
List of Unclassifed Man...
ZLED7530 ETC2-ZLED7530 Datasheet
2Mb / 24P
   High Current 40V LED Driver with Switch Dimming
ZLED7030 ETC2-ZLED7030 Datasheet
2Mb / 24P
   High Current 40V LED Driver with Switch Dimming
ZLED7330 ETC2-ZLED7330 Datasheet
2Mb / 24P
   High Current 40V LED Driver with Switch Dimming
logo
Renesas Technology Corp
ZLED7030 RENESAS-ZLED7030 Datasheet
759Kb / 23P
   High Current 40V LED Driver with Switch Dimming
April 20, 2016
logo
List of Unclassifed Man...
ZLED7730 ETC2-ZLED7730 Datasheet
2Mb / 24P
   High Current 40V LED Driver with Switch Dimming
logo
Eutech Microelectronics...
XD9057 EUTECH-XD9057 Datasheet
1Mb / 1P
   High Voltage LED Lighting Driver
logo
Integrated Silicon Solu...
IS31LT3380 ISSI-IS31LT3380 Datasheet
444Kb / 12P
   40V/1.2A LED DRIVER WITH SWITCH DIMMING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com