Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS31LT3938 Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS31LT3938
Description  High Voltage LED Lighting Driver with Three Level Power Sequencing
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31LT3938 Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS31LT3938 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS31LT3938 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS31LT3938 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS31LT3938 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31LT3938 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31LT3938 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31LT3938 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31LT3938 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31LT3938 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
IS31LT3938
Preliminary
Integrated Silicon Solution, Inc. – www.issi.com
R0.1, 04/25/2012
1
High Voltage LED Lighting Driver with Three Level Power Sequencing
General Description
IS31LT3938 LED driver IC is a peak current detection
buck converter which operates in constant off time
mode. It operates over a very wide input voltage supply
range of 10VDC to 450VDC or 110VAC/220VAC.
IS31LT3938 incorporates the special feature of three
power sequencing levels by detecting OFF-ON cycles
of the main power switch. When the switch is cycled
within a 4 second period (typical) the device
automatically switches the power level to the next step.
As a result, the input and output power of the luminaire
may be adjusted depending on the desired amount of
illumination and/or power consumption. There are
multiple power levels that the engineer may configure,
2 steps or 3 steps, via the external pins DIM1 and
DIM2.
IS31LT3938 can also realize LED dimming using an
external PWM signal. It can accept a PWM signal from
0% to 100% duty cycle. The LED current may also be
adjusted linearly by applying an analog input voltage in
the range of 0.5V to 2.5V.
IS31LT3938 adopts a peak current mode control
architecture, which eliminates the need for any
additional loop compensation while maintaining a good
degree of constant output current regulation.
Features
 User configurable power sequencing levels
 3% output current accuracy
 Over current, temperature protection and short circuit
protection
 High efficiency (typical up to 95%)
 Higher MOS drive voltage
 Wide input voltage range: 10VDC~450VDC or
85Vac~ 265Vac
 Linear and PWM dimming
 Very few external components
Applications
 DC/DC or AC/DC constant current LED driver
 Signal and decorative lighting
 Backlight LED driver
Typical Application Circuit
Gate
CS
ADJ
TOFF
VIN
DIM1
DIM2
GND
Fuse
AC Input
LED+
LED-
REXT
RCS
Q1
CIN
RIN
C1
D5
L1
C3
D1
D2
D3
D4
Switch K
IS3938
Copyright © 2011 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its
products at any time without notice. ISSI assumes no liability arising out of the application or use of any information, products or services
described herein. Customers are advised to obtain the latest version of this device specification before relying on any published information and
before placing orders for products.
Integrated Silicon Solution, Inc. does not recommend the use of any of its products in life support applications where the failure or malfunction of
the product can reasonably be expected to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are
not authorized for use in such applications unless Integrated Silicon Solution, Inc. receives written assurance to its satisfaction, that:
a.) the risk of injury or damage has been minimized;
b.) the user assume all such risks; and
c.) potential liability of Integrated Silicon Solution, Inc is adequately protected under the circumstances


Similar Part No. - IS31LT3938

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31LT3932 ISSI-IS31LT3932 Datasheet
766Kb / 12P
   High PF universal LED Driver
IS31LT3932-GRLS2-TR ISSI-IS31LT3932-GRLS2-TR Datasheet
766Kb / 12P
   High PF universal LED Driver
More results

Similar Description - IS31LT3938

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
XD9057 EUTECH-XD9057 Datasheet
1Mb / 1P
   High Voltage LED Lighting Driver
logo
Integrated Silicon Solu...
IS31LT3918 ISSI-IS31LT3918 Datasheet
270Kb / 11P
   HIGH VOLTAGE LED LIGHTING DRIVER WITH SWITCH DIMMING
IS31LT3918-GRLS2 ISSI-IS31LT3918-GRLS2 Datasheet
270Kb / 11P
   HIGH VOLTAGE LED LIGHTING DRIVER WITH SWITCH DIMMING
logo
AiT Semiconductor Inc.
A8180 AITSEMI-A8180 Datasheet
794Kb / 19P
   LED LIGHTING DRIVER HIGH BRIGHTNESS LED DRIVER WITH INTERNAL SWITCH
REV3.0 - APR 2010
logo
Cypress Semiconductor
MB39C602 CYPRESS-MB39C602 Datasheet
1Mb / 40P
   High Power Factor LED Driver IC for LED Lighting
logo
Phihong USA Inc.
PDA072X-24VG PHIHONG-PDA072X-24VG Datasheet
154Kb / 3P
   72W Constant Voltage LED Driver Outdoor Lighting
PDA080X-48VG PHIHONG-PDA080X-48VG Datasheet
156Kb / 3P
   80W Constant Voltage LED Driver Outdoor Lighting
PDA125X-24VF PHIHONG-PDA125X-24VF Datasheet
154Kb / 3P
   125W Constant Voltage LED Driver Outdoor Lighting
logo
Shenzhen Huazhimei Semi...
HM9928 HMSEMI-HM9928 Datasheet
340Kb / 5P
   LED Emergency Lighting driver
logo
Shanghai SincereTek Mic...
QW2886 SINCERETEK-QW2886 Datasheet
258Kb / 5P
   LED Emergency Lighting driver
2018-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com