Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CKD11BJB1H100S(160C) Datasheet(PDF) 6 Page - TDK Electronics

Part # CKD11BJB1H100S(160C)
Description  Multilayer Ceramic Chip Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CKD11BJB1H100S(160C) Datasheet(HTML) 6 Page - TDK Electronics

  CKD11BJB1H100S(160C) Datasheet HTML 1Page - TDK Electronics CKD11BJB1H100S(160C) Datasheet HTML 2Page - TDK Electronics CKD11BJB1H100S(160C) Datasheet HTML 3Page - TDK Electronics CKD11BJB1H100S(160C) Datasheet HTML 4Page - TDK Electronics CKD11BJB1H100S(160C) Datasheet HTML 5Page - TDK Electronics CKD11BJB1H100S(160C) Datasheet HTML 6Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
(5/5)
005-02 / 20111007 / e4161_ckd.fm
• All specifications are subject to change without notice.
Please read the precautions before using this catalog.
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.
• For more information about the products of other capacitance or data, please contact us.
TYPICAL ELECTRICAL CHARACTERISTICS
ATTENUATION vs. FREQUENCY CHARACTERISTICS
COMPARISON WITH EXISTING PRODUCTS
Excellent noise bypass effect is displayed in higher frequency
range compared with ordinary chip capacitors.
CKD110JB TYPE
CKD310JB TYPE
MEASURING CIRCUIT
EXAMPLES OF NOISE COUNTERMEASURE
15
2
10
20
50
1000 2000
500
200
100
Frequency(MHz)
90
10
0
10
20
30
40
50
60
70
80
Existing product
(multilayer ceramic chip capacitor)
CKD110JB1E222S
15
2
10
20
50
1000 2000
500
200
100
Frequency(MHz)
90
10
0
10
20
30
40
50
60
70
80
22pF
100pF
47pF
470pF
2200pF
220pF
1000pF
22nF
1
0.1
10
1000
100
Frequency(MHz)
–90
–100
0
–10
–20
–30
–40
–50
–60
–70
–80
22
µF
Purpose 1. Noise countermeasure on IC
power supply lines: Eliminates
noise occurring on supply lines
to assure a stable voltage
supply for proper IC operation.
2. Radiation noise
countermeasure on signals
lines: Attenuates superfluous
high-frequency content of
signals to prevent noise
radiation.
Type
CKD310JB, CKD610JB
(High capacity type product)
CKD110JB, CKD510JB
50
DC
filter
AC
filter
Switching
power supply
IC
I/O
IC
IC
1
2
1
1


Similar Part No. - CKD11BJB1H100S(160C)

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CKD-38-20010 MACOM-CKD-38-20010 Datasheet
48Kb / 2P
   Mid-Priced CMOS IC Time Delay Relay
logo
List of Unclassifed Man...
CKD34063 ETC2-CKD34063 Datasheet
903Kb / 8P
   DC TO DC CONVERTER CONTROLLER
CKD34063D ETC2-CKD34063D Datasheet
903Kb / 8P
   DC TO DC CONVERTER CONTROLLER
CKD34063S ETC2-CKD34063S Datasheet
903Kb / 8P
   DC TO DC CONVERTER CONTROLLER
logo
TDK Electronics
CKD510JB1A105S TDK-CKD510JB1A105S Datasheet
1Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
More results

Similar Description - CKD11BJB1H100S(160C)

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com