Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL2555 Datasheet(PDF) 4 Page - SHANGHAI BELLING CO., LTD.

Part # BL2555
Description  Load Switch with Adjustable Current Limit
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL2555 Datasheet(HTML) 4 Page - SHANGHAI BELLING CO., LTD.

  BL2555 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL2555 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL2555 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL2555 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL2555 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL2555 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL2555 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.belling.com.cn
4
BL2555
REVERSE-VOLTAGE BLOCKING
The reverse-voltage protection feature turns off the
Power MOSFET whenever the output voltage exceeds
the input voltage by 150mV (typ) for 4-ms (typ). This
prevents damage to devices on the input side of the
BL2555 by preventing significant current from sinking
into the input capacitance. The BL2555 allow the
power MOSFET to turn on once the output voltage
goes below the input voltage for the same 4-ms
deglitch time.
APPLICATION INFORMATION
INPUT OUTPUT CAPACITANCE
Input and output capacitance improves the performance of the device; the actual capacitance should be optimized for
the particular application. For all applications, a 4.7µF or greater ceramic bypass capacitor between IN and GND is
recommended as close to the device as possible for local noise de-coupling. This precaution reduces ringing on the
input due to power-supply transients. Additional input capacitance may be needed on the input to reduce voltage
overshoot from exceeding the absolute maximum voltage of the device during heavy transient conditions. This is
especially important during bench testing when long, inductive cables are used to connect the evaluation board to the
bench power-supply. Placing a high-value electrolytic capacitor on the output pin is recommended when large
transient currents are expected on the output.
SETTING THE CURRENT LIMIT THRESHOLD
RILIM (K)
Typical Current Limit (mA)
200
138
180
152
151
179
100
266
82
324
68
389
51
520
43
612
30
873
20
1295
15.1
1705
THERMAL CONSIDERATIONS
During normal operation as a switch, the power dissipated in the part will depend upon the level at which the current
limit is set. The maximum allowed setting for the current limit is 1A and this will result in a power dissipation of,
P = (ILIM)
2 x RDS = (1)2 x 0.10 = 100mW
If the part goes into current limit the maximum power dissipation will occur when the output is shorted to ground.
This is more power than the package can dissipate, but the thermal shutdown of the part will activate to protect the
part from damage due to excessive heating. A short on the output will cause the part to operate in a constant current
state dissipating a worst case power of,
P(max) = VIN(max) x ILIM(max) = 5.5 x 1 = 5W
This large amount of power will activate the thermal shutdown and the part will cycle in and out of thermal shutdown
so long as the ON pin is active and the short is present
.
0
200
400
600
800
1000
1200
1400
1600
1800
0
50
100
150
200
250
Rset(Kohm)
Current Limit Threshold VS RILIM
Ilim


Similar Part No. - BL2555

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL2553 BELLING-BL2553 Datasheet
741Kb / 8P
   Precision Load Switch with Adjustable Current Limit
BL2553 BELLING-BL2553 Datasheet
474Kb / 9P
   USB ports/Hubs
BL2553 BELLING-BL2553_14 Datasheet
474Kb / 9P
   USB ports/Hubs
BL2554 BELLING-BL2554 Datasheet
455Kb / 6P
   Adjustable USB Load Current Switch
BL2554CB5TR BELLING-BL2554CB5TR Datasheet
455Kb / 6P
   Adjustable USB Load Current Switch
More results

Similar Description - BL2555

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA6010 ETA-ETA6010 Datasheet
289Kb / 1P
   Precision Load Switch with Adjustable Current Limit
logo
Fairchild Semiconductor
FPF2496 FAIRCHILD-FPF2496 Datasheet
749Kb / 9P
   Load Switch with Adjustable Current-Limit Control
logo
ACE Technology Co., LTD...
ACE3677N ACE-ACE3677N Datasheet
471Kb / 4P
   Precision Load Switch with Adjustable Current Limit
VER 1.2
logo
ETA SOLUTIONS CO. LIMIT...
ETA6021 ETA-ETA6021 Datasheet
298Kb / 1P
   Precision Load Switch with Adjustable Current Limit
ETA6023 ETA-ETA6023 Datasheet
301Kb / 1P
   Precision Load Switch with Adjustable Current Limit
logo
SHANGHAI BELLING CO., L...
BL2553 BELLING-BL2553 Datasheet
741Kb / 8P
   Precision Load Switch with Adjustable Current Limit
logo
ETA SOLUTIONS CO. LIMIT...
ETA6020 ETA-ETA6020 Datasheet
207Kb / 1P
   Precision Load Switch with Adjustable Current Limit
logo
Fairchild Semiconductor
FPF2193 FAIRCHILD-FPF2193 Datasheet
529Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
logo
ON Semiconductor
FPF2165R ONSEMI-FPF2165R Datasheet
553Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
May 2015 Rev. 1.4
logo
Fairchild Semiconductor
FPF2194 FAIRCHILD-FPF2194_12 Datasheet
895Kb / 14P
   Full-Function Load Switch with Adjustable Current Limit
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com