Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL4054 Datasheet(PDF) 9 Page - SHANGHAI BELLING CO., LTD.

Part # BL4054
Description  800mA Standalone Linear Li-Ion Battery Charger
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL4054 Datasheet(HTML) 9 Page - SHANGHAI BELLING CO., LTD.

Back Button BL4054 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL4054 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL4054 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL4054 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL4054 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL4054 Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. BL4054 Datasheet HTML 11Page - SHANGHAI BELLING CO., LTD. BL4054 Datasheet HTML 12Page - SHANGHAI BELLING CO., LTD. BL4054 Datasheet HTML 13Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
PPMIC BU
www.belling.com.cn
BL4054/BL4054B Rev 1.4
Belling Proprietary Information. Unauthorized Photocopy and Duplication Prohibited
5/2009
©2009 Belling All Rights Reserved
9
BL4054/BL4054B
800mA Standalone Linear Li-Ion Battery Charger
with Thermal Regulation in SOT23-5/TSOT23-5
Operation
The BL4054/BL4054B is a single cell
Lithium-Ion battery charger using a constant
current / constant voltage algorithm. It can
deliver up to 800mA of charge current
(using a good thermal PCB layout) with a
final float voltage accuracy of
1%. The
BL4054/BL4054B
includes
an
internal
P-channel power MOSFET and thermal
regulation circuitry. No blocking diode or
external current sense resistor is required;
thus, the basic charger circuit requires only
two external components. Furthermore, the
BL4054/BL4054B is capable of operating
from a USB power source.
Normal Charge Cycle
A charge cycle begins when the voltage at
the VCC pin rises above the UVLO threshold
level
and
a
1%
program
resistor
is
connected from the PROG pin to ground or
when a battery is connected to the charger
output. If the BAT pin is less than 2.9V, the
charger enters trickle charge mode. In this
mode,
the
BL4054/BL4054B
supplies
approximately 1/10 the programmed charge
current to bring the battery voltage up to a
safe level for full current charging.
When the BAT pin voltage rises above 2.9V,
the charger enters constant-current mode,
where the programmed charge current is
supplied to the battery. If the battery voltage
is above 2.9V at power-on, BL4054B enters
the constant-current mode immediately,
while BL4054 will perform one more check.
If
the
battery
voltage
is
below
the
auto-recharge threshold, BL4054 enters the
constant current mode, otherwise it goes to
standby mode. This is the only difference
between the BL4054 and BL4054B. Refer
to Figure 1a and 1b for more details.
When the BAT pin approaches the final float
voltage (4.2V), the BL4054/BL4054B enters
constant-voltage mode and the charge
current begins to decrease. When the
charge
current
drops
to
1/10
of
the
programmed value, the charge cycle ends.
Programming Charge Current
The charge current is programmed using a
single resistor from the PROG pin to ground.
The battery charge current is 1000 times
the current out of the PROG pin. The
program resistor and the charge current are
calculated using the following equations:
CHG
PROG
I
V
1000
R
=
PROG
CHG
R
V
1000
I
=
The charge current out of the BAT pin can
be determined at any time by monitoring the
PROG pin voltage using the following
equation:
1000
R
V
I
PROG
PROG
BAT
=
Charge Termination
A charge cycle is terminated when the
charge current falls to 1/10 the programmed
value after the final float voltage is reached.
This condition is detected by using an
internal, filtered comparator to monitor the
PROG pin. When the PROG pin voltage
falls below 100mV for longer than TTERM
(typically 1ms), charging is terminated. The
charge current is latched off and the
BL4054/BL4054B enters standby mode,
where the input supply current drops to
100
µA. (Note: C/10 termination is disabled
in trickle charging mode).
When charging, transient loads on the BAT


Similar Part No. - BL4054

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL4056 BELLING-BL4056 Datasheet
325Kb / 17P
   1A Lithium Ion Battery Linear Charger
BL4056B BELLING-BL4056B Datasheet
404Kb / 6P
   1A ?뺠뒄?귞┿耶먪뵷黎좂봇?㎩뀉?든???IC 訝볡뵪
BL4056B-42PEP BELLING-BL4056B-42PEP Datasheet
404Kb / 6P
   1A ?뺠뒄?귞┿耶먪뵷黎좂봇?㎩뀉?든???IC 訝볡뵪
BL4056B-43PEP BELLING-BL4056B-43PEP Datasheet
404Kb / 6P
   1A ?뺠뒄?귞┿耶먪뵷黎좂봇?㎩뀉?든???IC 訝볡뵪
logo
Thinki Semiconductor Co...
BL405N THINKISEMI-BL405N Datasheet
1Mb / 3P
   40 Ampere Standard Type Negative Block Rectifier Diodes for Automotive Alternators
More results

Similar Description - BL4054

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A4055 AITSEMI-A4055 Datasheet
922Kb / 19P
   BATTERY MANAGEMENT 800mA STANDALONE LINEAR LI-ION BATTERY CHARGER
REV1.2
logo
STMicroelectronics
STBC08 STMICROELECTRONICS-STBC08 Datasheet
328Kb / 17P
   800mA Standalone linear Li-Ion Battery charger with thermal regulation
logo
First Silicon Co., Ltd
FC5754 FS-FC5754 Datasheet
795Kb / 19P
   Standalone Linear Li-Ion Battery Charger
logo
STMicroelectronics
STC4054 STMICROELECTRONICS-STC4054 Datasheet
299Kb / 17P
   800mA Standalone linear Li-Ion Battery charger with thermal regulation
logo
Lowpower Semiconductor ...
LP4061 POWER-LP4061 Datasheet
478Kb / 7P
   800mA Standalone Linear Li-Ion Battery Charger with Dual LED Display
logo
STMicroelectronics
AN2407 STMICROELECTRONICS-AN2407 Datasheet
174Kb / 14P
   800mA standalone linear Li-Ion
logo
Lowpower Semiconductor ...
LP4074 POWER-LP4074 Datasheet
353Kb / 8P
   600mA Standalone Linear Li-Ion Battery Charger
LP4056H POWER-LP4056H Datasheet
416Kb / 7P
   1A Standalone Linear Li-Ion Battery Charger
LP28057A POWER-LP28057A Datasheet
416Kb / 7P
   1A Standalone Linear Li-Ion Battery Charger
LP4054H POWER-LP4054H Datasheet
354Kb / 8P
   600mA Standalone Linear Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com