Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL4054B Datasheet(PDF) 6 Page - SHANGHAI BELLING CO., LTD.

Part # BL4054B
Description  800mA Standalone Linear Li-Ion Battery Charger
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL4054B Datasheet(HTML) 6 Page - SHANGHAI BELLING CO., LTD.

Back Button BL4054B Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL4054B Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL4054B Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL4054B Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL4054B Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL4054B Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL4054B Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL4054B Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL4054B Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
PPMIC BU
www.belling.com.cn
BL4054/BL4054B Rev 1.4
Belling Proprietary Information. Unauthorized Photocopy and Duplication Prohibited
5/2009
©2009 Belling All Rights Reserved
6
BL4054/BL4054B
800mA Standalone Linear Li-Ion Battery Charger
with Thermal Regulation in SOT23-5/TSOT23-5
VMSD, RISE
Manual Shutdown Threshold, PROG
rising
1.15V
1.21V
1.3V
VMSD, FALL
Manual Shutdown Threshold, PROG
falling
0.95V
1.0V
1.05V
VASD, RISE
Automatic Shutdown Threshold, BAT
rising
5mV
30mV
50mV
VASD, FALL
Automatic Shutdown Threshold, BAT
falling
70mV
100mV
140mV
ITERM
C/10 Termination Current Threshold
85mV
100mV
115mV
VRECHRG
Auto Recharge Battery Voltage
4V
4.05V
4.1V
ICHRGb
CHRGb Pin Weak Pull-down Current
8
µA
12
µA
35
µA
VCHRGb
CHRGb Pin Output Low Voltage
0.35V
0.6V
TLIM
Junction Temperature In Constant
Temperature Mode
120°C
RON
Power FET ON Resistance
600m
TSS
Soft-Start Time
RPROG =2k
50
µs
TRECHRG
Recharge Comparator Filter Time
0.75ms
2ms
4.5ms
TTERM
Termination Comparator Filter Time
0.4ms
1ms
2.5ms
IPROG
PROG Pin Pull-up Current
3
µA
Note 5: 100% production test at +25°C.
Specifications over the temperature range are guaranteed by design and characterization.
Note 6: Supply current includes PROG pin current (approximately 100
µA) but does not include any current delivered to the battery
through the BAT pin (approximately 100mA).
Typical Performance Characteristics
4.0
4.5
5.0
5.5
6.0
6.5
7.0
0.990
0.995
1.000
1.005
1.010
VCC(V)
PROGPin Voltage vs Supply
Voltage (Constant Current Mode)
VCC=5V
VBAT=4V
TA=25
°C
RPROG=10K
-50
-25
0
25
50
75
100
1.0000
1.0025
1.0050
1.0075
1.0100
1.0125
1.0150
1.0175
1.0200
TEMPERATURE(
°C)
PROGPinVoltage vs
Temperature
VCC=5V
VBAT=4V
RPROG=10K
0.00
0.25
0.50
0.75
1.00
1.25
0
100
200
300
400
500
600
VPROG(V)
Charge Current vs
PROGPin Voltage
VCC=5V
TA=25
°C
RPROG=2K


Similar Part No. - BL4054B

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL4056 BELLING-BL4056 Datasheet
325Kb / 17P
   1A Lithium Ion Battery Linear Charger
BL4056B BELLING-BL4056B Datasheet
404Kb / 6P
   1A ?뺠뒄?귞┿耶먪뵷黎좂봇?㎩뀉?든???IC 訝볡뵪
BL4056B-42PEP BELLING-BL4056B-42PEP Datasheet
404Kb / 6P
   1A ?뺠뒄?귞┿耶먪뵷黎좂봇?㎩뀉?든???IC 訝볡뵪
BL4056B-43PEP BELLING-BL4056B-43PEP Datasheet
404Kb / 6P
   1A ?뺠뒄?귞┿耶먪뵷黎좂봇?㎩뀉?든???IC 訝볡뵪
logo
Thinki Semiconductor Co...
BL405N THINKISEMI-BL405N Datasheet
1Mb / 3P
   40 Ampere Standard Type Negative Block Rectifier Diodes for Automotive Alternators
More results

Similar Description - BL4054B

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A4055 AITSEMI-A4055 Datasheet
922Kb / 19P
   BATTERY MANAGEMENT 800mA STANDALONE LINEAR LI-ION BATTERY CHARGER
REV1.2
logo
STMicroelectronics
STBC08 STMICROELECTRONICS-STBC08 Datasheet
328Kb / 17P
   800mA Standalone linear Li-Ion Battery charger with thermal regulation
logo
First Silicon Co., Ltd
FC5754 FS-FC5754 Datasheet
795Kb / 19P
   Standalone Linear Li-Ion Battery Charger
logo
STMicroelectronics
STC4054 STMICROELECTRONICS-STC4054 Datasheet
299Kb / 17P
   800mA Standalone linear Li-Ion Battery charger with thermal regulation
logo
Lowpower Semiconductor ...
LP4061 POWER-LP4061 Datasheet
478Kb / 7P
   800mA Standalone Linear Li-Ion Battery Charger with Dual LED Display
logo
STMicroelectronics
AN2407 STMICROELECTRONICS-AN2407 Datasheet
174Kb / 14P
   800mA standalone linear Li-Ion
logo
Lowpower Semiconductor ...
LP4074 POWER-LP4074 Datasheet
353Kb / 8P
   600mA Standalone Linear Li-Ion Battery Charger
LP4056H POWER-LP4056H Datasheet
416Kb / 7P
   1A Standalone Linear Li-Ion Battery Charger
LP28057A POWER-LP28057A Datasheet
416Kb / 7P
   1A Standalone Linear Li-Ion Battery Charger
LP4054H POWER-LP4054H Datasheet
354Kb / 8P
   600mA Standalone Linear Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com