Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL8565 Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BL8565
Description  500mA High PSRR, Low Dropout Voltage Linear Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8565 Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BL8565 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8565 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8565 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8565 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8565 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8565 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8565 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.belling.com.cn
2
BL8565
ORDERING INFORMATION
BL8565
1
2
3
4
5
Code
Description
1
Temperature&Rohs:
C:-40~85
°C ,Pb Free Rohs Std.
2
Package type:
C3A:SOT-89-3(A)
C3B:SOT-89-3(B)
C3C:SOT-89-3(C)
3
Packing type:
TR:Tape&Reel (Standard)
4
Output voltage:
e.g. 15=1.5V
18=1.8V
45=4.5V
5
Voltage accuracy:
Blank(default)=±2%
MARKING DESCRIPTON
AD
: Product Code
XX: Output Voltage
Vout
Code
Vout
Code
Vout
Code
2.5V
25
3.8V
38
2.6V
26
3.9V
39
2.7V
27
4.0V
40
1.5V
15
2.8V
28
4.1V
41
1.6V
16
2.9V
29
4.2V
42
1.7V
17
3.0V
30
4.3V
43
1.8V
18
3.1V
31
4.4V
44
1.9V
19
3.2V
32
4.5V
45
2.0V
20
3.3V
33
2.1V
21
3.4V
34
2.2V
22
3.5V
35
2.3V
23
3.6V
36
2.4V
24
3.7V
37
YY:LOT NO.
Z: The Year of manufacturing,”7” stands for year
2007,”8” stands for year 2008,and “ 0 ” stands for
year 2010.
Z: The week of manufacturing. ”A” stands for
week 1,”Z” stands for week 26,” A ” stands for
week 27,” Z ” stands for week 52.
PIN CONFIGURATION
Product Classification
BL8565CC3ATR□□□
Marking
ADXXA
YYBZZ
AD:Product
Code
XX: Output
Voltage
A:Package
YY:Lot No.
B:Fab
Code
ZZ:Data
Code
Product Classification
BL8565CC3BTR□□□
Marking
ADXXB
YYBZZ
AD:Product
Code
XX: Output
Voltage
B:Package
YY:Lot No.
B:Fab
Code
ZZ:Data
Code
Product Classification
BL8565CC3CTR□□□
Marking
ADXXC
YYBZZ
AD:Product
Code
XX: Output
Voltage
C:Package
YY:Lot No.
B:Fab
Code
ZZ:Data
Code
Vss
Ground Pin
Vin
Supply Voltage Input
Vout
Output Voltage


Similar Part No. - BL8565

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8560 BELLING-BL8560 Datasheet
1Mb / 10P
   Dual,Low noise, 150mA LDO regulator
BL8560-ACRC BELLING-BL8560-ACRC Datasheet
1Mb / 10P
   Dual,Low noise, 150mA LDO regulator
BL8560-ACRD BELLING-BL8560-ACRD Datasheet
1Mb / 10P
   Dual,Low noise, 150mA LDO regulator
BL8560-APRC BELLING-BL8560-APRC Datasheet
1Mb / 10P
   Dual,Low noise, 150mA LDO regulator
BL8560-APRD BELLING-BL8560-APRD Datasheet
1Mb / 10P
   Dual,Low noise, 150mA LDO regulator
More results

Similar Description - BL8565

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A6501A AITSEMI-A6501A Datasheet
806Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR 500mA HIGH PSRR
REV1.0
A6500A AITSEMI-A6500A Datasheet
623Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR 500mA HIGH PSRR, LOW NOISE,FAST RESPONSE LINEAR
REV1.3
logo
Infineon Technologies A...
IFX54211MB INFINEON-IFX54211MB Datasheet
1Mb / 19P
   High PSRR Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-08-26
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
   500mA Low Dropout Linear Voltage Regulator
logo
ams AG
AS1363 AMSCO-AS1363 Datasheet
570Kb / 14P
   500mA, Low-Dropout Linear Voltage Regulator
logo
ACE Technology Co., LTD...
ACE519C ACE-ACE519C Datasheet
638Kb / 9P
   500mA High PSRR, Linear Regulator
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8069 BELLING-BL8069 Datasheet
229Kb / 7P
   600mA High PSRR, Low Dropout Voltage Linear Regulator
logo
Richtek Technology Corp...
RT9161 RICHTEK-RT9161 Datasheet
260Kb / 10P
   300/500mA Low Dropout Linear Voltage Regulator
logo
Unisonic Technologies
LR1142 UTC-LR1142 Datasheet
185Kb / 4P
   HIGH PSRR, LOW DROPOUT, 500mA ADJUSTABLE LDO REGULATOR
logo
Texas Instruments
TPS735XX_0810 TI-TPS735XX_0810 Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com