Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXD2428Q Datasheet(PDF) 9 Page - Sony Corporation

Part # CXD2428Q
Description  Video Scan Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2428Q Datasheet(HTML) 9 Page - Sony Corporation

Back Button CXD2428Q Datasheet HTML 5Page - Sony Corporation CXD2428Q Datasheet HTML 6Page - Sony Corporation CXD2428Q Datasheet HTML 7Page - Sony Corporation CXD2428Q Datasheet HTML 8Page - Sony Corporation CXD2428Q Datasheet HTML 9Page - Sony Corporation CXD2428Q Datasheet HTML 10Page - Sony Corporation CXD2428Q Datasheet HTML 11Page - Sony Corporation CXD2428Q Datasheet HTML 12Page - Sony Corporation CXD2428Q Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
– 9 –
CXD2428Q
2. Control Mode
The following timing and modes are changed by control data:
Variable
Address
Function
H SHIFT
00H
Horizontal write start timing
V SHIFT
10H
Vertical write start timing
H PHASE
20H
Horizontal readout start timing
V PHASE
30H
Vertical readout start timing
H SZ RD
40H
Number of readout line dots (0 to 7 bits)
50H
Number of readout line dots (8 to 10 bits)
H SZ WR
41H
Number of write line dots (0 to 7 bits)
51H
Number of write line dots (8 to 10 bits)
LN DAT0 to 7
60 to 67H
Conversion mode address
MD DAT0 to 7
70 to 77H
Conversion mode data
TOP BLK
A0H
Vertical blanking rise timing
BTM BLK
B0H
Vertical blanking fall timing
LFT BLK
C0H
Horizontal blanking rise timing
RGT BLK
D0H
Horizontal blanking fall timing
IODAT
80H
I/O port output data
1
IOSL
E0H
OUT port select
2
TEST
90H
3
1 Transfer xxxx.1xxx (binary) for PAL (4:3 display) and xxxx.0xxx (binary) for the other systems.
2 Transfer 00 (hexadecimal).
3 Transfer 00 (hexadecimal).
Serial transfer timing
SCLK
SCTL
SDAT
ADDRESS
DATA
Description of Operation
1. CXD2428Q Control System
The operation timing of this IC is controlled by serial data.
An 8-bit address and 8-bit data are sequentially transferred from the falling edge of SCTL, and each control
data is taken in at the rising edge of SCLK up to the rising edge of SCTL.


Similar Part No. - CXD2428Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2422R SONY-CXD2422R Datasheet
1Mb / 22P
   CCD Camera Timing Generator
CXD2424R SONY-CXD2424R Datasheet
806Kb / 31P
   Timing Generator for Progressive Scan CCD Image Sensor
More results

Similar Description - CXD2428Q

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL251 AVERLOGIC-AL251 Datasheet
44Kb / 2P
   Video Scan Doubler
AL250 AVERLOGIC-AL250 Datasheet
42Kb / 2P
   Video Scan Doubler
logo
Mitsubishi Electric Sem...
M65656FP MITSUBISHI-M65656FP Datasheet
1Mb / 5P
   SCAN CONVERTER
M65657FP MITSUBISHI-M65657FP Datasheet
1Mb / 5P
   SCAN CONVERTER
logo
Panasonic Semiconductor
MN89201 PANASONIC-MN89201 Datasheet
64Kb / 11P
   VGA-NTSC Scan Converter
logo
List of Unclassifed Man...
FS401 ETC2-FS401 Datasheet
510Kb / 104P
   PC to TV Video Scan Converters
logo
AverLogic Technologies ...
AL251A-EVB-A0 AVERLOGIC-AL251A-EVB-A0 Datasheet
404Kb / 9P
   Scan Converter Evaluation Board
logo
Siemens Semiconductor G...
SDA9255 SIEMENS-SDA9255 Datasheet
225Kb / 45P
   SRC-Scan Rate Converter SDA9255
logo
Sanyo Semicon Device
LC74982W SANYO-LC74982W Datasheet
99Kb / 14P
   LCD TV Scan Converter IC
logo
Micronas
SDA9415-B13 MICRONAS-SDA9415-B13 Datasheet
3Mb / 185P
   Display Processor and Scan Rate Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com