Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLBF1108A Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TLBF1108A
Description  General Lighting
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLBF1108A Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TLBF1108A Datasheet HTML 2Page - Toshiba Semiconductor TLBF1108A Datasheet HTML 3Page - Toshiba Semiconductor TLBF1108A Datasheet HTML 4Page - Toshiba Semiconductor TLBF1108A Datasheet HTML 5Page - Toshiba Semiconductor TLBF1108A Datasheet HTML 6Page - Toshiba Semiconductor TLBF1108A Datasheet HTML 7Page - Toshiba Semiconductor TLBF1108A Datasheet HTML 8Page - Toshiba Semiconductor TLBF1108A Datasheet HTML 9Page - Toshiba Semiconductor TLBF1108A Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TLBF1108A(T11
6
10.
10.
10.
10. Mounting Method
Mounting Method
Mounting Method
Mounting Method
10.1.
10.1.
10.1.
10.1. Precautions when Mounting
Precautions when Mounting
Precautions when Mounting
Precautions when Mounting
Do not apply force to the plastic part of the LED under high-temperature conditions.
To avoid damaging the LED plastic, do not apply friction using a hard material.
When installing the PCB in a product, ensure that the device does not come into contact with other
cmponents.
For this product, silicone is used as the encapsulated material. Therefore the top surface of this product is
soft. Please do not stress on the encapsulated part of LEDs to avoid affecting the reliability of the product.
When using the mounting devices, please use the picking up nozzle that does not affect the silicone resin.
10.2.
10.2.
10.2.
10.2. Soldering
Soldering
Soldering
Soldering
Following show examples of reflow soldering.
Temperature Profile (see following figures.)
Fig.
Fig.
Fig.
Fig. 10.2.1
10.2.1
10.2.1
10.2.1 Temperature Profile for Pb Soldering
Temperature Profile for Pb Soldering
Temperature Profile for Pb Soldering
Temperature Profile for Pb Soldering
(Example)
(Example)
(Example)
(Example)
Fig.
Fig.
Fig.
Fig. 10.2.2
10.2.2
10.2.2
10.2.2 Temperature Profile for Lead(Pb)-free
Temperature Profile for Lead(Pb)-free
Temperature Profile for Lead(Pb)-free
Temperature Profile for Lead(Pb)-free
Soldering (Example)
Soldering (Example)
Soldering (Example)
Soldering (Example)
The product is evaluated using above reflow soldering conditions. No additional test is performed exceed
the condition (i.e. the condition more than (*)MAX values) as a evaluation. Please perform reflow soldering
under the above conditions.
Please perform the first reflow soldering with reference to the above temperature profile and within 4
weeks of opening the package.
If a second reflow process is necessary, reflow soldering should be performed within 168 hours of the first
reflow under the above conditions. Storage conditions before the second reflow soldering: 30, 60% RH
(max)
Do not perform wave soldering.
Manual soldering with a soldering iron should meet the following conditions:
Temperature at tip of iron: 300 (max)
Soldering iron capacity: 25 W
Time: 3 seconds (max) (only once at each soldering point)
2012-02-24
Rev.2.0


Similar Part No. - TLBF1108A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLBF1100C TOSHIBA-TLBF1100C Datasheet
252Kb / 10P
   LED Lamps
TLBF1100D TOSHIBA-TLBF1100D Datasheet
260Kb / 12P
   General Lighting
More results

Similar Description - TLBF1108A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLWNF1108A TOSHIBA-TLWNF1108A Datasheet
268Kb / 13P
   General Lighting
TLBF1100D TOSHIBA-TLBF1100D Datasheet
260Kb / 12P
   General Lighting
TLWLF1100D TOSHIBA-TLWLF1100D Datasheet
273Kb / 13P
   General Lighting
TLWLF1108A TOSHIBA-TLWLF1108A Datasheet
271Kb / 13P
   General Lighting
TLWLF1109A TOSHIBA-TLWLF1109A Datasheet
270Kb / 13P
   General Lighting
TLWNF1100D TOSHIBA-TLWNF1100D Datasheet
272Kb / 13P
   General Lighting
TLWNF1109A TOSHIBA-TLWNF1109A Datasheet
268Kb / 13P
   General Lighting
TLWF1109A TOSHIBA-TLWF1109A Datasheet
270Kb / 13P
   General Lighting
TLWF1108A TOSHIBA-TLWF1108A Datasheet
271Kb / 13P
   General Lighting
TLWF1100D TOSHIBA-TLWF1100D Datasheet
253Kb / 13P
   General Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com