Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL8593 Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BL8593
Description  P-Channel MOSFET with 0.12V Schottky Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8593 Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BL8593 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8593 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8593 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8593 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8593 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8593 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.belling.com.cn
2
BL8593
ABSOLUTE MAXIMUM RATING
Parameter
Symbol
5 sec
Steady State
Unit
Forward Voltage(Source-Drain)
VSD
12
V
Gate-Source Voltage (MOSFET)
VGS
-8~+0.3
-8~+0.3
Continuous Drain Current
ID
0.8
0.5
mA
Pulsed Drain Current (MOSFET)
IDM
1
A
Maximum Power Dissipation
PD
1
0.5
W
Operating Junction Temperature Range
TJ
−20 to 125
C
Storage Temperature Range
Tstg
-40 to 150
Soldering Recommendations (Peak Temperature)
260C, 10s
THERMAL RESISTANCE RATING
Parameter
Device
Symbol
Typical
Maximum
Unit
junction-to-Ambient
t ≤ 5 sec
DFN2x2
RthJA
50
60
C /W
DFN1x1
77
95
SC70-5
250
280
Steady State
DFN2x2
105
120
DFN1x1
160
200
SC70-5
330
400
Junction to Case
Steady State
DFN2x2
RthJC
20
30
DFN1x1
33
40
SC70-5
150
175
ELECTRICAL CHARACTERISTICS
Tj=25C
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Vth
Threshold Voltage
Ids=-10uA, Vds=Vgs
-1.0
-0.7
-0.4
V
Igs
Gate-Source Leakage current
Vgs=8V
0
12
20
uA
IDss1
PMOS off-state leakage
Vgs=0, Vs=9V, Vd=0V
0.5
5
uA
IDss2
PMOS reverse block leakage
Vg=0, Vs=0V, Vd=4.5V
2
10
uA
Idson
On –state drain current
Vs=5V, Vg=1V, Vd=4V
-800
-650
-500
mA
Rdson
Vds/Idson
Vs=5V, Vg=1V, Vd=4V
1.25
1.5
2
ohm
Vfsbd
Forward voltage of schottky
Vs=4V, Vg=0V, Ids=0,
0.08
0.12
0.16
V


Similar Part No. - BL8593

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8591 BELLING-BL8591 Datasheet
268Kb / 10P
   100mA High PSRR, Fast Response Linear Regulator
BL8595 BELLING-BL8595 Datasheet
537Kb / 5P
   18V-1A PNP with N-MOSFET CHARGE IC
BL8596 BELLING-BL8596 Datasheet
578Kb / 4P
   LDO mode OVP with Integrated P-MOSFET
BL8598 BELLING-BL8598 Datasheet
552Kb / 6P
   Adjustable Overvoltage Protector with High Accuracy
More results

Similar Description - BL8593

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GTS6923 GTM-GTS6923 Datasheet
333Kb / 4P
   P-CHANNEL WITH SCHOTTKY DIODE POWER MOSFET
logo
SYNC POWER Crop.
SPC4703 SYNC-POWER-SPC4703 Datasheet
230Kb / 9P
   P-Channel Trench MOSFET with Schottky Diode
logo
Taiwan Semiconductor Co...
TSM301K12CQ TSC-TSM301K12CQ_13 Datasheet
455Kb / 7P
   20V P-Channel MOSFET with Schottky Diode
logo
Advanced Power Electron...
AP6923O A-POWER-AP6923O Datasheet
73Kb / 4P
   P-CHANNEL WITH SCHOTTKY DIODE POWER MOSFET
logo
ELM Technology Corporat...
ELM14701AA-N ELM-TECH-ELM14701AA-N Datasheet
119Kb / 5P
   Single P-channel MOSFET with schottky diode
ELM16701EA-S ELM-TECH-ELM16701EA-S Datasheet
123Kb / 5P
   Single P-channel MOSFET with schottky diode
logo
SeCoS Halbleitertechnol...
SSY5829P SECOS-SSY5829P Datasheet
656Kb / 4P
   P-Channel Enhancement MOSFET With Schottky Diode
logo
SYNC POWER Crop.
SPC6801 SYNC-POWER-SPC6801 Datasheet
229Kb / 9P
   P-Channel Trench MOSFET with Schottky Diode
logo
Taiwan Semiconductor Co...
TSM301K12 TSC-TSM301K12 Datasheet
414Kb / 7P
   20V P-Channel MOSFET with Schottky Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com