Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLWLF1109A Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLWLF1109A
Description  General Lighting
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLWLF1109A Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLWLF1109A Datasheet HTML 1Page - Toshiba Semiconductor TLWLF1109A Datasheet HTML 2Page - Toshiba Semiconductor TLWLF1109A Datasheet HTML 3Page - Toshiba Semiconductor TLWLF1109A Datasheet HTML 4Page - Toshiba Semiconductor TLWLF1109A Datasheet HTML 5Page - Toshiba Semiconductor TLWLF1109A Datasheet HTML 6Page - Toshiba Semiconductor TLWLF1109A Datasheet HTML 7Page - Toshiba Semiconductor TLWLF1109A Datasheet HTML 8Page - Toshiba Semiconductor TLWLF1109A Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TLWLF1109A(T11
1
LED Lamps InGaN and Phosphor
TLWLF1109A(T11
TLWLF1109A(T11
TLWLF1109A(T11
TLWLF1109A(T11
1.
1.
1.
1. Applications
Applications
Applications
Applications
General Lighting
Backlighting
Pilot Lamps
2.
2.
2.
2. Features
Features
Features
Features
(1)
Size: 3.2 (L) mm × 2.9 (W) mm × 1.9 (H) mm
(2)
Luminous intensity: IV = 2800 mcd (typ.) @IF = 40 mA
(3)
LED chip and phosphor
(4)
Emitting material: InGaN
(5)
Color: White (Warm White)
(6)
High heat-resistant type: Topr/Tstg = -40 to 100
(7)
High current driving: IF = 50 mA (max)
(8)
Standard embossed tape packing: 4-mm pitch: T11 type (2000 pcs/reel), 8-mm tape/reel
3.
3.
3.
3. Packaging and Internal Circuit
Packaging and Internal Circuit
Packaging and Internal Circuit
Packaging and Internal Circuit
1: Cathode
2: Anode
3: Anode
4: Anode
4-3W1S
2012-02-24
Rev.1.0


Similar Part No. - TLWLF1109A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLWLF1100C TOSHIBA-TLWLF1100C Datasheet
306Kb / 9P
   LED Lamp
TLWLF1100D TOSHIBA-TLWLF1100D Datasheet
273Kb / 13P
   General Lighting
TLWLF1108A TOSHIBA-TLWLF1108A Datasheet
271Kb / 13P
   General Lighting
More results

Similar Description - TLWLF1109A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLWNF1108A TOSHIBA-TLWNF1108A Datasheet
268Kb / 13P
   General Lighting
TLBF1100D TOSHIBA-TLBF1100D Datasheet
260Kb / 12P
   General Lighting
TLWLF1100D TOSHIBA-TLWLF1100D Datasheet
273Kb / 13P
   General Lighting
TLWLF1108A TOSHIBA-TLWLF1108A Datasheet
271Kb / 13P
   General Lighting
TLWNF1100D TOSHIBA-TLWNF1100D Datasheet
272Kb / 13P
   General Lighting
TLWNF1109A TOSHIBA-TLWNF1109A Datasheet
268Kb / 13P
   General Lighting
TLBF1108A TOSHIBA-TLBF1108A Datasheet
254Kb / 12P
   General Lighting
TLWF1109A TOSHIBA-TLWF1109A Datasheet
270Kb / 13P
   General Lighting
TLWF1108A TOSHIBA-TLWF1108A Datasheet
271Kb / 13P
   General Lighting
TLWF1100D TOSHIBA-TLWF1100D Datasheet
253Kb / 13P
   General Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com