Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLWNF1109A Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TLWNF1109A
Description  General Lighting
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLWNF1109A Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TLWNF1109A Datasheet HTML 2Page - Toshiba Semiconductor TLWNF1109A Datasheet HTML 3Page - Toshiba Semiconductor TLWNF1109A Datasheet HTML 4Page - Toshiba Semiconductor TLWNF1109A Datasheet HTML 5Page - Toshiba Semiconductor TLWNF1109A Datasheet HTML 6Page - Toshiba Semiconductor TLWNF1109A Datasheet HTML 7Page - Toshiba Semiconductor TLWNF1109A Datasheet HTML 8Page - Toshiba Semiconductor TLWNF1109A Datasheet HTML 9Page - Toshiba Semiconductor TLWNF1109A Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TLWNF1109A(T11
6
9.
9.
9.
9. Packing
Packing
Packing
Packing
9.1.
9.1.
9.1.
9.1. Moisture-Proof Packing
Moisture-Proof Packing
Moisture-Proof Packing
Moisture-Proof Packing
These LED devices are packed in an aluminum envelope with a silica gel and a moisture indicator to avoid
moisture absorption. The optical characteristics of the device may be affected by exposure to moisture in the air
before soldering and the device should therefore be stored under the following conditions:
This moisture proof bag may be stored unopened within 12 months at the following conditions.
Temperature: 5 to 30
Humidity: 90% (max)
After opening the moisture proof bag, the device should be assembled within 4 weeks in an environment of
5 to 30/60% RH or below.
If upon opening, the moisture indicator card shows humidity 30% or above (Color of indication changes to
pink) or the expiration date has passed, the device should be baked in taping with reel.
After baking, use the baked device within 72 hours, but perform baking only once.
Baking conditions: 60±5, for 12 to 24 hours.
Expiration date: 12 months from sealing date, which is imprinted on the label affixed.
Repeated baking can cause the peeling strength of the taping to change, then leads to trouble in mounting.
Furthermore, prevent the devices from being destructed against static electricity for baking of it.
If the packing material of laminate would be broken, the hermeticity would deteriorate. Therefore, do not
throw or drop the packed devices.
2012-03-06
Rev.2.0


Similar Part No. - TLWNF1109A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLWNF1109 TOSHIBA-TLWNF1109 Datasheet
272Kb / 10P
   Panel Circuit Indicators
TLWNF1109T11 TOSHIBA-TLWNF1109T11 Datasheet
272Kb / 10P
   Panel Circuit Indicators
More results

Similar Description - TLWNF1109A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLWNF1108A TOSHIBA-TLWNF1108A Datasheet
268Kb / 13P
   General Lighting
TLBF1100D TOSHIBA-TLBF1100D Datasheet
260Kb / 12P
   General Lighting
TLWLF1100D TOSHIBA-TLWLF1100D Datasheet
273Kb / 13P
   General Lighting
TLWLF1108A TOSHIBA-TLWLF1108A Datasheet
271Kb / 13P
   General Lighting
TLWLF1109A TOSHIBA-TLWLF1109A Datasheet
270Kb / 13P
   General Lighting
TLWNF1100D TOSHIBA-TLWNF1100D Datasheet
272Kb / 13P
   General Lighting
TLBF1108A TOSHIBA-TLBF1108A Datasheet
254Kb / 12P
   General Lighting
TLWF1109A TOSHIBA-TLWF1109A Datasheet
270Kb / 13P
   General Lighting
TLWF1108A TOSHIBA-TLWF1108A Datasheet
271Kb / 13P
   General Lighting
TLWF1100D TOSHIBA-TLWF1100D Datasheet
253Kb / 13P
   General Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com