Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF701 Datasheet(PDF) 1 Page - Protek Devices

Part # STF701
Description  EMI FILTER/TVS ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

STF701 Datasheet(HTML) 1 Page - Protek Devices

  STF701_12 Datasheet HTML 1Page - Protek Devices STF701_12 Datasheet HTML 2Page - Protek Devices STF701_12 Datasheet HTML 3Page - Protek Devices STF701_12 Datasheet HTML 4Page - Protek Devices STF701_12 Datasheet HTML 5Page - Protek Devices STF701_12 Datasheet HTML 6Page - Protek Devices STF701_12 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05129.R11 10/12
Page 1
STF701
emi FilTeR/TvS aRRay
DeScRiPTion
The STF701 is a TVS/Filter combination network designed to reduce EMI/RFI noise on data I/O ports and provide
transient voltage protection and noise suppression on transceivers operating up to 100 MHz.
This device is packaged in a SC70-5L configuration with a common ground pin for both TVS/Filter networks. Each
device consists of two networks to be used for common-mode protection against ESD and other transients.
FeaTuReS
• Compatible with IEC 61000-4-2 (ESD): Air 15kV, Contact 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A, 5/50ns
• ESD Protection > 25 kilovolts
• 175 Watts Peak Pulse Power per Line(tp = 8/20µs)
• Bidirectional EMI Filtering
• Low Insertion Loss Up to 10MHz, -3dB Roll-Off @ 40MHz
• Protection for 2 Data Lines
• RoHS Compliant
• REACH Compliant
mechanical chaRacTeRiSTicS
• Molded JEDEC SC70-5L Package
• Approximate Weight: 7milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• Flammability Rating UL 94V-0
• 8mm Tape and Reel per EIA Standard 481
aPPlicaTionS
• SMART Phones
• Portable Electronics
Pin conFiGuRaTion
Sc70-5l PackaGe
1
3
5
4
2
OUT 1
OUT 2
IN 1
GND
IN 2


Similar Part No. - STF701_12

ManufacturerPart #DatasheetDescription
logo
Protek Devices
STF701 PROTEC-STF701_11 Datasheet
705Kb / 7P
   emi filter/tvs array
More results

Similar Description - STF701_12

ManufacturerPart #DatasheetDescription
logo
Protek Devices
EM02-100 PROTEC-EM02-100 Datasheet
80Kb / 4P
   EMI FILTER/TVS ARRAY
EM4DLP-100L PROTEC-EM4DLP-100L Datasheet
74Kb / 4P
   EMI FILTER/TVS ARRAY
EM6D-100-4D PROTEC-EM6D-100-4D Datasheet
83Kb / 4P
   EMI FILTER/TVS ARRAY
EMIF4-100LFC PROTEC-EMIF4-100LFC_07 Datasheet
88Kb / 5P
   EMI FILTER/TVS ARRAY
EMIF6-100LFC PROTEC-EMIF6-100LFC_07 Datasheet
96Kb / 5P
   EMI FILTER/TVS ARRAY
EM6D100L PROTEC-EM6D100L Datasheet
88Kb / 4P
   EMI FILTER/TVS ARRAY
EMF01-100 PROTEC-EMF01-100 Datasheet
95Kb / 4P
   EMI FILTER/TVS ARRAY
EM4D-100L PROTEC-EM4D-100L_11 Datasheet
744Kb / 7P
   emi filter/tvs array
EM4DLP-100L PROTEC-EM4DLP-100L_11 Datasheet
746Kb / 7P
   emi filter/tvs array
EM1631-08DSLP PROTEC-EM1631-08DSLP Datasheet
635Kb / 7P
   emi filter/tvs array
EM4D-100L PROTEC-EM4D-100L Datasheet
74Kb / 4P
   EMI FILTER/TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com