Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS10P08LC Datasheet(PDF) 3 Page - Protek Devices

Part # VS10P08LC
Description  HIGH POWERED MULTI-LINE VSIP짰 TVS ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

VS10P08LC Datasheet(HTML) 3 Page - Protek Devices

  VS10P08LC Datasheet HTML 1Page - Protek Devices VS10P08LC Datasheet HTML 2Page - Protek Devices VS10P08LC Datasheet HTML 3Page - Protek Devices VS10P08LC Datasheet HTML 4Page - Protek Devices VS10P08LC Datasheet HTML 5Page - Protek Devices VS10P08LC Datasheet HTML 6Page - Protek Devices VS10P08LC Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05015.R12 10/12
Page 3
VSIP® Series - A & B
tyPIcAl deVIce cHARActeRIStIcS
SeRIeS “B” electRIcAl cHARActeRIStIcS PeR lIne @ 25°c unless otherwise Specified
PARt
numBeR
(note 1-4)
RAted
StAnd-oFF
VoltAge
V
wm
VoltS
mInImum
BReAkdown
VoltAge
@1mA
V
(BR)
VoltS
mAXImum
clAmPIng
VoltAge
(Fig. 2)
@ IP = 1A
V
c
VoltS
mAXImum
clAmPIng
VoltAge
(Fig. 2)
@ IP = 10A
V
c
VoltS
mAXImum
leAkAge
cuRRent
@V
wm
I
d
µA
mAXImum
PeAk PulSe
cuRRent
(Fig. 2)
I
PP
amps
VSB10P05
5.0
6.0
8.6
9.1
300
300
VSB10P05C
5.0
6.0
8.6
9.1
300
300
VSB10P05LC
5.0
6.0
8.6
9.1
300
300
VSB10P05LCI
5.0
6.0
8.6
9.1
300
300
VSB10P08
8.0
8.5
10.9
12.0
200
258
VSB10P08C
8.0
8.5
10.9
12.0
200
258
VSB10P08LC
8.0
8.5
10.9
12.0
200
258
VSB10P08LCI
8.0
8.5
10.9
12.0
200
258
VSB10P12
12.0
13.3
17.0
18.8
2
184
VSB10P12C
12.0
13.3
17.0
18.8
2
184
VSB10P12LC
12.0
13.3
17.0
18.8
2
184
VSB10P12LCI
12.0
13.3
17.0
18.8
2
184
VSB10P15
15.0
16.7
21.4
23.6
2
147
VSB10P15C
15.0
16.7
21.4
23.6
2
147
VSB10P15LC
15.0
16.7
21.4
23.6
2
147
VSB10P15CLI
15.0
16.7
21.4
23.6
2
147
VSB10P24
24.0
26.7
34.2
37.8
2
111
VSB10P24C
24.0
26.7
34.2
37.8
2
111
VSB10P24LC
24.0
26.7
34.2
37.8
2
111
VSB10P24LCI
24.0
26.7
34.2
37.8
2
111
VSB10P28
28.0
31.1
39.8
40.0
2
93
VSB10P28
28.0
31.1
39.8
40.0
2
93
VSB10P28
28.0
31.1
39.8
40.0
2
93
VSB10P28
28.0
31.1
39.8
40.0
2
93
VSB10P33
33.0
36.7
47.0
51.9
2
83
VSB10P33
33.0
36.7
47.0
51.9
2
83
VSB10P33
33.0
36.7
47.0
51.9
2
83
VSB10P33
33.0
36.7
47.0
51.9
2
83
VSB10P36
36.0
40.0
51.2
56.6
2
68
VSB10P36
36.0
40.0
51.2
56.6
2
68
VSB10P36
36.0
40.0
51.2
56.6
2
68
VSB10P36
36.0
40.0
51.2
56.6
2
68
noteS
1. The “C” suffix denotes a bidirectional device, such as VSB10P5c.
2. Forward voltage (Unidirectional Configurations Only): V
F = 1.5V @ 200mA.
3. The “LC” suffix denotes a low capacitance device, such as VSB10P05lc. These devices have a capacitance of 100pF.
4. The “LCI” suffix denotes an isolated low capacitance device, such as VSB10P05LCI.


Similar Part No. - VS10P08LC

ManufacturerPart #DatasheetDescription
logo
Protek Devices
VS10P08LC PROTEC-VS10P08LC Datasheet
750Kb / 7P
   High powered multi-line VSIP짰 tvs array
VS10P08LCI PROTEC-VS10P08LCI Datasheet
750Kb / 7P
   High powered multi-line VSIP짰 tvs array
More results

Similar Description - VS10P08LC

ManufacturerPart #DatasheetDescription
logo
Protek Devices
VSIP PROTEC-VSIP Datasheet
750Kb / 7P
   High powered multi-line VSIP짰 tvs array
VSB06P05LCI PROTEC-VSB06P05LCI_11 Datasheet
654Kb / 6P
   high powered VSIP짰 tvs array
VSB06P05LCI PROTEC-VSB06P05LCI_12 Datasheet
655Kb / 6P
   HIGH POWERED VSIP짰 TVS ARRAY
DA8 PROTEC-DA8 Datasheet
471Kb / 5P
   High powered multi-line tvs array
LCD05C PROTEC-LCD05C_11 Datasheet
770Kb / 8P
   HIGH POWERED MULTI-LINE TVS ARRAY
DA05L PROTEC-DA05L_10 Datasheet
467Kb / 5P
   High powered multi-line tvs array
DA05N PROTEC-DA05N_10 Datasheet
568Kb / 5P
   High powered multi-line tvs array
DA16 PROTEC-DA16 Datasheet
394Kb / 5P
   HIGH POWERED MULTI-LINE TVS ARRAY
DLZ-5-DLZ-30CA PROTEC-DLZ-5-DLZ-30CA Datasheet
451Kb / 5P
   High powered multi-line tvs array
LCA05C PROTEC-LCA05C_10 Datasheet
679Kb / 7P
   High powered multi-line tvs array
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com