Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXD2443Q Datasheet(PDF) 5 Page - Sony Corporation

Part # CXD2443Q
Description  Timing Generator for LCD Panels
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2443Q Datasheet(HTML) 5 Page - Sony Corporation

  CXD2443Q Datasheet HTML 1Page - Sony Corporation CXD2443Q Datasheet HTML 2Page - Sony Corporation CXD2443Q Datasheet HTML 3Page - Sony Corporation CXD2443Q Datasheet HTML 4Page - Sony Corporation CXD2443Q Datasheet HTML 5Page - Sony Corporation CXD2443Q Datasheet HTML 6Page - Sony Corporation CXD2443Q Datasheet HTML 7Page - Sony Corporation CXD2443Q Datasheet HTML 8Page - Sony Corporation CXD2443Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 57 page
background image
– 5 –
CXD2443Q
∗ H: Pull up, L: Pull down
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
RSTR
WCK
RSTW
CKO4
CKI4
RPD4
FPD4
VDD
VSS
PEO4
PWM4
TC4
TC2
FPD2
PEO2
PWM2
RPD2
CKO2
CKI2
VSS
CKO3
CKI3
RPD3
PEO3
PWM3
FPD3
TC3
CKSL
CKI5
HDR
O
O
O
I/O
I
O
O
I/O
O
I/O
I/O
O
I/O
O
O
I/O
I
I/O
I
O
I/O
O
O
I/O
I
I
O
Read reset output (for line buffer, negative polarity)
Write clock output (for line buffer)
Write reset output (for line buffer, negative polarity)
Oscillation cell 4 output (line double-speed controller)
Oscillation cell 4 input (line double-speed controller)
Phase comparator 4 output (line double-speed controller)
Phase comparator 4 output (line double-speed controller)
Power supply
GND
Loop filter integrator 4 output (line double-speed controller)
Loop filter integrator 4 input (line double-speed controller)
FPD4 output pulse width adjustment (line double-speed controller)
FPD2 output pulse width adjustment (NTSC/PAL 16:9)
Phase comparator 2 output (NTSC/PAL 16:9)
Loop filter integrator 2 output (NTSC/PAL 16:9)
Loop filter integrator 2 input (NTSC/PAL 16:9)
Phase comparator 2 output (NTSC/PAL 16:9)
Oscillation cell 2 output (NTSC/PAL 16:9)
Oscillation cell 2 input (NTSC/PAL 16:9)
GND
Oscillation cell 3 output (HD)
Oscillation cell 3 input (HD)
Phase comparator 3 output (HD)
Loop filter integrator 3 output (HD)
Loop filter integrator 3 input (HD)
Phase comparator 3 output (HD)
FPD3 output pulse width adjustment (HD)
PLL system switching (High: Built-in PLL, Low: External PLL)
External clock input (for external phase comparison)
Phase comparator output (for external phase comparison)
H
Pin
No.
Symbol
I/O
Description
Input pin for
open status


Similar Part No. - CXD2443Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2442Q SONY-CXD2442Q Datasheet
9Mb / 70P
   Timing Generator for LCD Panels
More results

Similar Description - CXD2443Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2412AQ SONY-CXD2412AQ Datasheet
1Mb / 36P
   Timing Generator for LCD Panels
CXD2442Q SONY-CXD2442Q Datasheet
9Mb / 70P
   Timing Generator for LCD Panels
CXD2453Q SONY-CXD2453Q Datasheet
997Kb / 21P
   Timing Generator for LCD Panels
CXD3500R SONY-CXD3500R Datasheet
792Kb / 73P
   Timing Generator for LCD Panels
CXD2436Q SONY-CXD2436Q Datasheet
2Mb / 34P
   Timing Generator for LCD Panels
CXD2464R SONY-CXD2464R Datasheet
4Mb / 97P
   Timing Generator for LCD Panels
CXD2458AR SONY-CXD2458AR Datasheet
1Mb / 56P
   Timing Generator for Color LCD Panels
CXD2411AR SONY-CXD2411AR Datasheet
1Mb / 42P
   Timing Generator for Color LCD Panels
CXA3268AR SONY-CXA3268AR Datasheet
432Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3522R SONY-CXA3522R Datasheet
358Kb / 41P
   Driver/Timing Generator for Color LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com