Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2045-12 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 2045-12
Description  2045 Series Medium Duty 2-Electrode Gas Discharge Tube
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2045-12 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  2045-12 Datasheet HTML 1Page - Bourns Electronic Solutions 2045-12 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
20
(.787)
MIN.
6.0 +0.3/-0.5
(.236 +.001/-.020)
8.0 +0.3/-0.5
(.315 +.001/-.020)
0.8 ± 0.05
(.031 ± .002)
2045-XX-B
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
2045 Series Medium Duty 2-Electrode Gas Discharge Tube
Packaging Specifications
The reelpack (-BT1LF) contains 500 pieces per reel. Reel is 330 mm
in diameter and 68 mm wide. Two reels per box (1K units).
Product Dimensions
How to Order
2045 - xx - B __ LF
Model Number Designator
Voltage
07 = 75 V
25 = 250 V
09 = 90 V
30 = 300 V
12 = 120 V
35 = 350 V
13 = 130 V
40 = 400 V
14 = 145 V
47 = 470 V
23 = 230 V
Leads
B = 0.8 mm straight leads
Packaging
T1 = Reelpack (Optional) - 500 pcs./reel
RoHS Compliancy
LF = RoHS Compliant Product
DIMENSIONS:
MM
(INCHES)
REV. A 0
6/12
Asia-Pacific: Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe: Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas: Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com
2045-XX-BT1LF — 0.8 mm (0.032 in.) dia. lead wire
52.4
(2.1)
10.0
(0.4)
Note:
Custom leadforms available - please contact Bourns for
details.
DIMENSIONS:
MM
(INCHES)


Similar Part No. - 2045-12

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2045-12-BT1LF BOURNS-2045-12-BT1LF Datasheet
231Kb / 2P
   Medium Duty 2-Electrode Gas Discharge Tube
More results

Similar Description - 2045-12

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2049-07-BT1LF BOURNS-2049-07-BT1LF Datasheet
233Kb / 2P
   Medium Duty 2-Electrode Gas Discharge Tube
2045-07 BOURNS-2045-07_15 Datasheet
231Kb / 2P
   Medium Duty 2-Electrode Gas Discharge Tube
2049-07 BOURNS-2049-07 Datasheet
248Kb / 2P
   2049 Series Medium Duty 2-Electrode Gas Discharge Tube
2049-23-BLF BOURNS-2049-23-BLF Datasheet
237Kb / 2P
   2049 Series Medium Duty 2-Electrode Gas Discharge Tube
2057-07 BOURNS-2057-07 Datasheet
270Kb / 2P
   Light Duty 2-Electrode Miniature Gas Discharge Tube
2053 BOURNS-2053 Datasheet
237Kb / 2P
   Light Duty 2-Electrode Miniature Gas Discharge Tube
2057 BOURNS-2057 Datasheet
270Kb / 2P
   Light Duty 2-Electrode Miniature Gas Discharge Tube
2053-07 BOURNS-2053-07 Datasheet
229Kb / 2P
   Light Duty 2-Electrode Miniature Gas Discharge Tube
2056-09 BOURNS-2056-09 Datasheet
192Kb / 2P
   Light Duty 3-Electrode Gas Discharge Tube
2046-09 BOURNS-2046-09 Datasheet
200Kb / 2P
   Heavy-Duty 3-Electrode Gas Discharge Tube
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com