Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS10P24LC Datasheet(PDF) 2 Page - Protek Devices

Part # VS10P24LC
Description  HIGH POWERED MULTI-LINE VSIP짰 TVS ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

VS10P24LC Datasheet(HTML) 2 Page - Protek Devices

  VS10P24LC Datasheet HTML 1Page - Protek Devices VS10P24LC Datasheet HTML 2Page - Protek Devices VS10P24LC Datasheet HTML 3Page - Protek Devices VS10P24LC Datasheet HTML 4Page - Protek Devices VS10P24LC Datasheet HTML 5Page - Protek Devices VS10P24LC Datasheet HTML 6Page - Protek Devices VS10P24LC Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05015.R12 10/12
Page 2
VSIP® Series - A & B
tyPIcAl deVIce cHARActeRIStIcS
mAXImum RAtIngS @ 25°c unless otherwise Specified
PARAmeteR
SymBol
VAlue
unItS
Series “A” Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
800
Watts
Series “B” Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
3400
Watts
Operating Temperature
T
L
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
SeRIeS “A” electRIcAl cHARActeRIStIcS PeR lIne @ 25°c unless otherwise Specified
PARt
numBeR
(note 1-4)
RAted
StAnd-oFF
VoltAge
V
wm
VoltS
mInImum
BReAkdown
VoltAge
@1mA
V
(BR)
VoltS
mAXImum
clAmPIng
VoltAge
(Fig. 2)
@ IP = 1A
V
c
VoltS
mAXImum
clAmPIng
VoltAge
(Fig. 2)
@ IP = 10A
V
c
VoltS
mAXImum
leAkAge
cuRRent
@V
wm
I
d
µA
mAXImum
PeAk PulSe
cuRRent
(Fig. 2)
I
PP
amps
VS10P05
5.0
6.0
9.8
12.5
100
45
VS10P05C
5.0
6.0
9.8
12.5
100
45
VS10P05LC
5.0
6.0
9.8
12.5
100
45
VS10P05LCI
5.0
6.0
9.8
12.5
100
45
VS10P08
8.0
8.5
13.4
16.6
10
40
VS10P08C
8.0
8.5
13.4
16.6
10
40
VS10P08LC
8.0
8.5
13.4
16.6
10
40
VS10P08LCI
8.0
8.5
13.4
16.6
10
40
VS10P12
12.0
13.3
19.5
22.7
1
34
VS10P12C
12.0
13.3
19.5
22.7
1
34
VS10P12LC
12.0
13.3
19.5
22.7
1
34
VS10P12LCI
12.0
13.3
19.5
22.7
1
34
VS10P15
15.0
16.7
24.4
28.5
1
27
VS10P15C
15.0
16.7
24.4
28.5
1
27
VS10P15LC
15.0
16.7
24.4
28.5
1
27
VS10P15CLI
15.0
16.7
24.4
28.5
1
27
VS10P24
24.0
26.7
39.1
45.6
1
22
VS10P24C
24.0
26.7
39.1
45.6
1
22
VS10P24LC
24.0
26.7
39.1
45.6
1
22
VS10P24LCI
24.0
26.7
39.1
45.6
1
22
noteS
1. The “C” suffix denotes a bidirectional device, such as VS10P5c.
2. Forward voltage (Unidirectional Configurations Only): V
F = 1.5V @ 200mA.
3. The “LC” suffix denotes a low capacitance device, such as VS10P05lc. These devices have a capacitance of 25pF.
4. The “LCI” suffix denotes an isolated low capacitance device, such as VS10P05LCI.


Similar Part No. - VS10P24LC

ManufacturerPart #DatasheetDescription
logo
Protek Devices
VS10P03LC PROTEC-VS10P03LC Datasheet
686Kb / 5P
   low capacitance VSIP짰 tvs array
VS10P03LC PROTEC-VS10P03LC_12 Datasheet
688Kb / 5P
   LOW CAPACITANCE VSIP짰 TVS ARRAY
VS10P05 PROTEC-VS10P05 Datasheet
750Kb / 7P
   High powered multi-line VSIP짰 tvs array
VS10P05C PROTEC-VS10P05C Datasheet
750Kb / 7P
   High powered multi-line VSIP짰 tvs array
VS10P05LC PROTEC-VS10P05LC Datasheet
750Kb / 7P
   High powered multi-line VSIP짰 tvs array
More results

Similar Description - VS10P24LC

ManufacturerPart #DatasheetDescription
logo
Protek Devices
VSIP PROTEC-VSIP Datasheet
750Kb / 7P
   High powered multi-line VSIP짰 tvs array
VSB06P05LCI PROTEC-VSB06P05LCI_11 Datasheet
654Kb / 6P
   high powered VSIP짰 tvs array
VSB06P05LCI PROTEC-VSB06P05LCI_12 Datasheet
655Kb / 6P
   HIGH POWERED VSIP짰 TVS ARRAY
DA8 PROTEC-DA8 Datasheet
471Kb / 5P
   High powered multi-line tvs array
LCD05C PROTEC-LCD05C_11 Datasheet
770Kb / 8P
   HIGH POWERED MULTI-LINE TVS ARRAY
DA05L PROTEC-DA05L_10 Datasheet
467Kb / 5P
   High powered multi-line tvs array
DA05N PROTEC-DA05N_10 Datasheet
568Kb / 5P
   High powered multi-line tvs array
DA16 PROTEC-DA16 Datasheet
394Kb / 5P
   HIGH POWERED MULTI-LINE TVS ARRAY
DLZ-5-DLZ-30CA PROTEC-DLZ-5-DLZ-30CA Datasheet
451Kb / 5P
   High powered multi-line tvs array
LCA05C PROTEC-LCA05C_10 Datasheet
679Kb / 7P
   High powered multi-line tvs array
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com