Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMK316ABJ226ML-T Datasheet(PDF) 8 Page - Enpirion, Inc.

Part # EMK316ABJ226ML-T
Description  15A Voltage Mode Synchronous Buck PWM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EMK316ABJ226ML-T Datasheet(HTML) 8 Page - Enpirion, Inc.

Back Button EMK316ABJ226ML-T Datasheet HTML 4Page - Enpirion, Inc. EMK316ABJ226ML-T Datasheet HTML 5Page - Enpirion, Inc. EMK316ABJ226ML-T Datasheet HTML 6Page - Enpirion, Inc. EMK316ABJ226ML-T Datasheet HTML 7Page - Enpirion, Inc. EMK316ABJ226ML-T Datasheet HTML 8Page - Enpirion, Inc. EMK316ABJ226ML-T Datasheet HTML 9Page - Enpirion, Inc. EMK316ABJ226ML-T Datasheet HTML 10Page - Enpirion, Inc. EMK316ABJ226ML-T Datasheet HTML 11Page - Enpirion, Inc. EMK316ABJ226ML-T Datasheet HTML 12Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
EN23F0QI
©Enpirion 2012 all rights reserved, E&OE
Enpirion Confidential
www.enpirion.com, Page 8
Typical Performance Curves
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
25 30 35 40 45 50 55 60 65 70 75 80 85
AMBIENT TEMPERATURE ( C)
Output Current De-rating
with Heat Sink
VOUT = 1.2V
VOUT = 1.8V
VOUT = 3.3V
CONDITIONS
VIN = 12V
TJMAX = 125 C
θJA = 12 C/W
13x12x3mm QFN
No Air Flow
Heat Sink ‐ Wakefield
Thermal Solutions 
P/N 651‐B 
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
25 30 35 40 45 50 55 60 65 70 75 80 85
AMBIENT TEMPERATURE ( C)
Output Current De-rating
with Heat Sink and Air Flow (200fpm)
VOUT = 1.2V
VOUT = 1.8V
VOUT = 3.3V
CONDITIONS
VIN = 12V
TJMAX = 125 C
θJA = 9.5 C/W
13x12x3mm QFN
Air Flow (200fpm)
Heat Sink - Wakefield
Thermal Solutions
P/N 651-B
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
25 30 35 40 45 50 55 60 65 70 75 80 85
AMBIENT TEMPERATURE ( C)
Output Current De-rating
with Heat Sink and Air Flow (400fpm)
VOUT = 1.2V
VOUT = 1.8V
VOUT = 3.3V
CONDITIONS
VIN = 12V
TJMAX = 125 C
θJA = 8 C/W
13x12x3mm QFN
Air Flow (400fpm)
Heat Sink - Wakefield
Thermal Solutions
P/N 651-B
0.995
0.996
0.997
0.998
0.999
1.000
1.001
1.002
1.003
1.004
1.005
0 12345 6789 10 11 12 13 14 15
OUTPUT CURRENT (A)
Output Voltage vs. Output Current
VIN = 8V
VIN = 10V
VIN = 12V
CONDITIONS
VIN = 5.0V
CONDITIONS
VOUT_NOM = 1.0V
1.195
1.196
1.197
1.198
1.199
1.200
1.201
1.202
1.203
1.204
1.205
012 3456 789 10 11 12 13 14 15
OUTPUT CURRENT (A)
Output Voltage vs. Output Current
VIN = 8V
VIN = 10V
VIN = 12V
CONDITIONS
VIN = 5.0V
CONDITIONS
VOUT_NOM = 1.2V
1.795
1.796
1.797
1.798
1.799
1.800
1.801
1.802
1.803
1.804
1.805
0 123 456 789 10 11 12 13 14 15
OUTPUT CURRENT (A)
Output Voltage vs. Output Current
VIN = 8V
VIN = 10V
VIN = 12V
CONDITIONS
VOUT_NOM = 1.8V
Note: Air flow or heat sink may be required for
higher currents. See derating curves.


Similar Part No. - EMK316ABJ226ML-T

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EMK316ABJ226ML-T ENPIRION-EMK316ABJ226ML-T Datasheet
1Mb / 20P
   204A Voltage Mode Synchronous Buck PWM
EMK316ABJ226ML-T ENPIRION-EMK316ABJ226ML-T Datasheet
1Mb / 24P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EMK316ABJ226ML-T ENPIRION-EMK316ABJ226ML-T Datasheet
791Kb / 21P
   9A Voltage Mode Synchronous Buck PWM
logo
Taiyo Yuden (U.S.A.), I...
EMK316ABJ226ML-T TAIYO-YUDEN-EMK316ABJ226ML-T Datasheet
291Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
More results

Similar Description - EMK316ABJ226ML-T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN65005A ONSEMI-FAN65005A Datasheet
1Mb / 26P
   Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
logo
Enpirion, Inc.
EN2390QI ENPIRION-EN2390QI Datasheet
791Kb / 21P
   9A Voltage Mode Synchronous Buck PWM
logo
ON Semiconductor
FAN65008B ONSEMI-FAN65008B Datasheet
1Mb / 26P
   Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
logo
Enpirion, Inc.
EN2340QI ENPIRION-EN2340QI Datasheet
1Mb / 20P
   204A Voltage Mode Synchronous Buck PWM
logo
Fairchild Semiconductor
FAN2011 FAIRCHILD-FAN2011 Datasheet
240Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
logo
Enpirion, Inc.
EN5330 ENPIRION-EN5330 Datasheet
409Kb / 11P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter
logo
Fairchild Semiconductor
FAN2013 FAIRCHILD-FAN2013 Datasheet
549Kb / 9P
   2A Low-Voltage Current-Mode Synchronous PWM Buck Regulator
logo
ACE Technology Co., LTD...
ACE758P ACE-ACE758P Datasheet
116Kb / 3P
   1.5V Voltage Mode Synchronous PWM Buck with Integrated Inductor
VER 1.2
logo
Fairchild Semiconductor
FAN2013 FAIRCHILD-FAN2013_08 Datasheet
884Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
FAN2013B FAIRCHILD-FAN2013B Datasheet
827Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com