Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSB10P24 Datasheet(PDF) 4 Page - Protek Devices

Part # VSB10P24
Description  HIGH POWERED MULTI-LINE VSIP짰 TVS ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

VSB10P24 Datasheet(HTML) 4 Page - Protek Devices

  VSB10P24 Datasheet HTML 1Page - Protek Devices VSB10P24 Datasheet HTML 2Page - Protek Devices VSB10P24 Datasheet HTML 3Page - Protek Devices VSB10P24 Datasheet HTML 4Page - Protek Devices VSB10P24 Datasheet HTML 5Page - Protek Devices VSB10P24 Datasheet HTML 6Page - Protek Devices VSB10P24 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05015.R12 10/12
Page 4
VSIP® Series - A & B
tyPIcAl deVIce cHARActeRIStIcS
FIguRe 1
PeAk PulSe PoweR VS PulSe tIme
t
d - Pulse duration - µs
3400W, 8/20µs Waveform
800W, 8/20µs Waveform
0.1
1
10
100
1,000
10,000
0.1
1
10
100
TEST
WAVEFORM
PARAMETERS
t
f = 8µs
t
d = 20µs
t
f
e-t
Peak Value I
PP
t
d = t/(IPP/2)
FIguRe 2
PulSe wAVe FoRm
t - time - µs
0
5
10
15
20
25
30
0
20
40
60
80
100
120


Similar Part No. - VSB10P24

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSB1045-E3 VISHAY-VSB1045-E3 Datasheet
80Kb / 4P
   Low forward voltage drop, low power losses
Revision: 22-Apr-14
More results

Similar Description - VSB10P24

ManufacturerPart #DatasheetDescription
logo
Protek Devices
VSIP PROTEC-VSIP Datasheet
750Kb / 7P
   High powered multi-line VSIP짰 tvs array
VSB06P05LCI PROTEC-VSB06P05LCI_11 Datasheet
654Kb / 6P
   high powered VSIP짰 tvs array
VSB06P05LCI PROTEC-VSB06P05LCI_12 Datasheet
655Kb / 6P
   HIGH POWERED VSIP짰 TVS ARRAY
DA8 PROTEC-DA8 Datasheet
471Kb / 5P
   High powered multi-line tvs array
LCD05C PROTEC-LCD05C_11 Datasheet
770Kb / 8P
   HIGH POWERED MULTI-LINE TVS ARRAY
DA05L PROTEC-DA05L_10 Datasheet
467Kb / 5P
   High powered multi-line tvs array
DA05N PROTEC-DA05N_10 Datasheet
568Kb / 5P
   High powered multi-line tvs array
DA16 PROTEC-DA16 Datasheet
394Kb / 5P
   HIGH POWERED MULTI-LINE TVS ARRAY
DLZ-5-DLZ-30CA PROTEC-DLZ-5-DLZ-30CA Datasheet
451Kb / 5P
   High powered multi-line tvs array
LCA05C PROTEC-LCA05C_10 Datasheet
679Kb / 7P
   High powered multi-line tvs array
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com