Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSB43L Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # SSB43L
Description  High-Current Density Surface Mount Schottky Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

SSB43L Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  SSB43L Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd SSB43L Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
SSB43L
and
SSB44
2 of 2
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
High-Current Density Surface Mount Schottky Rectifier
Figure 1. Forward Current Derating Curve
0
1
2
3
4
5
6
025
50
75
100
125
150
Lead Temperature (°C)
SSB43L
SSB44
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
1
10
100
0
20
60
40
100
80
120
Number of Cycles at 60 Hz
Figure 3. Typical Instantaneous Forward Characteristics
Figure 4. Typical Reverse Characteristics
0.01
0.1
0.1
0.2
0.3
0.4
0.6
0.7
0.5
0.8
0
1
10
100
Instantaneous Forward Voltage (V)
SSB43L
SSB44
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
020
60
40
100
80
0.001
0.01
10
0.1
100
1000
Percent of Rated Peak Reverse Voltage (%)
SSB43L
SSB44
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
1
Figure 5. Typical Junction Capacitance
Reverse Voltage (V)
1
10
100
100
1000
10 000
10
SSB43L
SSB44
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
SSB43L and SSB44
30V-40V
4.0A


Similar Part No. - SSB43L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SSB43L VISHAY-SSB43L Datasheet
105Kb / 4P
   High-Current Density Surface Mount Schottky Rectifier
03-Nov-06
SSB43L VISHAY-SSB43L Datasheet
426Kb / 4P
   High Current Density Surface Mount Schottky Rectifier
Revision: 02-Aug-13
SSB43L VISHAY-SSB43L Datasheet
133Kb / 5P
   High Current Density Surface-Mount Schottky Rectifier
01-Jan-2022
SSB43L-E3/52T VISHAY-SSB43L-E3/52T Datasheet
105Kb / 4P
   High-Current Density Surface Mount Schottky Rectifier
03-Nov-06
SSB43L-E3/5BT VISHAY-SSB43L-E3/5BT Datasheet
105Kb / 4P
   High-Current Density Surface Mount Schottky Rectifier
03-Nov-06
More results

Similar Description - SSB43L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
B230LA VISHAY-B230LA Datasheet
58Kb / 2P
   High-Current Density Surface Mount Schottky Rectifier
15-Dec-03
logo
Shenzhen Taychipst Elec...
SSA23L TAYCHIPST-SSA23L Datasheet
9Mb / 2P
   High-Current Density Surface Mount Schottky Rectifier
logo
Vishay Siliconix
SS3P4 VISHAY-SS3P4 Datasheet
87Kb / 4P
   High-Current Density Surface Mount Schottky Rectifier
26-Jun-06
B230LA VISHAY-B230LA_08 Datasheet
102Kb / 4P
   High-Current Density Surface Mount Schottky Rectifier
Revision: 19-May-08
SS2P5 VISHAY-SS2P5_08 Datasheet
104Kb / 4P
   High-Current Density Surface Mount Schottky Rectifier
Revision: 19-May-08
SS3P4 VISHAY-SS3P4_08 Datasheet
103Kb / 4P
   High Current Density Surface Mount Schottky Rectifier
Revision: 25-Aug-08
SS10PH45 VISHAY-SS10PH45 Datasheet
110Kb / 5P
   High Current Density Surface Mount Schottky Rectifier
Revision: 30-Jul-08
SS10PH45 VISHAY-SS10PH45_15 Datasheet
97Kb / 5P
   High Current Density Surface Mount Schottky Rectifier
Revision: 01-Dec-14
SSC53L-M3 VISHAY-SSC53L-M3 Datasheet
91Kb / 4P
   High-Current Density Surface Mount Schottky Rectifier
Revision: 07-Jan-15
SSC53L-M3 VISHAY-SSC53L-M3_15 Datasheet
81Kb / 4P
   High-Current Density Surface Mount Schottky Rectifier
Revision: 07-Jan-15
B230LA VISHAY-B230LA_15 Datasheet
78Kb / 5P
   High Current Density Surface Mount Schottky Rectifier
Revision: 14-Jan-14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com