Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9FGP202A Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 9FGP202A
Description  FREQUENCY TIMING GENERATOR FOR PERIPHERALS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FGP202A Datasheet(HTML) 5 Page - Integrated Device Technology

  9FGP202A Datasheet HTML 1Page - Integrated Device Technology 9FGP202A Datasheet HTML 2Page - Integrated Device Technology 9FGP202A Datasheet HTML 3Page - Integrated Device Technology 9FGP202A Datasheet HTML 4Page - Integrated Device Technology 9FGP202A Datasheet HTML 5Page - Integrated Device Technology 9FGP202A Datasheet HTML 6Page - Integrated Device Technology 9FGP202A Datasheet HTML 7Page - Integrated Device Technology 9FGP202A Datasheet HTML 8Page - Integrated Device Technology 9FGP202A Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
9FGP202A
FREQUENCY TIMING GENERATOR FOR PERIPHERALS
IDT®
FREQUENCY TIMING GENERATOR FOR PERIPHERALS
5
9FGP202A
REV D 070511
Truth Table 1: VttPwr_GD/PD# and OE_96
VttPwr_GD/PD#
OE_96
Pin 40
Pin 5
0
0
All clocks are powered down
0
1
All clocks are powered down
1
0
All clocks are enabled except DOT96SS
1
1
*All clocks are enabled including DOT96SS
*Assuming DOT96 Output Enable from SMBus Byte2 Bit0 sets to enable (default)
Clocks
Truth Table 2: VttPwr_GD/PD# and OE_CPU
VttPwr_GD/PD#
OE_CPU
Pin 40
Pin 6
0
0
All clocks are powered down
0
1
All clocks are powered down
1
0
All clocks are enabled except CPUCLK
1
1
*All clocks are enabled including CPUCLK
*Assuming CPUCLK Output Enable from SMBus Byte2 Bit1 sets to enable (default)
Clocks
Table 1: CPU Spread and Frequency Selection
CPU
SS_EN
CPU
FS2
CPU
FS1
CPU
FS0
Byte 0
Bit 3
Byte 0
Bit 2
Byte 0
Bit 1
Byte 0
Bit 0
0
0
0
0
266.67
0%
0
0
0
1
133.33
0%
0
0
1
0
200.00
0%
0
0
1
1
166.67
0%
0
1
0
0
333.33
0%
0
1
0
1
100.00
0%
0
1
1
0
400.00
0%
0
1
1
1
200.00
0%
1
0
0
0
266.67
0.5%
1
0
0
1
133.33
0.5%
1
0
1
0
200.00
0.5%
1
0
1
1
166.67
0.5%
1
1
0
0
333.33
0.5%
1
1
0
1
100.00
0.5%
1
1
1
0
400.00
0.5%
1
1
1
1
200.00
0.5%
CPU
MHz
Down
Spread %


Similar Part No. - 9FGP202A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9FGP202AKLF RENESAS-9FGP202AKLF Datasheet
427Kb / 20P
   FREQUENCY TIMING GENERATOR FOR PERIPHERALS
REV D 070511
9FGP202AKLFT RENESAS-9FGP202AKLFT Datasheet
427Kb / 20P
   FREQUENCY TIMING GENERATOR FOR PERIPHERALS
REV D 070511
More results

Similar Description - 9FGP202A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGP204 IDT-9FGP204 Datasheet
177Kb / 18P
   Frequency Timing Generator for Peripherals
logo
Renesas Technology Corp
9FGP202 RENESAS-9FGP202 Datasheet
427Kb / 20P
   FREQUENCY TIMING GENERATOR FOR PERIPHERALS
REV D 070511
9FGP205 RENESAS-9FGP205 Datasheet
323Kb / 19P
   Frequency Timing Generator for Peripherals
07/16/14
logo
Integrated Device Techn...
9FGP205 IDT-9FGP205 Datasheet
264Kb / 18P
   Frequency Timing Generator for Peripherals
logo
Renesas Technology Corp
9FGP204 RENESAS-9FGP204 Datasheet
320Kb / 19P
   Frequency Timing Generator for Peripherals
04/23/15
logo
Integrated Circuit Syst...
ICS952301 ICST-ICS952301 Datasheet
588Kb / 12P
   Frequency Timing Generator for Transmeta Systems
ICS9248-192 ICST-ICS9248-192 Datasheet
105Kb / 12P
   Frequency Timing Generator for Transmeta Systems
logo
Renesas Technology Corp
ICS9248-192 RENESAS-ICS9248-192 Datasheet
387Kb / 14P
   Frequency Timing Generator for Transmeta Systems
2019
logo
Integrated Circuit Syst...
ICS9248-65 ICST-ICS9248-65 Datasheet
264Kb / 10P
   Frequency Timing Generator for PENDIUM II Systems
ICS9248-73 ICST-ICS9248-73 Datasheet
356Kb / 15P
   Frequency Timing Generator for Pentium II Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com