Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8023IRTAJZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL8023IRTAJZ
Description  Compact Synchronous Buck Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8023IRTAJZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL8023IRTAJZ Datasheet HTML 3Page - Intersil Corporation ISL8023IRTAJZ Datasheet HTML 4Page - Intersil Corporation ISL8023IRTAJZ Datasheet HTML 5Page - Intersil Corporation ISL8023IRTAJZ Datasheet HTML 6Page - Intersil Corporation ISL8023IRTAJZ Datasheet HTML 7Page - Intersil Corporation ISL8023IRTAJZ Datasheet HTML 8Page - Intersil Corporation ISL8023IRTAJZ Datasheet HTML 9Page - Intersil Corporation ISL8023IRTAJZ Datasheet HTML 10Page - Intersil Corporation ISL8023IRTAJZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ISL8023, ISL8024
7
FN7812.2
May 17, 2012
COMPENSATION
Error Amplifier Trans-Conductance
FS = VIN
80
µA/V
FS with Resistor
150
µA/V
Trans-Resistance
RT
0.15
0.2
0.25
PHASE
P-Channel MOSFET ON-Resistance
VIN = 5V, IO = 200mA
35
45
55
mΩ
VIN = 2.7V, IO = 200mA
50
70
90
mΩ
N-Channel MOSFET ON-Resistance
VIN = 5V, IO = 200mA
12
19
25
mΩ
VIN = 2.7V, IO = 200mA
20
28
37
mΩ
PHASE Maximum Duty Cycle
100
%
PHASE Minimum On-Time
SYNC = High
140
ns
OSCILLATOR
Nominal Switching Frequency
Fsw
FS = VIN
800
1000
1200
kHz
FS with RS = 402kΩ
490
kHz
FS with RS = 42.2kΩ
4200
kHz
SYNC Logic Low to High Transition Range
0.70
0.75
0.80
V
SYNC Hysteresis
0.15
V
SYNC Logic Input Leakage Current
VIN = 3.6V
3.6
5
µA
PG
Output Low Voltage
0.3
V
Delay Time (Rising Edge)
0.5
1
2
ms
PG Pin Leakage Current
0.01
0.1
µA
OVP PG Rising Threshold
0.80
V
UVP PG Rising Threshold
80
85
90
%
UVP PG Hysteresis
5%
PGOOD Delay Time (Falling Edge)
15
µs
EN
Logic Input Low
0.4
V
Logic Input High
0.9
V
EN Logic Input Leakage Current
0.1
1
µA
Thermal Shutdown
150
°C
Thermal Shutdown Hysteresis
25
°C
NOTE:
6. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
Electrical Specifications Unless otherwise noted, all parameter limits are established over the recommended operating conditions and
the typical specification are measured at the following conditions: TA = -40°C to +85°C, VIN = 3.6V, EN = VIN, unless otherwise noted. Typical values are
at TA = +25°C. Boldface limits apply over the operating temperature range, -40°C to +85°C (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNITS


Similar Part No. - ISL8023IRTAJZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8023IRTAJZ INTERSIL-ISL8023IRTAJZ Datasheet
628Kb / 19P
   3A/4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8023IRTAJZ RENESAS-ISL8023IRTAJZ Datasheet
1Mb / 20P
   Compact Synchronous Buck Regulator
More results

Similar Description - ISL8023IRTAJZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8002B RENESAS-ISL8002B Datasheet
1Mb / 22P
   Compact Synchronous Buck Regulator
ISL8023 RENESAS-ISL8023 Datasheet
1Mb / 20P
   Compact Synchronous Buck Regulator
logo
Intersil Corporation
ISL8002B INTERSIL-ISL8002B Datasheet
1Mb / 22P
   Compact Synchronous Buck Regulator
October 28, 2016
logo
ON Semiconductor
NCP1597 ONSEMI-NCP1597_13 Datasheet
346Kb / 13P
   Synchronous Buck Regulator
April, 2013 ??Rev. 3
logo
Renesas Technology Corp
ISL8002 RENESAS-ISL8002 Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
ISL8025 RENESAS-ISL8025 Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
Jun 24, 2022
logo
Altera Corporation
ER3110DI ALTERA-ER3110DI Datasheet
2Mb / 23P
   Synchronous Buck Regulator
logo
Sanken electric
NR885E SANKEN-NR885E Datasheet
627Kb / 12P
   Synchronous Buck Regulator
logo
ON Semiconductor
FAN53701 ONSEMI-FAN53701 Datasheet
320Kb / 13P
   Synchronous Buck Regulator
January, 2017 ??Rev. 1
logo
Intersil Corporation
ISL8025 INTERSIL-ISL8025 Datasheet
785Kb / 21P
   Compact Synchronous Buck Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com