Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8023IRTAJZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL8023IRTAJZ
Description  Compact Synchronous Buck Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8023IRTAJZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL8023IRTAJZ Datasheet HTML 4Page - Intersil Corporation ISL8023IRTAJZ Datasheet HTML 5Page - Intersil Corporation ISL8023IRTAJZ Datasheet HTML 6Page - Intersil Corporation ISL8023IRTAJZ Datasheet HTML 7Page - Intersil Corporation ISL8023IRTAJZ Datasheet HTML 8Page - Intersil Corporation ISL8023IRTAJZ Datasheet HTML 9Page - Intersil Corporation ISL8023IRTAJZ Datasheet HTML 10Page - Intersil Corporation ISL8023IRTAJZ Datasheet HTML 11Page - Intersil Corporation ISL8023IRTAJZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ISL8023, ISL8024
8
FN7812.2
May 17, 2012
Typical Operating Performance Unlessotherwisenoted,operatingconditionsare:T
A = +25°C, VVIN = 5V, EN = V
IN,
SYNC = VIN, L = 1.0µH, C1 = 22µF, C2 = 2 x 22µF, IOUT = 0A to 4A.
FIGURE 5. EFFICIENCY vs LOAD (1MHz 3.3 VIN PWM)
FIGURE 6. EFFICIENCY vs LOAD (1MHz 3.3 VIN PFM)
FIGURE 7. EFFICIENCY vs LOAD (1MHz 5VIN PWM)
FIGURE 8. EFFICIENCY vs LOAD (1MHz 5VIN PFM)
FIGURE 9. POWER DISSIPATION vs LOAD (1MHz, VOUT = 1.8V)
FIGURE 10. VOUT REGULATION vs LOAD (1MHz, VOUT = 1.2V)
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
IOUT (A)
1.2VOUT
1.5VOUT
1.8VOUT
2.5VOUT
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
IOUT (A)
1.2VOUT
1.5VOUT
1.8VOUT
2.5VOUT
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
IOUT (A)
1.2VOUT
1.5VOUT
1.8VOUT
2.5VOUT
3.3VOUT
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
1.2VOUT
1.5VOUT
1.8VOUT
2.5VOUT
3.3VOUT
IOUT (A)
0
0.18
0.36
0.54
0.72
0.90
1.08
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
IOUT (A)
3.3VIN PWM MODE
5VIN PWM MODE
1.208
1.214
1.220
1.226
1.232
1.238
1.244
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
IOUT (A)
3.3VIN PWM MODE
5VIN PFM MODE
3.3VIN PFM MODE
5VIN PWM MODE


Similar Part No. - ISL8023IRTAJZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8023IRTAJZ INTERSIL-ISL8023IRTAJZ Datasheet
628Kb / 19P
   3A/4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8023IRTAJZ RENESAS-ISL8023IRTAJZ Datasheet
1Mb / 20P
   Compact Synchronous Buck Regulator
More results

Similar Description - ISL8023IRTAJZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8002B RENESAS-ISL8002B Datasheet
1Mb / 22P
   Compact Synchronous Buck Regulator
ISL8023 RENESAS-ISL8023 Datasheet
1Mb / 20P
   Compact Synchronous Buck Regulator
logo
Intersil Corporation
ISL8002B INTERSIL-ISL8002B Datasheet
1Mb / 22P
   Compact Synchronous Buck Regulator
October 28, 2016
logo
ON Semiconductor
NCP1597 ONSEMI-NCP1597_13 Datasheet
346Kb / 13P
   Synchronous Buck Regulator
April, 2013 ??Rev. 3
logo
Renesas Technology Corp
ISL8002 RENESAS-ISL8002 Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
ISL8025 RENESAS-ISL8025 Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
Jun 24, 2022
logo
Altera Corporation
ER3110DI ALTERA-ER3110DI Datasheet
2Mb / 23P
   Synchronous Buck Regulator
logo
Sanken electric
NR885E SANKEN-NR885E Datasheet
627Kb / 12P
   Synchronous Buck Regulator
logo
ON Semiconductor
FAN53701 ONSEMI-FAN53701 Datasheet
320Kb / 13P
   Synchronous Buck Regulator
January, 2017 ??Rev. 1
logo
Intersil Corporation
ISL8025 INTERSIL-ISL8025 Datasheet
785Kb / 21P
   Compact Synchronous Buck Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com