Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3895 Datasheet(PDF) 2 Page - International Rectifier

Part # IR3895
Description  16A HIGHLY INTERGRATED SUPLRBUCK
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3895 Datasheet(HTML) 2 Page - International Rectifier

  IR3895 Datasheet HTML 1Page - International Rectifier IR3895 Datasheet HTML 2Page - International Rectifier IR3895 Datasheet HTML 3Page - International Rectifier IR3895 Datasheet HTML 4Page - International Rectifier IR3895 Datasheet HTML 5Page - International Rectifier IR3895 Datasheet HTML 6Page - International Rectifier IR3895 Datasheet HTML 7Page - International Rectifier IR3895 Datasheet HTML 8Page - International Rectifier IR3895 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
- 2 -P
AUGUST 08, 2012    | DATA SHEET|    Rev 3.1
2
IR3895 
16A Highly Integrated SupIRBuck  
Single‐Input Voltage, Synchronous Buck Regulator  
PD‐97746
 
ORDERING INFORMATION 
  IR3895 ―         
       
 
 
 
Package
Tape & Reel Qty 
Part Number
750 
IR3895MTR1PBF 
4000 
IR3895MTRPBF 
PIN DIAGRAM 
5m x 6mm POWER QFN 
(TOP VIEW) 
PBF
 – Lead Free 
TR/TR1 – Tape and Reel 
M – Package Type 
-
30
/
2/
JA
JPCB
CW
CW
 

Fb
Vref Comp Gnd Rt/SyncS_Ctrl PGood


Similar Part No. - IR3895

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3895 IRF-IR3895 Datasheet
2Mb / 45P
   16A Highly Integrated SupIRBuck
IR3895M IRF-IR3895M Datasheet
2Mb / 45P
   Single?륤nput Voltage, Synchronous Buck Regulator
IR3895MPBF IRF-IR3895MPBF Datasheet
4Mb / 14P
   USER GUIDE FOR IR3895 EVALUATION BOARD
IR3895MPBF IRF-IR3895MPBF Datasheet
2Mb / 45P
   16A Highly Integrated SupIRBuck
IR3895MTR1PBF IRF-IR3895MTR1PBF Datasheet
2Mb / 45P
   16A Highly Integrated SupIRBuck
More results

Similar Description - IR3895

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3894 IRF-IR3894 Datasheet
2Mb / 43P
   12A HIGHLY INTERGRATED SUPLRBUCK
IR3898 IRF-IR3898 Datasheet
2Mb / 45P
   6A HIGHLY INTERGRATED SUPLRBUCK
IR3899 IRF-IR3899 Datasheet
2Mb / 43P
   9A HIGHLY INTEGRATED SUPLRBUCK
IR3897 IRF-IR3897 Datasheet
2Mb / 45P
   4A HIGHLY INTEGRATED SUPLRBUCK
logo
List of Unclassifed Man...
HMS30C7202N ETC1-HMS30C7202N Datasheet
2Mb / 179P
   Highly-intergrated MPU
logo
International Rectifier
IR3895 IRF-IR3895_13 Datasheet
2Mb / 45P
   16A Highly Integrated SupIRBuck
logo
Protech Systems Co., Lt...
PA-3252 PROTECHSYSTEMS-PA-3252 Datasheet
1Mb / 2P
   The One of a kind Highly Intergrated 15" POS Terminal
POS-3520 PROTECHSYSTEMS-POS-3520 Datasheet
756Kb / 2P
   The One of a kind Highly Intergrated 15 POS Terminal
logo
Infineon Technologies A...
IR3829MTRPBF INFINEON-IR3829MTRPBF Datasheet
1Mb / 50P
   16A Highly Integrated Single-Input Synchronous SupIRBuck짰 Regulator
Rev 3.7, 03/24/2016
IR3448 INFINEON-IR3448_16 Datasheet
2Mb / 51P
   16A Highly Integrated SupIRBuck짰 Single-Input Voltage, Synchronous Buck Regulator
Rev 3.6 May 17, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com