Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82477R4333M100 Datasheet(PDF) 6 Page - EPCOS

Part # B82477R4333M100
Description  SMT power inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82477R4333M100 Datasheet(HTML) 6 Page - EPCOS

  B82477R4333M100 Datasheet HTML 1Page - EPCOS B82477R4333M100 Datasheet HTML 2Page - EPCOS B82477R4333M100 Datasheet HTML 3Page - EPCOS B82477R4333M100 Datasheet HTML 4Page - EPCOS B82477R4333M100 Datasheet HTML 5Page - EPCOS B82477R4333M100 Datasheet HTML 6Page - EPCOS B82477R4333M100 Datasheet HTML 7Page - EPCOS B82477R4333M100 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SMT power inductors
Size 12.5 x 12.5 x 8.5 (mm)
B82477R4
June 2012
Please read Cautions and warnings and
Page 6 of 8
Important notes at the end of this document.
Typical curves:
Inductance vs. DC superposition measured with LCR meter Agilent 4284A at Ta=+20 °C
820nH
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
5000
10000
15000
20000
25000
30000
35000
40000
Idc [mA]
3µH
0.0
1.0
2.0
3.0
4.0
5.0
0
2000 4000 6000 8000 10000 12000 14000 16000 18000 20000
Idc [mA]
10µH
0.0
2.5
5.0
7.5
10.0
12.5
15.0
0
2000
4000
6000
8000
10000
12000
14000
Idc [mA]
33µH
0
10
20
30
40
50
0
1000
2000
3000
4000
5000
6000
7000
8000
9000 10000
Idc [mA]
100µH
0
25
50
75
100
125
150
0
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
Idc [mA]
330µH
0
100
200
300
400
500
0
500
1000
1500
2000
2500
3000
Idc [mA]
1000µH
0
250
500
750
1000
1250
1500
0
200
400
600
800
1000
1200
1400
1600
Idc [mA]


Similar Part No. - B82477R4333M100

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82477-G4 EPCOS-B82477-G4 Datasheet
40Kb / 3P
   SMT-Power-Inductors
B82477-G4102-M EPCOS-B82477-G4102-M Datasheet
40Kb / 3P
   SMT-Power-Inductors
B82477-G4102-M EPCOS-B82477-G4102-M Datasheet
41Kb / 3P
   SMT?밣ower?밒nductors
B82477-G4103-M EPCOS-B82477-G4103-M Datasheet
40Kb / 3P
   SMT-Power-Inductors
B82477-G4103-M EPCOS-B82477-G4103-M Datasheet
41Kb / 3P
   SMT?밣ower?밒nductors
More results

Similar Description - B82477R4333M100

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com