Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM188R71E104KA01B Datasheet(PDF) 3 Page - International Rectifier

Part # GRM188R71E104KA01B
Description  4A HIGHLY INTEGRATED SUPLRBUCK
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GRM188R71E104KA01B Datasheet(HTML) 3 Page - International Rectifier

  GRM188R71E104KA01B Datasheet HTML 1Page - International Rectifier GRM188R71E104KA01B Datasheet HTML 2Page - International Rectifier GRM188R71E104KA01B Datasheet HTML 3Page - International Rectifier GRM188R71E104KA01B Datasheet HTML 4Page - International Rectifier GRM188R71E104KA01B Datasheet HTML 5Page - International Rectifier GRM188R71E104KA01B Datasheet HTML 6Page - International Rectifier GRM188R71E104KA01B Datasheet HTML 7Page - International Rectifier GRM188R71E104KA01B Datasheet HTML 8Page - International Rectifier GRM188R71E104KA01B Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
- 3 -
AUGUST 08, 2012 |DATA SHEET |    Rev 3.3
3
IR3897 
4A Highly Integrated SupIRBuck
TM  
Single‐Input Voltage, Synchronous Buck Regulator  
PD‐97663
BLOCK DIAGRAM 
 
 
 
 
Figure 3: IR3897 Simplified Block Diagram 


Similar Part No. - GRM188R71E104KA01B

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GRM188R71E104KA01B IRF-GRM188R71E104KA01B Datasheet
2Mb / 43P
   12A HIGHLY INTERGRATED SUPLRBUCK
GRM188R71E104KA01B IRF-GRM188R71E104KA01B Datasheet
2Mb / 45P
   12A Highly Integrated SupIRBuck Single?륤nput Voltage
GRM188R71E104KA01B IRF-GRM188R71E104KA01B Datasheet
2Mb / 43P
   16A HIGHLY INTERGRATED SUPLRBUCK
GRM188R71E104KA01B IRF-GRM188R71E104KA01B Datasheet
2Mb / 45P
   16A Highly Integrated SupIRBuck
GRM188R71E104KA01B IRF-GRM188R71E104KA01B Datasheet
2Mb / 45P
   6A HIGHLY INTERGRATED SUPLRBUCK
More results

Similar Description - GRM188R71E104KA01B

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3899 IRF-IR3899 Datasheet
2Mb / 43P
   9A HIGHLY INTEGRATED SUPLRBUCK
IR3894 IRF-IR3894 Datasheet
2Mb / 43P
   12A HIGHLY INTERGRATED SUPLRBUCK
IR3898 IRF-IR3898 Datasheet
2Mb / 45P
   6A HIGHLY INTERGRATED SUPLRBUCK
IR3895 IRF-IR3895 Datasheet
2Mb / 43P
   16A HIGHLY INTERGRATED SUPLRBUCK
IR3842WMPBF IRF-IR3842WMPBF_12 Datasheet
758Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3842M IRF-IR3842M_15 Datasheet
921Kb / 32P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3842WM IRF-IR3842WM_15 Datasheet
758Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3853M IRF-IR3853M_15 Datasheet
973Kb / 35P
   HIGHLY EFFICIENT INTEGRATED 4A, SYNCHRONOUS BUCK REGULATOR
IR3853MPBF IRF-IR3853MPBF Datasheet
973Kb / 35P
   HIGHLY EFFICIENT INTEGRATED 4A, SYNCHRONOUS BUCK REGULATOR
IR3842WMPBF IRF-IR3842WMPBF Datasheet
739Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com