Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32524Q8155 Datasheet(PDF) 6 Page - EPCOS

Part # B32524Q8155
Description  Metallized Polyester Film Capacitors (MKT)
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32524Q8155 Datasheet(HTML) 6 Page - EPCOS

Back Button B32524Q8155 Datasheet HTML 2Page - EPCOS B32524Q8155 Datasheet HTML 3Page - EPCOS B32524Q8155 Datasheet HTML 4Page - EPCOS B32524Q8155 Datasheet HTML 5Page - EPCOS B32524Q8155 Datasheet HTML 6Page - EPCOS B32524Q8155 Datasheet HTML 7Page - EPCOS B32524Q8155 Datasheet HTML 8Page - EPCOS B32524Q8155 Datasheet HTML 9Page - EPCOS B32524Q8155 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
Ordering codes and packing units (lead spacing 5 mm)
VR
V DC
VRMS
f
≤60 Hz
V AC
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Reel
pcs./
MOQ
Untaped
pcs./
MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M =
±20%
K =
±10%
J =
±5%
289 = Ammo pack
189 = Reel
000 = Untaped (lead length 6
1 mm)
63
40
0.0010 2.5
× 6.5 × 7.2
B32529C0102+***
12800
11200
8000
0.0015 2.5
× 6.5 × 7.2
B32529C0152+***
12800
11200
8000
0.0022 2.5
× 6.5 × 7.2
B32529C0222+***
12800
11200
8000
0.0033 2.5
× 6.5 × 7.2
B32529C0332+***
12800
11200
8000
0.0047 2.5
× 6.5 × 7.2
B32529C0472+***
12800
11200
8000
0.0068 2.5
× 6.5 × 7.2
B32529C0682+***
12800
11200
8000
0.010
2.5
× 6.5 × 7.2
B32529C0103+***
12800
11200
8000
0.015
2.5
× 6.5 × 7.2
B32529C0153+***
12800
11200
8000
0.022
2.5
× 6.5 × 7.2
B32529C0223+***
12800
11200
8000
0.033
2.5
× 6.5 × 7.2
B32529C0333+***
12800
11200
8000
0.047
2.5
× 6.5 × 7.2
B32529C0473+***
12800
11200
8000
0.068
2.5
× 6.5 × 7.2
B32529C0683+***
12800
11200
8000
0.10
2.5
× 6.5 × 7.2
B32529C0104+***
12800
11200
8000
0.15
2.5
× 6.5 × 7.2
B32529C0154+***
12800
11200
8000
0.22
2.5
× 6.5 × 7.2
B32529C0224+***
12800
11200
8000
0.33
3.0
× 6.5 × 7.2
B32529C0334+***
10800
9600
8000
0.47
3.5
× 8.0 × 7.2
B32529C0474+***
9200
8000
8000
0.68
4.5
× 9.5 × 7.3
B32529C0684+***
7200
6000
6000
1.0
4.5
× 9.5 × 7.3
B32529C0105+***
7200
6000
6000
1.5
6.0
× 10.5 × 7.5
B32529C0155+***
5200
4400
4000
2.2
7.8
× 13.0 × 7.8
B32529D0225+***
4000
3200
4000
3.3
7.8
× 13.0 × 7.8
B32529D0335+***
4000
3200
4000
4.7
7.8
× 13.0 × 7.8
B32529D0475M***
4000
3200
4000
B32529
General purpose (stacked)
Page 6 of 45
Please read Important notes
at the end of this document.


Similar Part No. - B32524Q8155

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32524Q8155 EPCOS-B32524Q8155 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results

Similar Description - B32524Q8155

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32529C1684J289 EPCOS-B32529C1684J289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1473K289 EPCOS-B32529C1473K289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C223J EPCOS-B32529C223J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1152J EPCOS-B32529C1152J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32522N3105K EPCOS-B32522N3105K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32562H6155K EPCOS-B32562H6155K Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C224K EPCOS-B32529C224K Datasheet
1Mb / 31P
   Metallized Polyester Film Capacitors (MKT)
B32562J1225J289 EPCOS-B32562J1225J289 Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C334K EPCOS-B32529C334K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32529C1222J EPCOS-B32529C1222J Datasheet
787Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32522C3334K EPCOS-B32522C3334K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com