Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEV-FK1E331P Datasheet(PDF) 5 Page - International Rectifier

Part # EEV-FK1E331P
Description  USER GUIDE FOR IR3895 EVALUATION BOARD
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

EEV-FK1E331P Datasheet(HTML) 5 Page - International Rectifier

  EEV-FK1E331P Datasheet HTML 1Page - International Rectifier EEV-FK1E331P Datasheet HTML 2Page - International Rectifier EEV-FK1E331P Datasheet HTML 3Page - International Rectifier EEV-FK1E331P Datasheet HTML 4Page - International Rectifier EEV-FK1E331P Datasheet HTML 5Page - International Rectifier EEV-FK1E331P Datasheet HTML 6Page - International Rectifier EEV-FK1E331P Datasheet HTML 7Page - International Rectifier EEV-FK1E331P Datasheet HTML 8Page - International Rectifier EEV-FK1E331P Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
IRDC3895-P1V2
12/22/2011
5
Fig. 4: Board Layout-Mid Layer 1
Fig. 5: Board Layout-Mid Layer 2


Similar Part No. - EEV-FK1E331P

ManufacturerPart #DatasheetDescription
logo
International Rectifier
EEV-FK1E331P IRF-EEV-FK1E331P Datasheet
2Mb / 43P
   12A HIGHLY INTERGRATED SUPLRBUCK
EEV-FK1E331P IRF-EEV-FK1E331P Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
EEV-FK1E331P IRF-EEV-FK1E331P Datasheet
1,022Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
EEV-FK1E331P IRF-EEV-FK1E331P Datasheet
2Mb / 43P
   16A HIGHLY INTERGRATED SUPLRBUCK
EEV-FK1E331P IRF-EEV-FK1E331P Datasheet
793Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 14A SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - EEV-FK1E331P

ManufacturerPart #DatasheetDescription
logo
Analog Devices
UG-1121 AD-UG-1121 Datasheet
196Kb / 7P
   Evaluation Board User Guide
Rev. 0
logo
International Rectifier
IRDC3899-P1V2 IRF-IRDC3899-P1V2 Datasheet
3Mb / 17P
   USER GUIDE FOR IR3899 EVALUATION BOARD
IRDC3840 IRF-IRDC3840 Datasheet
905Kb / 17P
   USER GUIDE FOR IR3840 EVALUATION BOARD
IRDC3840A IRF-IRDC3840A Datasheet
862Kb / 17P
   USER GUIDE FOR IR3840A EVALUATION BOARD
IRDC3842 IRF-IRDC3842 Datasheet
924Kb / 17P
   USER GUIDE FOR IR3842 EVALUATION BOARD
IRDC3831 IRF-IRDC3831 Datasheet
764Kb / 16P
   USER GUIDE FOR IR3831 EVALUATION BOARD
IRDC3831W IRF-IRDC3831W Datasheet
732Kb / 16P
   USER GUIDE FOR IR3831W EVALUATION BOARD
IRDC3841 IRF-IRDC3841 Datasheet
901Kb / 17P
   USER GUIDE FOR IR3841 EVALUATION BOARD
IRDC3842W IRF-IRDC3842W Datasheet
854Kb / 17P
   USER GUIDE FOR IR3842W EVALUATION BOARD
logo
Analog Devices
UG-287 AD-UG-287 Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com