Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSL34 Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # SSL34
Description  Surface Mount Schottk Barrier Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

SSL34 Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  SSL34 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd SSL34 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
SSL32
THRU SSL34
2 of 2
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
Surface Mount Schottk Barrier Rectifier
FIG.2-MAXIMUM NON-REPETITIVE PEAK
100
Tjmax
40
20
10
CHARACTERISTICS
2
80
1
0
NUMBER OF CYCLES AT 60 Hz
8.3ms Single Half Sine-Wave
(JEDEC Method) T =
FORWARD SURGE CURRENT
FIG.4-TYPICAL REVERSE
DERATING CURVE
FIG.1-TYPICAL FORWARD CURRENT
150
175
125
75
100
2.0
50
0
0
Single Phase
Inductive or
Half Wave
Resistive Load
25
FIG.3-TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
AMBIENT TEMPERATURE, ( C)
100
FIG.5-TYPICAL JUNCTION CAPACITANCE
0.1
10
REVERSE VOLTAGE,(V)
Vsig=50mV
0.375
″(9.5mm) Lead Length
f=1MHz
T =25 C
4
68
1 Cycle
60
1.0
10
100
PERCENT OF RATED PEAK
REVERSE VOLTAGE,(%)
J
1.0
3.0
40
j
60Hz
20
1.4
1.2
1.0
0.01
0.1
1.0
PULSE WIDTH=300
μs
DUTY CYCLE 1%
0
0.2
0.4
0.6
T =25 C
J
0.8
10
1000
80
INSTANTANEOUS FORWARD VOLTAGE,(V)
20V-40V 3.0A
SSL32 THRU SSL34


Similar Part No. - SSL34

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SSL34 TSC-SSL34 Datasheet
49Kb / 2P
   3.0 AMPS. Surface Mount Low VF Schottky Barrier Rectifiers
logo
RFE international
SSL34 RFE-SSL34 Datasheet
1Mb / 3P
   Surface Mount Schottky Rectifier
10-14-2022
logo
Taiwan Semiconductor Co...
SSL34 TSC-SSL34 Datasheet
129Kb / 2P
   3.0 AMPS. Surface Mount Low VF Schottky Barrier Rectifiers
logo
MIC GROUP RECTIFIERS
SSL34 MIC-SSL34 Datasheet
58Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
SSL34 TSC-SSL34 Datasheet
383Kb / 2P
   3.0 AMPS. Surface Mount Low VF Schottky Barrier Rectifiers
More results

Similar Description - SSL34

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
SSL42 TAYCHIPST-SSL42 Datasheet
10Mb / 2P
   Surface Mount Schottk Barrier Rectifier
SSH210 TAYCHIPST-SSH210 Datasheet
10Mb / 2P
   Surface Mount Schottk Barrier Rectifier
MBRA120 TAYCHIPST-MBRA120 Datasheet
1Mb / 2P
   SURFACE MOUNT SCHOTTK Y BARRIER RECTIFIER
SSL22 TAYCHIPST-SSL22 Datasheet
10Mb / 2P
   Surface Mount Schottk
logo
Shanghai Leiditech Elec...
DSK24 LEIDITECH-DSK24 Datasheet
1Mb / 3P
   2.0AMP SURFACE MOUNT LOW VF SCHOTTK RECTIFIER
SP5U100L LEIDITECH-SP5U100L Datasheet
648Kb / 3P
   LOW VF Schottk-y BARRIER RECTIFIER
SP5100 LEIDITECH-SP5100 Datasheet
646Kb / 3P
   LOW VF Schottk-y BARRIER RECTIFIER
logo
PACELEADER INDUSTRIAL
SR220-01 PACELEADER-SR220-01 Datasheet
664Kb / 2P
   2.0AMP SCHOTTK BARRIER RECTIFIERS
logo
Microsemi Corporation
1N6097 MICROSEMI-1N6097_07 Datasheet
128Kb / 2P
   50 Amp Schottk Rectifier
logo
MIC GROUP RECTIFIERS
SRB620 MIC-SRB620 Datasheet
49Kb / 2P
   SURFACE MOUNT BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com