Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1761 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1761
Description  Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1761 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1761 Datasheet HTML 2Page - Linear Technology LT1761 Datasheet HTML 3Page - Linear Technology LT1761 Datasheet HTML 4Page - Linear Technology LT1761 Datasheet HTML 5Page - Linear Technology LT1761 Datasheet HTML 6Page - Linear Technology LT1761 Datasheet HTML 7Page - Linear Technology LT1761 Datasheet HTML 8Page - Linear Technology LT1761 Datasheet HTML 9Page - Linear Technology LT1761 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LT3029
6
3029fa
TYPICAL PERFORMANCE CHARACTERISTICS
Current Limit
TEMPERATURE (°C)
3029 G16
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
VIN = 7V
VOUT = 0V
–75 –50 –25 0
25 50 75 100 125 150 175
Current Limit
INPUT VOLTAGE (V)
3029 G15
0246
8
10 12 14 16 18 20
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
VOUT = 0V
TJ = 150°C
TJ = 25°C
TJ = –55°C
TJ = 125°C
SHDN1 or SHDN2 Pin
Input Current
ADJ1 or ADJ2 Pin Bias Current
TEMPERATURE (°C)
3029 G13
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
VSHDN = 20V
–75 –50 –25 0
25 50 75 100 125 150 175
TEMPERATURE (°C)
3029 G14
–75 –50 –25 0
25 50 75 100 125 150 175
150
135
120
105
90
75
60
45
30
15
0
SHDN1 or SHDN2 Pin Threshold
(Off-to-On)
SHDN1 or SHDN2 Pin
Input Current
TEMPERATURE (°C)
3029 G11
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
–75 –50 –25 0
25 50 75 100 125 150 175
IL = 1mA
IL = 500mA
SHDN PIN VOLTAGE (V)
3029 G12
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0246
8
10 12 14 16 18 20
TJ = 25°C
TJ = 25°C, unless otherwise noted.


Similar Part No. - LT1761

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1761 LINER-LT1761 Datasheet
246Kb / 16P
   100mA, Low Noise, LDO Micropower Regulators in SOT-23
LT1761 LINER-LT1761 Datasheet
433Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Fault Tolerant Linear Regulators Output Current: 20mA
LT1761 LINER-LT1761 Datasheet
251Kb / 18P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1761 LINER-LT1761 Datasheet
208Kb / 16P
   1.1A, Low Noise, Low Dropout Linear Regulator
LT1761 LINER-LT1761 Datasheet
584Kb / 20P
   Dual 750mA/250mA Low Dropout, Low Noise, Micropower Linear Regulator
More results

Similar Description - LT1761

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3029 LINER-LT3029 Datasheet
1Mb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3029 LINER-LT3029_15 Datasheet
1Mb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3024 LINER-LT3024 Datasheet
493Kb / 16P
   Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulator
LT3024 LINER-LT3024_15 Datasheet
263Kb / 20P
   Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulator
LT3024 LINER-LT3024_1 Datasheet
265Kb / 20P
   Dual 100mA/500mA Low Dropout, Low Noise,Micropower Regulator
logo
Micrel Semiconductor
MIC5355 MICREL-MIC5355 Datasheet
708Kb / 18P
   Dual 500mA 關Cap Low Dropout, Micropower Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
   500mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com