Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32794D4355+000 Datasheet(PDF) 11 Page - EPCOS

Part # B32794D4355+000
Description  Metallized Polypropylene Film Capacitors (MKP)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32794D4355+000 Datasheet(HTML) 11 Page - EPCOS

Back Button B32794D4355+000 Datasheet HTML 7Page - EPCOS B32794D4355+000 Datasheet HTML 8Page - EPCOS B32794D4355+000 Datasheet HTML 9Page - EPCOS B32794D4355+000 Datasheet HTML 10Page - EPCOS B32794D4355+000 Datasheet HTML 11Page - EPCOS B32794D4355+000 Datasheet HTML 12Page - EPCOS B32794D4355+000 Datasheet HTML 13Page - EPCOS B32794D4355+000 Datasheet HTML 14Page - EPCOS B32794D4355+000 Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Pulse handling capability
"dV/dt" represents the maximum permissible voltage change per unit of time for non-sinusoidal
voltages, expressed in V/
µs.
Note:
The values of dV/dt provided below must not be exceeded in order to avoid damaging the
capacitor.
Lead spacing
27.5 mm
37.5 mm
52.5 mm
Type
B32794
B32796
B32798
VRMS (V AC)
250
300
350
400
250
300
350
400
250
300
350
400
dV/dt in V/µs
27
31
39
47
19
21
26
32
12
14
18
21
Notes: Please take all additional data not mentioned above from our Data Book 2009
Mounting guidelines
1
Soldering
1.1
Solderability of leads
The solderability of terminal leads is tested to IEC 60068-2-20, test Ta, method 1.
Before a solderability test is carried out, terminals are subjected to accelerated ageing (to
IEC 60068-2-2, test Ba: 4 h exposure to dry heat at 155
°C). Since the ageing temperature is far
higher than the upper category temperature of the capacitors, the terminal wires should be cut off
from the capacitor before the ageing procedure to prevent the solderability being impaired by the
products of any capacitor decomposition that might occur.
Solder bath temperature
235
±5 °C
Soldering time
2.0
±0.5 s
Immersion depth
2.0 +0/ 0.5 mm from capacitor body or seating plane
Evaluation criteria:
Visual inspection
Wetting of wire surface by new solder
≥90%, free-flowing solder
1.2
Resistance to soldering heat
Resistance to soldering heat is tested to IEC 60068-2-20, test Tb, method 1A.
Conditions:
Series
Solder bath temperature Soldering time
B32794 ... B32798
MKP AC filtering
Page 11 of 19
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32794D4355+000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32794D4355 EPCOS-B32794D4355 Datasheet
304Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32794D4355 EPCOS-B32794D4355 Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors
More results

Similar Description - B32794D4355+000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32651 EPCOS-B32651_11 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32794D2635K EPCOS-B32794D2635K Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
B32621A6223J EPCOS-B32621A6223J Datasheet
525Kb / 30P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MKP-B3267P TDK-MKP-B3267P Datasheet
494Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
logo
EPCOS
B32778G406K EPCOS-B32778G406K Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32652A3334J EPCOS-B32652A3334J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32674 EPCOS-B32674_11 Datasheet
326Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32654A474J EPCOS-B32654A474J Datasheet
503Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
B32676G6106K EPCOS-B32676G6106K Datasheet
308Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32653A1473J EPCOS-B32653A1473J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
B32674 TDK-B32674_16 Datasheet
2Mb / 40P
   Metallized Polypropylene Film Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com