Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1763 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1763
Description  Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1763 Datasheet(HTML) 5 Page - Linear Technology

  LT1763 Datasheet HTML 1Page - Linear Technology LT1763 Datasheet HTML 2Page - Linear Technology LT1763 Datasheet HTML 3Page - Linear Technology LT1763 Datasheet HTML 4Page - Linear Technology LT1763 Datasheet HTML 5Page - Linear Technology LT1763 Datasheet HTML 6Page - Linear Technology LT1763 Datasheet HTML 7Page - Linear Technology LT1763 Datasheet HTML 8Page - Linear Technology LT1763 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT3029
5
3029fa
ADJ1 or ADJ2 Pin Voltage
Quiescent Current (per Channel)
TYPICAL PERFORMANCE CHARACTERISTICS
GND Pin Current (per Channel)
GND Pin Current (per Channel)
GND Pin Current vs ILOAD
SHDN1 or SHDN2 Pin Threshold
(On-to-Off)
TEMPERATURE (°C)
3029 G05
–75 –50 –25 0
25 50 75 100 125 150 175
IL = 1mA
1.239
1.233
1.227
1.221
1.215
1.209
1.203
1.197
1.191
INPUT VOLTAGE (V)
160
140
120
100
80
60
40
20
0
3029 G06
0246
8
10 12 14 16 18 20
TJ = 25°C
RL = 243k
VOUT = 1.215V
VSHDN = VIN
VSHDN = 0V
INPUT VOLTAGE (V)
3029 G07
0123
4
5
67
8
9
10
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
TJ = 25°C
FOR VOUT = 1.215V
RL = 24.3Ω, IL = 50mA
RL = 1.215kΩ, IL = 1mA
RL = 121.5Ω, IL = 10mA
INPUT VOLTAGE (V)
3029 G08
0123
4
5
67
8
9
10
16
14
12
10
8
6
4
2
0
TJ = 25°C
FOR VOUT = 1.215V
RL = 2.43Ω, IL = 500mA
RL = 12.15Ω, IL = 100mA
RL = 4.05Ω, IL = 300mA
OUTPUT CURRENT (mA)
3029 G09
0
50 100 150 200 250 300 350 400 450 500
TJ = 25°C
VIN = VOUT(NOMINAL) + 1V
16
14
12
10
8
6
4
2
0
TEMPERATURE (°C)
3029 G10
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
IL = 1mA
–75 –50 –25 0
25 50 75 100 125 150 175
TJ = 25°C, unless otherwise noted.


Similar Part No. - LT1763

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1763 LINER-LT1763 Datasheet
278Kb / 16P
   500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763 Datasheet
584Kb / 20P
   Dual 750mA/250mA Low Dropout, Low Noise, Micropower Linear Regulator
LT1763 LINER-LT1763 Datasheet
251Kb / 18P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1763 LINER-LT1763 Datasheet
208Kb / 16P
   1.1A, Low Noise, Low Dropout Linear Regulator
LT1763 LINER-LT1763 Datasheet
160Kb / 16P
   400mV Dropout Voltage
More results

Similar Description - LT1763

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3029 LINER-LT3029 Datasheet
1Mb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3029 LINER-LT3029_15 Datasheet
1Mb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3024 LINER-LT3024 Datasheet
493Kb / 16P
   Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulator
LT3024 LINER-LT3024_15 Datasheet
263Kb / 20P
   Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulator
LT3024 LINER-LT3024_1 Datasheet
265Kb / 20P
   Dual 100mA/500mA Low Dropout, Low Noise,Micropower Regulator
logo
Micrel Semiconductor
MIC5355 MICREL-MIC5355 Datasheet
708Kb / 18P
   Dual 500mA 關Cap Low Dropout, Micropower Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
   500mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com