Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM6550T-1R0 Datasheet(PDF) 5 Page - International Rectifier

Part # SPM6550T-1R0
Description  6A HIGHLY INTERGRATED SUPLRBUCK
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SPM6550T-1R0 Datasheet(HTML) 5 Page - International Rectifier

  SPM6550T-1R0 Datasheet HTML 1Page - International Rectifier SPM6550T-1R0 Datasheet HTML 2Page - International Rectifier SPM6550T-1R0 Datasheet HTML 3Page - International Rectifier SPM6550T-1R0 Datasheet HTML 4Page - International Rectifier SPM6550T-1R0 Datasheet HTML 5Page - International Rectifier SPM6550T-1R0 Datasheet HTML 6Page - International Rectifier SPM6550T-1R0 Datasheet HTML 7Page - International Rectifier SPM6550T-1R0 Datasheet HTML 8Page - International Rectifier SPM6550T-1R0 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
- 5 -
AUGUST 08, 2012 | DATA SHEET | Rev 3.3
5
IR3898
6A Highly Integrated SupIRBuckTM
Single-Input Voltage, Synchronous Buck Regulator
PD-97662
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications are not implied.
PVin, Vin
-0.3V to 25V
Vcc/LDO_Out
-0.3V to 8V (Note 2)
Boot
-0.3V to 33V
SW
-0.3V to 25V (DC), -4V to 25V (AC, 100ns)
Boot to SW
-0.3V to VCC + 0.3V (Note 1)
S_Ctrl, PGood
-0.3V to VCC + 0.3V (Note 1)
Other Input/Output Pins
-0.3V to +3.9V
PGnd to Gnd
-0.3V to +0.3V
Storage Temperature Range
-55°C to 150°C
Junction Temperature Range
-40°C to 150°C (Note 2)
ESD Classification (HBM JESD22-A114)
2kV
Moisture Sensitivity Level
JEDEC Level 2@260°C
Note 1: Must not exceed 8V
Note 2: Vcc must not exceed 7.5V for Junction Temperature between -10°C and -40°C


Similar Part No. - SPM6550T-1R0

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SPM6550T-1R0 IRF-SPM6550T-1R0 Datasheet
2Mb / 17P
   USER GUIDE FOR IR3898 EVALUATION BOARD
SPM6550T-1R0 IRF-SPM6550T-1R0 Datasheet
2Mb / 44P
   6A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
SPM6550T-1R0 IRF-SPM6550T-1R0 Datasheet
3Mb / 46P
   6A Highly Integrated SupIRBuck
SPM6550T-1R0M IRF-SPM6550T-1R0M Datasheet
2Mb / 47P
   4A Highly Integrated SupIRBuck Single?륤nput Voltage
logo
TDK Electronics
SPM6550T-1R0M-HZ TDK-SPM6550T-1R0M-HZ Datasheet
292Kb / 3P
   SMD / SMT Inductors (Coils)
More results

Similar Description - SPM6550T-1R0

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3894 IRF-IR3894 Datasheet
2Mb / 43P
   12A HIGHLY INTERGRATED SUPLRBUCK
IR3895 IRF-IR3895 Datasheet
2Mb / 43P
   16A HIGHLY INTERGRATED SUPLRBUCK
IR3899 IRF-IR3899 Datasheet
2Mb / 43P
   9A HIGHLY INTEGRATED SUPLRBUCK
IR3897 IRF-IR3897 Datasheet
2Mb / 45P
   4A HIGHLY INTEGRATED SUPLRBUCK
logo
List of Unclassifed Man...
HMS30C7202N ETC1-HMS30C7202N Datasheet
2Mb / 179P
   Highly-intergrated MPU
logo
International Rectifier
IR3898 IRF-IR3898_13 Datasheet
3Mb / 46P
   6A Highly Integrated SupIRBuck
logo
Protech Systems Co., Lt...
PA-3252 PROTECHSYSTEMS-PA-3252 Datasheet
1Mb / 2P
   The One of a kind Highly Intergrated 15" POS Terminal
POS-3520 PROTECHSYSTEMS-POS-3520 Datasheet
756Kb / 2P
   The One of a kind Highly Intergrated 15 POS Terminal
logo
Enpirion, Inc.
EN5367QI ENPIRION-EN5367QI Datasheet
1Mb / 22P
   6A Synchronous Highly Integrated DC-DC PowerSoC
logo
International Rectifier
IR3856WM IRF-IR3856WM_15 Datasheet
1,022Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com