Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM6550T-1R0 Datasheet(PDF) 8 Page - International Rectifier

Part # SPM6550T-1R0
Description  6A HIGHLY INTERGRATED SUPLRBUCK
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SPM6550T-1R0 Datasheet(HTML) 8 Page - International Rectifier

Back Button SPM6550T-1R0 Datasheet HTML 4Page - International Rectifier SPM6550T-1R0 Datasheet HTML 5Page - International Rectifier SPM6550T-1R0 Datasheet HTML 6Page - International Rectifier SPM6550T-1R0 Datasheet HTML 7Page - International Rectifier SPM6550T-1R0 Datasheet HTML 8Page - International Rectifier SPM6550T-1R0 Datasheet HTML 9Page - International Rectifier SPM6550T-1R0 Datasheet HTML 10Page - International Rectifier SPM6550T-1R0 Datasheet HTML 11Page - International Rectifier SPM6550T-1R0 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
- 8 -
AUGUST 08, 2012 | DATA SHEET | Rev 3.3
8
IR3898
6A Highly Integrated SupIRBuckTM
Single-Input Voltage, Synchronous Buck Regulator
PD-97662
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
-40°C < Tj < +125°C
-1.0
+1.0
%
Vref Margining Voltage
Vref_marg
0.4
1.2
V
Sink Current
Isink_Vref
Vref = 0.6V
12.7
16.0
19.3
µA
Source Current
Isrc_Vref
Vref = 0.4V
12.7
16.0
19.3
Vref Comparator Threshold
Vref_disable
Vref pin connected externally
0.15
V
Vref_enable
0.4
Soft Start/Stop
Soft Start Ramp Rate
Ramp(SS_start)
0.16
0.2
0.24
mV/µs
Soft Stop Ramp Rate
Ramp(SS_stop)
-0.24
-0.2
-0.16
S_Ctrl Threshold
High
2.4
V
Low
0.6
Power Good
PGood Turn on Threshold
VPG(on)
Vsns Rising, 0.4V < Vref < 1.2V
85
90
95
% Vref
Vsns Rising, Vref < 0.1V
85
90
95
% Vp
PGood Lower Turn off Threshold
VPG(lower)
Vsns Falling, 0.4V < Vref < 1.2V
80
85
90
% Vref
Vsns Falling, Vref < 0.1V
80
85
90
% Vp
PGood Turn on Delay
VPG(on)_Dly
Vsns Rising,see VPG(on)
1.28
ms
PGood Upper Turn off Threshold
VPG(upper)
Vsns Rising, 0.4V < Vref < 1.2V
115
120
125
% Vref
Vsns Rising, Vref < 0.1V
115
120
125
% Vp
PGood Comparator Delay
VPG(comp)_
Dly
Vsns < VPG(lower) or
Vsns > VPG(upper)
1
2
3.5
µs
PGood Voltage Low
PG(voltage)
IPgood = -5mA
0.5
V
Tracker Comparator Upper
Threshold
VPG(tracker_
upper)
Vp Rising, Vref < 0.1V
0.4
V
Tracker Comparator Lower
Threshold
VPG(tracker_
lower)
Vp Falling, Vref < 0.1V
0.3
Tracker Comparator Delay
Tdelay(tracker)
Vp Rising, Vref < 0.1V,see
VPG(tracker_upper)
1.28
ms
Under-Voltage Lockout
Vcc-Start Threshold
VCC_UVLO_Start
Vcc Rising Trip Level
4.0
4.2
4.4
V
Vcc-Stop Threshold
VCC_UVLO_Stop
Vcc Falling Trip Level
3.7
3.9
4.1
Enable-Start-Threshold
Enable_UVLO_Start
Supply ramping up
1.14
1.2
1.26
V
Enable-Stop-Threshold
Enable_UVLO_Stop
Supply ramping down
0.95
1
1.05
Enable Leakage Current
Ien
Enable = 3.3V
1
µA
Over-Voltage Protection
OVP Trip Threshold
OVP_Vth
Vsns Rising, 0.45V < Vref < 1.2V
115
120
125
% Vref
Vsns Rising, Vref < 0.1V
115
120
125
% Vp


Similar Part No. - SPM6550T-1R0

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SPM6550T-1R0 IRF-SPM6550T-1R0 Datasheet
2Mb / 17P
   USER GUIDE FOR IR3898 EVALUATION BOARD
SPM6550T-1R0 IRF-SPM6550T-1R0 Datasheet
2Mb / 44P
   6A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
SPM6550T-1R0 IRF-SPM6550T-1R0 Datasheet
3Mb / 46P
   6A Highly Integrated SupIRBuck
SPM6550T-1R0M IRF-SPM6550T-1R0M Datasheet
2Mb / 47P
   4A Highly Integrated SupIRBuck Single?륤nput Voltage
logo
TDK Electronics
SPM6550T-1R0M-HZ TDK-SPM6550T-1R0M-HZ Datasheet
292Kb / 3P
   SMD / SMT Inductors (Coils)
More results

Similar Description - SPM6550T-1R0

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3894 IRF-IR3894 Datasheet
2Mb / 43P
   12A HIGHLY INTERGRATED SUPLRBUCK
IR3895 IRF-IR3895 Datasheet
2Mb / 43P
   16A HIGHLY INTERGRATED SUPLRBUCK
IR3899 IRF-IR3899 Datasheet
2Mb / 43P
   9A HIGHLY INTEGRATED SUPLRBUCK
IR3897 IRF-IR3897 Datasheet
2Mb / 45P
   4A HIGHLY INTEGRATED SUPLRBUCK
logo
List of Unclassifed Man...
HMS30C7202N ETC1-HMS30C7202N Datasheet
2Mb / 179P
   Highly-intergrated MPU
logo
International Rectifier
IR3898 IRF-IR3898_13 Datasheet
3Mb / 46P
   6A Highly Integrated SupIRBuck
logo
Protech Systems Co., Lt...
PA-3252 PROTECHSYSTEMS-PA-3252 Datasheet
1Mb / 2P
   The One of a kind Highly Intergrated 15" POS Terminal
POS-3520 PROTECHSYSTEMS-POS-3520 Datasheet
756Kb / 2P
   The One of a kind Highly Intergrated 15 POS Terminal
logo
Enpirion, Inc.
EN5367QI ENPIRION-EN5367QI Datasheet
1Mb / 22P
   6A Synchronous Highly Integrated DC-DC PowerSoC
logo
International Rectifier
IR3856WM IRF-IR3856WM_15 Datasheet
1,022Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com