Electronic Components Datasheet Search |
|
DRV8301 Datasheet(PDF) 9 Page - Texas Instruments |
|
DRV8301 Datasheet(HTML) 9 Page - Texas Instruments |
9 / 26 page DRV8301 www.ti.com SLOS719 – AUGUST 2011 GATE TIMING AND PROTECTION CHARACTERISTICS PARAMETER TEST CONDITIONS MIN TYP MAX UNIT TIMING, OUTPUT PINS tpd,If-O Positive input falling to GH_x falling CL=1nF, 50% to 50% 45 ns tpd,Ir-O Positive input rising to GL_x falling CL=1nF, 50% to 50% 45 ns Td_min Minimum dead time after hand shaking(1) 50 ns Tdtp Dead Time With RDTC set to different values 50 500 ns tGDr Rise time, gate drive output CL=1nF, 10% to 90% 25 ns tGDF Fall time, gate drive output CL=1nF, 90% to 10% 25 ns Not including handshake communication. TON_MIN Minimum on pulse 50 ns Hiz to on state, output of gate driver Propagation delay matching between high Tpd_match 5 ns side and low side Tdt_match Deadtime matching 5 ns TIMING, PROTECTION AND CONTROL PVDD is up before start up, all charge Start up time, from EN_GATE active high tpd,R_GATE-OP pump caps and regulator caps as in 5 10 ms to device ready for normal operation recommended condition If EN_GATE goes from high to low and back to high state within quick reset time, it will only reset all faults and gate driver tpd,R_GATE-Quick Maximum low pulse time 10 us without powering down charge pump, current amp, and related internal voltage regulators. tpd,E-L Delay, error event to all gates low 200 ns tpd,E-FAULT Delay, error event to FAULT low 200 ns Junction temperature for resetting over OTW_CLR 115 °C temperature warning Junction temperature for over OTW_SET/OTSD temperature warning and resetting over 130 °C _CLR temperature shut down Junction temperature for over OTSD_SET 150 °C temperature shut down (1) Dead time programming definition: Adjustable delay from GH_x falling edge to GL_X rising edge, and GL_X falling edge to GH_X rising edge. This is a minimum dead-time insertion. It is not added to the value set by the microcontroller externally. Copyright © 2011, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Link(s): DRV8301 |
Similar Part No. - DRV8301_12 |
|
Similar Description - DRV8301_12 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |