Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8301 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8301
Description  Three Phase Pre-Driver with Dual Current Shunt Amplifiers and Buck Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8301 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DRV8301 Datasheet HTML 5Page - Texas Instruments DRV8301 Datasheet HTML 6Page - Texas Instruments DRV8301 Datasheet HTML 7Page - Texas Instruments DRV8301 Datasheet HTML 8Page - Texas Instruments DRV8301 Datasheet HTML 9Page - Texas Instruments DRV8301 Datasheet HTML 10Page - Texas Instruments DRV8301 Datasheet HTML 11Page - Texas Instruments DRV8301 Datasheet HTML 12Page - Texas Instruments DRV8301 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
DRV8301
www.ti.com
SLOS719
– AUGUST 2011
GATE TIMING AND PROTECTION CHARACTERISTICS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TIMING, OUTPUT PINS
tpd,If-O
Positive input falling to GH_x falling
CL=1nF, 50% to 50%
45
ns
tpd,Ir-O
Positive input rising to GL_x falling
CL=1nF, 50% to 50%
45
ns
Td_min
Minimum dead time after hand shaking(1)
50
ns
Tdtp
Dead Time
With RDTC set to different values
50
500
ns
tGDr
Rise time, gate drive output
CL=1nF, 10% to 90%
25
ns
tGDF
Fall time, gate drive output
CL=1nF, 90% to 10%
25
ns
Not including handshake communication.
TON_MIN
Minimum on pulse
50
ns
Hiz to on state, output of gate driver
Propagation delay matching between high
Tpd_match
5
ns
side and low side
Tdt_match
Deadtime matching
5
ns
TIMING, PROTECTION AND CONTROL
PVDD is up before start up, all charge
Start up time, from EN_GATE active high
tpd,R_GATE-OP
pump caps and regulator caps as in
5
10
ms
to device ready for normal operation
recommended condition
If EN_GATE goes from high to low and
back to high state within quick reset time,
it will only reset all faults and gate driver
tpd,R_GATE-Quick
Maximum low pulse time
10
us
without powering down charge pump,
current amp, and related internal voltage
regulators.
tpd,E-L
Delay, error event to all gates low
200
ns
tpd,E-FAULT
Delay, error event to FAULT low
200
ns
Junction temperature for resetting over
OTW_CLR
115
°C
temperature warning
Junction temperature for over
OTW_SET/OTSD
temperature warning and resetting over
130
°C
_CLR
temperature shut down
Junction temperature for over
OTSD_SET
150
°C
temperature shut down
(1)
Dead time programming definition: Adjustable delay from GH_x falling edge to GL_X rising edge, and GL_X falling edge to GH_X rising
edge. This is a minimum dead-time insertion. It is not added to the value set by the microcontroller externally.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): DRV8301


Similar Part No. - DRV8301

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8301 TI-DRV8301 Datasheet
387Kb / 26P
[Old version datasheet]   Three Phase Pre-Driver with Dual Current Shunt Amplifiers and Buck Regulator
DRV8301 TI1-DRV8301 Datasheet
319Kb / 2P
[Old version datasheet]   Stellaris짰 LM4F211 controlCARD
DRV8301 TI1-DRV8301 Datasheet
408Kb / 28P
[Old version datasheet]   Three Phase Pre-Driver with Dual Current Shunt Amplifiers and Buck Regulator
DRV8301-Q1 TI1-DRV8301-Q1 Datasheet
413Kb / 28P
[Old version datasheet]   AUTOMOTIVE THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
DRV8301-Q1 TI1-DRV8301-Q1 Datasheet
413Kb / 28P
[Old version datasheet]   AUTOMOTIVE THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
More results

Similar Description - DRV8301

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8301 TI-DRV8301 Datasheet
387Kb / 26P
[Old version datasheet]   Three Phase Pre-Driver with Dual Current Shunt Amplifiers and Buck Regulator
DRV8301 TI1-DRV8301_14 Datasheet
408Kb / 28P
[Old version datasheet]   Three Phase Pre-Driver with Dual Current Shunt Amplifiers and Buck Regulator
DRV8302 TI1-DRV8302 Datasheet
351Kb / 21P
[Old version datasheet]   Three Phase Pre-Driver with Dual Current Shunt Amplifiers and Buck Regulator ??Hardware Controlled
AUGUST2011
DRV8303 TI1-DRV8303 Datasheet
1Mb / 29P
[Old version datasheet]   THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
DRV8303EVM TI1-DRV8303EVM Datasheet
1Mb / 29P
[Old version datasheet]   THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
DRV8303 TI1-DRV8303 Datasheet
1Mb / 29P
[Old version datasheet]   THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
DRV8301-Q1 TI1-DRV8301-Q1 Datasheet
413Kb / 28P
[Old version datasheet]   AUTOMOTIVE THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
DRV8301-Q1 TI1-DRV8301-Q1 Datasheet
413Kb / 28P
[Old version datasheet]   AUTOMOTIVE THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
DRV8305 TI-DRV8305_15 Datasheet
2Mb / 53P
[Old version datasheet]   DRV8305 Three Phase Gate Driver With Current Shunt Amplifiers and Voltage Regulator
DRV8305-Q1 TI-DRV8305-Q1_15 Datasheet
117Kb / 6P
[Old version datasheet]   DRV8305-Q1 Three-Phase Automotive Gate Driver With Three Integrated Current Shunt Amplifiers and Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com