Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFE2500-S1U-TB Datasheet(PDF) 1 Page - TDK Electronics

Part # HFE2500-S1U-TB
Description  2500W 1U Front End Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

HFE2500-S1U-TB Datasheet(HTML) 1 Page - TDK Electronics

  HFE2500-S1U-TB Datasheet HTML 1Page - TDK Electronics HFE2500-S1U-TB Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
58
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Disclaimer: us.tdk-lambda.com/lp/legal.htm
HFE2500 Series
Features
u 1U rackmount containing up to 4 units
u Internal ORing MOSFET & Current Share
u High Efficiency
u Up to 9,500W in 1U rack
2500W 1U Front End Power Supplies
Key Market Segments & Applications
(1) See installation manual for detailed specifications & test methods
(2) Derate linearly 1.3%/V from 100VAC to 85VAC input
Model
Input Voltage Range
(2)
VAC
85 - 265VAC, 47 - 63Hz. See model selector for power derating
Input Current (Max) 100/230VAC
A
15 / 12A
Inrush Current
A
<50A
Power Factor Correction
-
Meets EN61000-3-2, PF > 0.98 at full load
Temperature Coefficient
%/°C
<0.02%/°C
Overcurrent Protection
%
105 - 115%
Overvoltage Protection
(1)
%
110% (Tracking). Cycle AC to reset or utilize Remote On/Off
Overtemperature Protection
(1)
-
Shutdown with automatic reset. Warning signal provided
Hold-up time
ms
>10ms, 115/230VAC Input, 80% loading
Leakage Current
mA
< 0.75 / 1.5mA, 100 / 230VAC, 60Hz
Remote Sense Compensation
-
HFE2500-12: 0.25V / Wire, HFE2500-24: 0.5V / Wire, HFE2500-48: 1V / Wire
Indicators
-
AC OK: Green LED, DC OK / Fail: Green / Red LED
Remote On/Off
-
Unit ON: 0 - 0.6V or short, OFF: 2 - 15V or open circuit
Parallel Operation
(1)
-
Yes, single wire current share, 95% accuracy, up to 8 units
AC Fail Signal
-
Open Collector, ON when AC is within 85 - 270VAC
DC Good Signal
-
Open Collector, ON when output is above 85 to 95% of setpoint (tracking)
Remote Adjust
(1)
-
By either external 0 - 5V signal or 1k potentiometer
I2C Interface
(1)
-
Isolated from output, Add suffix /S, PMBus compatible
Auxiliary Output
-
11.2 - 12.5V, 0.5A, 240mV ripple and noise
Operating Temperature
°C
-10 to +70°C, derate 2%/°C from 50 to 60°C, 2.5%/°C from 60 to 70°C
Storage Temperature
°C
-30 to +85°C
Humidity (Non condensing)
%RH
Operating: 10 - 90%RH, Storage: 10 - 95%RH
Cooling
-
Two variable speed internal fans, airflow exits across input/output connector
Withstand Voltage
-
I/P to O/P 3kVAC, I/P to GND 2kVAC, O/P to GND: HFE2500-12, -24V 500VAC, HFE2500-48 1.5kVAC
Isolation Resistance
>100MΩ at 25°C & 70%RH, Output to Ground 500VDC
Vibration (Basic transportation)
-
Meets IEC60068-2-64
Shock (Basic transportation)
-
Meets IEC60068-2-27
Safety Agency Certifications
-
UL60950-1 (Listed), EN60950-1, CE Mark
Line Dip
-
Complies with SEMI F47 (200VAC line only)
Conducted and Radiated EMI
-
EN55022 & FCC part 15; Conducted class B, Radiated class A
Immunity
-
IEC61000-4-2 (lv 2,3), -3 (lv 2), -4 (lv 2), -5 (lv 3,4), -6 (lv 2), -8 (lv 4), -11
Size (W x H x D)
in
Power Supply: 4.21 x 1.61 x 12.8”, Rack: 17.5 x 1.72 x 15.8”
Weight
g
Power Supply: 2100g, Rack: 5000g
Warranty
yrs
Three Years
Specifications
(HFE2500-48 model)


Similar Part No. - HFE2500-S1U-TB

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HFE2500-12 TDK-HFE2500-12 Datasheet
189Kb / 1P
   AC-DC Power Supplies
HFE2500-12-S TDK-HFE2500-12-S Datasheet
189Kb / 1P
   AC-DC Power Supplies
HFE2500-24 TDK-HFE2500-24 Datasheet
189Kb / 1P
   AC-DC Power Supplies
HFE2500-24-S TDK-HFE2500-24-S Datasheet
189Kb / 1P
   AC-DC Power Supplies
HFE2500-48 TDK-HFE2500-48 Datasheet
189Kb / 1P
   AC-DC Power Supplies
More results

Similar Description - HFE2500-S1U-TB

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
TH200048 TDK-TH200048 Datasheet
419Kb / 2P
   1200 to 2500W Front End Power Supplies
RFE1600 TDK-RFE1600 Datasheet
705Kb / 2P
   1600W 1U Front End Power Supplies
HFE1600 TDK-HFE1600 Datasheet
1,001Kb / 2P
   1600W 1U Front End Power Supplies
FPSS1U TDK-FPSS1U Datasheet
278Kb / 2P
   1000W Front End Power Supplies
logo
Murata Manufacturing Co...
D1U54-D-1200-12-HC4PC MURATA-D1U54-D-1200-12-HC4PC Datasheet
259Kb / 6P
   54mm 1U Front End DC-DC Power Converter
logo
Murata Power Solutions ...
D1U54-HD-1200-12-HA4C MURATA-PS-D1U54-HD-1200-12-HA4C Datasheet
452Kb / 8P
   54mm 1U Front End HVDC Power Supply Converter
D1U54-D-1200-12-HX4PC MURATA-PS-D1U54-D-1200-12-HX4PC Datasheet
259Kb / 6P
   54mm 1U Front End DC-DC Power Converter
logo
Bel Fuse Inc.
PFE1500 BEL-PFE1500 Datasheet
2Mb / 27P
   AC-DC FRONT-END POWER SUPPLIES
logo
Murata Power Solutions ...
D1U86P-W-1600-12-HBXDC MURATA-PS-D1U86P-W-1600-12-HBXDC Datasheet
216Kb / 6P
   86mm 1U Front End AC-DC Power Supply
D1U86P MURATA-PS-D1U86P Datasheet
216Kb / 6P
   86mm 1U Front End AC-DC Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com