Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB7106F Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TB7106F
Description  Buck DC-DC Converter IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB7106F Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TB7106F Datasheet HTML 1Page - Toshiba Semiconductor TB7106F Datasheet HTML 2Page - Toshiba Semiconductor TB7106F Datasheet HTML 3Page - Toshiba Semiconductor TB7106F Datasheet HTML 4Page - Toshiba Semiconductor TB7106F Datasheet HTML 5Page - Toshiba Semiconductor TB7106F Datasheet HTML 6Page - Toshiba Semiconductor TB7106F Datasheet HTML 7Page - Toshiba Semiconductor TB7106F Datasheet HTML 8Page - Toshiba Semiconductor TB7106F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TB7106F
2011-11-05
3
Absolute Maximum Ratings (Ta
= 25°C)
Characteristics
Symbol
Rating
Unit
Input pin voltage
VIN
-0.3~25
V
Bootstrap pin voltage
VBOOT
-0.3~28
V
Bootstrap pin - Switch pin voltage
VBOOT - VLX
-0.3~6
V
Switch pin voltage
(Note1)
VLX
-0.3~25
V
Feedback pin voltage
VFB
-0.3~6
V
Enable pin voltage
VEN
-0.3~25
V
Soft-start pin voltage
Vss
-0.3~6
V
Error amplifier phase compensation
pin voltage
VCOMP
-0.3~6
V
Switch pin current
ILX
-3.6
A
Power dissipation
(Note 2)
PD
2.2
W
Operating junction temperature
Tjopr
-40~125
Junction temperature
(Note 3)
Tj
150
°C
Strage temperature
Tstg
-55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc)
Note 1: The switch pin voltage (VLX) doesn’t include the peak voltage generated by TB7106F’s switching.
Thermal Resistance Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, junction to
ambient
Rth (j-a)
44.6(Note2)
°C/W
Thermal resistance, junction to case
(Tc=25℃)
Rth (j-c)
4.17
°C/W
Note 2:
Note 3: The TB7106F may go into thermal shutdown at the rated maximum junction temperature. Thermal design is
required to ensure that the rated maximum operating junction temperature, Tjopr, will not be exceeded.
Glass epoxy board
Material: FR-4
25.4
× 25.4 × 0.8
(Unit: mm)
Single-pulse measurement: pulse width t=10(s)


Similar Part No. - TB7106F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB7100F TOSHIBA-TB7100F Datasheet
355Kb / 17P
   Step-down DC-DC Converter IC
TB7101AF TOSHIBA-TB7101AF Datasheet
280Kb / 22P
   Buck DC-DC Converter IC
TB7101AFT5L1.2 TOSHIBA-TB7101AFT5L1.2 Datasheet
280Kb / 22P
   Buck DC-DC Converter IC
TB7101AFT5L1.2F TOSHIBA-TB7101AFT5L1.2F Datasheet
280Kb / 22P
   Buck DC-DC Converter IC
TB7101AFT5L1.5 TOSHIBA-TB7101AFT5L1.5 Datasheet
280Kb / 22P
   Buck DC-DC Converter IC
More results

Similar Description - TB7106F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCV7104FN TOSHIBA-TCV7104FN Datasheet
279Kb / 16P
   Buck DC-DC Converter IC
TCV7107F TOSHIBA-TCV7107F Datasheet
559Kb / 17P
   Buck DC-DC Converter IC
TCV7113F TOSHIBA-TCV7113F Datasheet
470Kb / 17P
   Buck DC-DC Converter IC
TB7101AF TOSHIBA-TB7101AF Datasheet
280Kb / 22P
   Buck DC-DC Converter IC
TCV7100AF TOSHIBA-TCV7100AF Datasheet
476Kb / 17P
   Buck DC-DC Converter IC
TCV7105F TOSHIBA-TCV7105F Datasheet
467Kb / 16P
   Buck DC-DC Converter IC
TCV7106FN TOSHIBA-TCV7106FN Datasheet
380Kb / 17P
   Buck DC-DC Converter IC
TB7102AF TOSHIBA-TB7102AF Datasheet
229Kb / 17P
   Buck DC-DC Converter IC
TB7107FN TOSHIBA-TB7107FN Datasheet
322Kb / 15P
   Buck DC-DC Converter IC
TCV7101F TOSHIBA-TCV7101F Datasheet
499Kb / 18P
   Buck DC-DC Converter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com