Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS43TR16640A Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS43TR16640A
Description  128MX8, 64MX16 1Gb DDR3 SDRAM
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43TR16640A Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS43TR16640A Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS43TR16640A Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS43TR16640A Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS43TR16640A Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS43TR16640A Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS43TR16640A Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS43TR16640A Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS43TR16640A Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS43TR16640A Datasheet HTML 15Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 71 page
background image
IS43TR16640A, IS43TR81280A
Integrated Silicon Solution, Inc. – www.issi.com –
11
Rev. 00A
04/16/2012
Burst
Length
READ/
WRITE
Starting
Column
ADDRESS
(A2,A1,A0)
burst type = Sequential
(decimal)
A3 = 0
burst type = Interleaved
(decimal)
A3 = 1
Notes
4
Chop
READ
0
0,1,2,3,T,T,T,T
0,1,2,3,T,T,T,T
1, 2, 3
1
1,2,3,0,T,T,T,T
1,0,3,2,T,T,T,T
1, 2, 3
10
2,3,0,1,T,T,T,T
2,3,0,1,T,T,T,T
1, 2, 3
11
3,0,1,2,T,T,T,T
3,2,1,0,T,T,T,T
1, 2, 3
100
4,5,6,7,T,T,T,T
4,5,6,7,T,T,T,T
1, 2, 3
101
5,6,7,4,T,T,T,T
5,4,7,6,T,T,T,T
1, 2, 3
110
6,7,4,5,T,T,T,T
6,7,4,5,T,T,T,T
1, 2, 3
111
7,4,5,6,T,T,T,T
7,6,5,4,T,T,T,T
1, 2, 3
WRITE
0,V,V
0,1,2,3,X,X,X,X
0,1,2,3,X,X,X,X
1, 2, 4, 5
1,V,V
4,5,6,7,X,X,X,X
4,5,6,7,X,X,X,X
1, 2, 4, 5
8
READ
0
0,1,2,3,4,5,6,7
0,1,2,3,4,5,6,7
2
1
1,2,3,0,5,6,7,4
1,0,3,2,5,4,7,6
2
10
2,3,0,1,6,7,4,5
2,3,0,1,6,7,4,5
2
11
3,0,1,2,7,4,5,6
3,2,1,0,7,6,5,4
2
100
4,5,6,7,0,1,2,3
4,5,6,7,0,1,2,3
2
101
5,6,7,4,1,2,3,0
5,4,7,6,1,0,3,2
2
110
6,7,4,5,2,3,0,1
6,7,4,5,2,3,0,1
2
111
7,4,5,6,3,0,1,2
7,6,5,4,3,2,1,0
2
WRITE
V,V,V
0,1,2,3,4,5,6,7
0,1,2,3,4,5,6,7
2, 4
Notes:
1. In case of burst length being fixed to 4 by MR0 setting, the internal write operation starts two clock cycles earlier than for the BL8 mode. This means
that the starting point for tWR and tWTR will be pulled in by two clocks. In case of burst length being selected on-the-fly via A12/BC#, the internal
write operation starts at the same point in time like a burst of 8 write operation. This means that during on-the-fly control, the starting point for tWR
and tWTR will not be pulled in by two clocks.
2. 0...7 bit number is value of CA[2:0] that causes this bit to be the first read during a burst.
3. T: Output driver for data and strobes are in high impedance.
4. V: a valid logic level (0 or 1), but respective buffer input ignores level on input pins.
5. X: Don’t Care.
2.3.2.2 CAS Latency
The CAS Latency is defined by MR0 (bits A9-A11) as shown in Figure 2.3.2. CAS Latency is the delay, in clock cycles,
between the internal Read command and the availability of the first bit of output data. DDR3 SDRAM does not support
any half-clock latencies. The overall Read Latency (RL) is defined as Additive Latency (AL) + CAS Latency (CL); RL = AL
+ CL. For more information on the supported CL and AL settings based on the operating clock frequency, refer to
“Standard Speed Bins”.
2.3.2.3 Test Mode
The normal operating mode is selected by MR0 (bit A7 = 0) and all other bits set to the desired values shown in Figure
2.3.2. Programming bit A7 to a ‘1’ places the DDR3 SDRAM into a test mode that is only used by the DRAM Manufacturer
and should NOT be used. No operations or functionality is specified if A7 = 1.
2.3.2.4 DLL Reset
The DLL Reset bit is self-clearing, meaning that it returns back to the value of ‘0’ after the DLL reset function has been
issued. Once the DLL is enabled, a subsequent DLL Reset should be applied. Any time that the DLL reset function is
used, tDLLK must be met before any functions that require the DLL can be used (i.e., Read commands or ODT
synchronous operations).
2.3.2.5 Write Recovery
The programmed WR value MR0 (bits A9, A10, and A11) is used for the auto precharge feature along with tRP to
determine tDAL. WR (write recovery for auto-precharge) min in clock cycles is calculated by dividing tWR (in ns) by tCK
(in ns) and rounding up to the next integer: WRmin[cycles] = Roundup(tWR[ns]/tCK[ns]). The WR must be programmed to
be equal to or larger than tWR(min).


Similar Part No. - IS43TR16640A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43TR16640B ISSI-IS43TR16640B Datasheet
3Mb / 88P
   Programmable CAS Latency
IS43TR16640BL ISSI-IS43TR16640BL Datasheet
3Mb / 88P
   Programmable CAS Latency
IS43TR16640ED-125KBLI ISSI-IS43TR16640ED-125KBLI Datasheet
3Mb / 74P
   128MX8, 64MX16 1Gb DDR3 SDRAM WITH ECC
IS43TR16640ED-15HBLI ISSI-IS43TR16640ED-15HBLI Datasheet
3Mb / 74P
   128MX8, 64MX16 1Gb DDR3 SDRAM WITH ECC
More results

Similar Description - IS43TR16640A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43TR16640ED-15HBLI ISSI-IS43TR16640ED-15HBLI Datasheet
3Mb / 74P
   128MX8, 64MX16 1Gb DDR3 SDRAM WITH ECC
logo
Hynix Semiconductor
H5PS1G63EFR-20L HYNIX-H5PS1G63EFR-20L Datasheet
1Mb / 80P
   1Gb(64Mx16) DDR2 SDRAM
H5TQ1G43AFP HYNIX-H5TQ1G43AFP Datasheet
4Mb / 77P
   1Gb DDR3 SDRAM
H5TQ1G43TFR HYNIX-H5TQ1G43TFR Datasheet
458Kb / 31P
   1Gb DDR3 SDRAM
H5TQ1G83DFR HYNIX-H5TQ1G83DFR Datasheet
303Kb / 34P
   1Gb DDR3 SDRAM
H5TQ1G83EFR HYNIX-H5TQ1G83EFR Datasheet
598Kb / 33P
   1Gb DDR3 SDRAM
H5TQ1G63DFR HYNIX-H5TQ1G63DFR Datasheet
2Mb / 172P
   1Gb DDR3 SDRAM
H5TQ1G43BFR HYNIX-H5TQ1G43BFR Datasheet
589Kb / 32P
   1Gb DDR3 SDRAM
logo
Advantech Co., Ltd.
AQD-D31GN13-SX ADVANTECH-AQD-D31GN13-SX Datasheet
544Kb / 12P
   240Pin DDR3 1333 UDIMM 1GB Based on 128Mx8
2013-09-24
logo
Elpida Memory
EBJ10RE8BAFA ELPIDA-EBJ10RE8BAFA Datasheet
220Kb / 20P
   1GB Registered DDR3 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com