Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXD2470R Datasheet(PDF) 5 Page - Sony Corporation

Part # CXD2470R
Description  Timing Generator for Frame Readout CCD Image Sensor
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2470R Datasheet(HTML) 5 Page - Sony Corporation

  CXD2470R Datasheet HTML 1Page - Sony Corporation CXD2470R Datasheet HTML 2Page - Sony Corporation CXD2470R Datasheet HTML 3Page - Sony Corporation CXD2470R Datasheet HTML 4Page - Sony Corporation CXD2470R Datasheet HTML 5Page - Sony Corporation CXD2470R Datasheet HTML 6Page - Sony Corporation CXD2470R Datasheet HTML 7Page - Sony Corporation CXD2470R Datasheet HTML 8Page - Sony Corporation CXD2470R Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
– 5 –
CXD2470R
Electrical Characteristics
DC Characteristics
(Within the recommended operating conditions)
VDD2
VDD3
VDD4
VDD1, VDD5
RST, DSGAT,
SSI, SCK,
SEN,
EBCKSM
TEST1,
TEST2
VDI, HDI
H1, H2
RG
XSHP, XSHD,
XRS, PBLK,
OBCLP,
CLPDM,
ADCLK
CKO, MCKO
V1A, V1B,
V3A, V3B,
V2, V4
SUB
VDDa
VDDb
VDDc
VDDd
Vt+
Vt–
VIH1
VIL1
VIH2
VIL2
VOH1
VOL1
VOH2
VOL2
VOH3
VOL3
VOH4
VOL4
IOL
IOM1
IOM2
IOH
IOSL
IOSH
3.0
3.0
3.0
3.0
0.8VDDd
0.7VDDd
0.7VDDd
VDDb – 0.8
VDDb – 0.8
VDDc – 0.8
VDDd – 0.8
10.0
5.0
5.4
3.3
3.3
3.3
3.3
3.6
5.5
3.6
3.6
0.2VDDd
0.3VDDd
0.3VDDd
0.4
0.4
0.4
0.4
–5.0
–7.2
–4.0
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
mA
mA
mA
mA
mA
mA
Feed current where IOH = –22.0mA
Pull-in current where IOL = 14.4mA
Feed current where IOH = –3.3mA
Pull-in current where IOL = 2.4mA
Feed current where IOH = –3.3mA
Pull-in current where IOL = 2.4mA
Feed current where IOH = –10.4mA
Pull-in current where IOL = 7.2mA
V1A/B, V2, V3A/B, V4 = –8.25V
V1A/B, V2, V3A/B, V4 = –0.25V
V1A/B, V3A/B = 0.25V
V1A/B, V3A/B = 14.75V
SUB = –8.25V
SUB = 14.75V
Supply voltage 1
Supply voltage 2
Supply voltage 3
Supply voltage 4
Input voltage 1∗1
Input voltage 2∗2
Input voltage 3
Output voltage 1
Output voltage 2
Output voltage 3
Output voltage 4
Output current 1
Output current 2
Item
Pins
Symbol
Conditions
Min.
Typ.
Max.
Unit
1 These input pins are Schmitt trigger inputs and do not have protective diodes on the internal power supply
side.
2 These input pins have internal pull-down resistors.
Note) The above table indicates the condition for 3.3V drive.


Similar Part No. - CXD2470R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2475TQ SONY-CXD2475TQ Datasheet
140Kb / 8P
   Reference Voltage and Driver IC for LCD
More results

Similar Description - CXD2470R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2497R SONY-CXD2497R Datasheet
387Kb / 35P
   Timing Generator for Frame Readout CCD Image Sensor
CXD3619R SONY-CXD3619R Datasheet
37Kb / 2P
   Timing Generator for Frame Readout CCD Image Sensor
CXD3605R SONY-CXD3605R Datasheet
344Kb / 36P
   Timing Generator for Frame Readout CCD Image Sensor
CXD2498R SONY-CXD2498R Datasheet
554Kb / 51P
   Timing Generator for Frame Readout CCD Image Sensor
CXD3615R SONY-CXD3615R Datasheet
461Kb / 43P
   Timing Generator for Frame Readout CCD Image Sensor
CXD2492R SONY-CXD2492R Datasheet
390Kb / 35P
   Timing Generator for Frame Readout CCD Image Sensor
CXD3606R SONY-CXD3606R Datasheet
330Kb / 35P
   Timing Generator for Frame Readout CCD Image Sensor
logo
List of Unclassifed Man...
CXD3423GA ETC-CXD3423GA Datasheet
531Kb / 54P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
logo
Sony Corporation
CXD3412GA SONY-CXD3412GA Datasheet
383Kb / 46P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD3406GA SONY-CXD3406GA Datasheet
384Kb / 46P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com