Electronic Components Datasheet Search |
|
NSCSGNN030PAUNV Datasheet(PDF) 5 Page - Honeywell Accelerometers |
|
NSCSGNN030PAUNV Datasheet(HTML) 5 Page - Honeywell Accelerometers |
5 / 12 page Honeywell Sensing and Control 5 Figure 2. Completed Catalog Listing Example NSCSANN100PGUNV SIP package, AN pressure port, no options, 100 psi gage, analog output, unamplified, uncompensated, constant voltage Pressure (psi) 0 2 4 6 8 10 12 14 16 18 20 0 20 40 60 80 100 NSCSANN100PGUNV Nominal 25 °C Output vs Pressure Table 5. Pressure Types Pressure Type Description Absolute Output is proportional to the difference between applied pressure and a built-in reference to vacuum. Reference pressure is absolute zero pressure (full vacuum). Differential Output is proportional to the difference between the pressures applied to each port. (Port 1 Port 2) Reference pressure is Port 1 = Port 2. Gage Output is proportional to the difference between applied pressure and atmospheric (ambient) pressure. Reference pressure is atmospheric pressure. Table 6. Pressure Range Specifications for 1 psi to 150 psi Pressure Range Offset 10 (mV/V) Sensitivity (mV/V/Full Scale Span) TCO 11 (%FSS/25 C) TCS 12 (%FSS/25 C) Bridge Resistance 13 (kOhm) TCR 14 (-40 C to 25 C) (ppm/°C) TCR 15 (25 C to 85 C) (ppm/°C) Long-term Stability (1000 hr, 25 °C [77 °F]) (%FSS) Pmin. Pmax. Min. Max. Min. Nom. Max. Min. Nom. Max. Min. Nom. Max. Min. Nom. Max. Min. Max. Min. Max. Absolute 015PA 0 15 psi 30 60 N/A -6.0 6.0 10.3 15.0 19.7 -3.6 0.0 3.6 -7.5 -5.0 -3.0 2.6 3.5 4.4 500 1500 1500 2500 ±0.25% 030PA 0 30 psi 60 120 N/A -6.0 6.0 9.9 14.8 19.7 -3.8 0.0 3.8 -7.5 -5.0 -3.0 2.6 3.5 4.4 500 1500 1500 2500 ±0.25% 060PA 0 60 psi 120 250 N/A -6.0 6.0 10.7 15.2 19.7 -3.5 0.0 3.5 -7.5 -5.0 -3.0 2.6 3.5 4.4 500 1500 1500 2500 ±0.25% 100PA 0 100 psi 250 250 N/A -6.0 6.0 9.1 12.6 16.1 -4.1 0.0 4.1 -7.5 -5.0 -3.0 2.6 3.5 4.4 500 1500 1500 2500 ±0.25% 150PA 0 150 psi 250 250 N/A -6.0 6.0 13.6 18.9 24.2 -2.8 0.0 2.8 -7.5 -5.0 -3.0 2.6 3.5 4.4 500 1500 1500 2500 ±0.25% Differential 001PD -1 1 psi 5 20 150 -8.5 3.5 9.0 13.0 17.0 -1.1 0.5 1.1 -6.3 -5.0 -3.8 4 5 6 1200 2200 2200 3200 ±0.35% 005PD -5 5 psi 20 40 150 -8.5 3.5 20.0 30.0 40.0 -0.6 0.2 0.6 -6.3 -5.0 -3.8 4 5 6 1200 2200 2200 3200 ±0.35% 015PD -15 15 psi 30 60 150 -7.0 5.3 20.7 31.0 41.4 -0.6 0.3 0.5 -6.0 -5.0 -3.8 2.4 3 5.5 1200 2200 2200 3200 ±0.25% 030PD -30 30 psi 60 120 150 -7.0 5.3 31.0 41.4 51.7 -0.3 0.2 0.3 -6.0 -5.0 -3.8 2.4 3 5.5 1200 2200 2200 3200 ±0.25% 060PD -60 60 psi 120 250 250 -7.0 5.3 34.8 41.4 48.0 -0.3 0.2 0.3 -6.0 -5.0 -3.8 2.4 3 5.5 1200 2200 2200 3200 ±0.25% 100PD -100 100 psi 250 250 250 -7.0 5.3 29.0 34.5 40.0 -0.3 0.3 0.3 -6.0 -5.0 -3.8 2.4 3 5.5 1200 2200 2200 3200 ±0.25% 150PD -150 150 psi 250 250 250 -7.0 5.3 43.4 51.7 60.0 -0.2 0.2 0.2 -6.0 -5.0 -3.8 2.4 3 5.5 1200 2200 2200 3200 ±0.25% Gage 001PG 0 1 psi 5 20 150 -8.5 3.5 4.5 6.5 8.5 -2.2 1.0 2.2 -6.3 -5.0 -3.8 4 5 6 1200 2200 2200 3200 ±0.35% 005PG 0 5 psi 20 40 150 -8.5 3.6 10.0 15.0 20.0 -1.0 0.4 1.0 -6.3 -5.0 -3.8 4 5 6 1200 2200 2200 3200 ±0.35% 015PG 0 15 psi 30 60 150 -7.0 5.3 10.3 15.5 20.7 -1.0 0.6 1.0 -6.0 -5.0 -3.8 2.4 3 5.5 1200 2200 2200 3200 ±0.25% 030PG 0 30 psi 60 120 150 -7.0 5.3 15.5 20.7 25.9 -0.6 0.4 0.6 -6.0 -5.0 -3.8 2.4 3 5.5 1200 2200 2200 3200 ±0.25% 060PG 0 60 psi 120 250 250 -7.0 5.3 17.4 20.7 24.0 -0.6 0.4 0.6 -6.0 -5.0 -3.8 2.4 3 5.5 1200 2200 2200 3200 ±0.25% 100PG 0 100 psi 250 250 250 -7.0 5.3 14.5 17.2 20.0 -0.7 0.5 0.7 -6.0 -5.0 -3.8 2.4 3 5.5 1200 2200 2200 3200 ±0.25% 150PG 0 150 psi 250 250 250 -7.0 5.3 21.7 25.9 30.0 -0.6 0.3 0.6 -6.0 -5.0 -3.8 2.4 3 5.5 1200 2200 2200 3200 ±0.25% |
Similar Part No. - NSCSGNN030PAUNV |
|
Similar Description - NSCSGNN030PAUNV |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |