Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32778G1206+000 Datasheet(PDF) 6 Page - EPCOS

Part # B32778G1206+000
Description  Metallized Polypropylene Film Capacitors (MKP)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32778G1206+000 Datasheet(HTML) 6 Page - EPCOS

Back Button B32778G1206+000 Datasheet HTML 2Page - EPCOS B32778G1206+000 Datasheet HTML 3Page - EPCOS B32778G1206+000 Datasheet HTML 4Page - EPCOS B32778G1206+000 Datasheet HTML 5Page - EPCOS B32778G1206+000 Datasheet HTML 6Page - EPCOS B32778G1206+000 Datasheet HTML 7Page - EPCOS B32778G1206+000 Datasheet HTML 8Page - EPCOS B32778G1206+000 Datasheet HTML 9Page - EPCOS B32778G1206+000 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Ordering codes and packing units (lead spacing 37.5 mm)
CR
µF
Max. dimensions
w
× h × l
mm
P1
mm
Ordering code
(composition see
below)
IRMS,max
70
°C
10 kHz
A
IRMS,max
70
°C
20 kHz
A
ESRtyp
70
°C
10 kHz
m
Untaped
pcs./MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
K =
±10%
J =
±5%
VR,70 °C = 450 V DC, Vop,85 °C = 450 V DC
12
24.0
× 15.0 × 41.5
B32776T4126K000
8.0
8.0
8.0
1040
16
24.0
× 19.0 × 41.5
B32776T4166K000
9.0
9.0
7.0
780
30
20.0
× 39.5 × 41.5 10.2 B32776G4306+000 12.5
11.5
8.0
640
30
20.0
× 39.5 × 41.5
B32776E4306+000
11.5
10.5
9.0
640
35
28.0
× 37.0 × 42.0 10.2 B32776G4356+000 13.5
12.5
8.0
440
35
28.0
× 37.0 × 42.0
B32776E4356+000
12.5
11.5
9.0
440
40
28.0
× 37.0 × 42.0 10.2 B32776G4406+000 14.5
13.5
5.0
440
40
28.0
× 37.0 × 42.0
B32776E4406+000
13.5
12.5
5.5
440
50
28.0
× 42.5 × 41.5 10.2 B32776G4506+000 16.0
15.0
4.0
440
50
28.0
× 42.5 × 41.5
B32776E4506+000
15.0
14.0
4.0
440
60
30.0
× 45.0 × 42.0
B32776E4606+000
16.5
15.0
3.0
400
VR,70 °C = 575 V DC, Vop,85 °C = 500 V DC
8.5
24.0
× 15.0 × 41.5
B32776T5855+000
8.5
8.5
7.0
1040
12
24.0
× 19.0 × 41.5
B32776T5126K000
9.0
9.0
7.0
780
25
20.0
× 39.5 × 41.5 10.2 B32776G5256K000 11.5
11.5
4.75
640
25
20.0
× 39.5 × 41.5
B32776E5256K000
11.0
11.0
5.0
640
30
28.0
× 37.0 × 42.0 10.2 B32776G5306+000 14.0
14.0
3.85
440
30
28.0
× 37.0 × 42.0
B32776E5306+000
13.5
13.5
4.0
440
35
28.0
× 42.5 × 41.5 10.2 B32776G5356+000 14.5
14.0
3.75
440
35
28.0
× 42.5 × 41.5
B32776E5356+000
14.0
13.5
4.0
440
45
30.0
× 45.0 × 42.0 20.3 B32776G5456K000 16.5
16.5
2.85
400
45
30.0
× 45.0 × 42.0
B32776E5456K000
15.5
15.0
3.4
400
55
33.0
× 48.0 × 42.0 20.3 B32776G5556K000 19.0
19.0
2.4
180
B32776
MKP DC link
high density series
Page 6 of 21
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32778G1206+000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32778G1206 EPCOS-B32778G1206 Datasheet
313Kb / 21P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32778G1206000 TDK-B32778G1206000 Datasheet
1Mb / 45P
   Metallized Polypropylene Film Capacitors (MKP)
More results

Similar Description - B32778G1206+000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32651 EPCOS-B32651_11 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32794D2635K EPCOS-B32794D2635K Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
B32621A6223J EPCOS-B32621A6223J Datasheet
525Kb / 30P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MKP-B3267P TDK-MKP-B3267P Datasheet
494Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
logo
EPCOS
B32778G406K EPCOS-B32778G406K Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32652A3334J EPCOS-B32652A3334J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32674 EPCOS-B32674_11 Datasheet
326Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32654A474J EPCOS-B32654A474J Datasheet
503Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
B32676G6106K EPCOS-B32676G6106K Datasheet
308Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32653A1473J EPCOS-B32653A1473J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
B32674 TDK-B32674_16 Datasheet
2Mb / 40P
   Metallized Polypropylene Film Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com